PART |
Description |
Maker |
EMI271T-RC EMI103T-RC EMI220T-RC EMI222T-RC EMI101 |
FILTER EMI 270PF 200-300MHZ 5A 1 FUNCTIONS, 50 V, 5 A, DATA LINE FILTER FILTER EMI 10000PF 15-200MHZ 5A 1 FUNCTIONS, 50 V, 5 A, DATA LINE FILTER FILTER EMI 22PF 800MHZ 5A 50VDC 1 FUNCTIONS, 50 V, 5 A, DATA LINE FILTER FILTER EMI 2200PF 45-200MHZ 5A 1 FUNCTIONS, 50 V, 5 A, DATA LINE FILTER EMI T Network Filters Taped packaged for automated insertion Rated current: 5 A
|
Bourns, Inc. BOURNS INC Bourns Electronic Solutions
|
NFW31SP407X1E4L NFW31SP206X1E4L |
FILTER LC EMI 400MHZ 200MA 1206 1 FUNCTIONS, 25 V, 0.2 A, DATA LINE FILTER FILT, FILTER EMI 200MA 3DB CUTOFF 20MHZ 1 FUNCTIONS, 25 V, 0.2 A, DATA LINE FILTER
|
Murata Manufacturing Co., Ltd.
|
NFA31GD1011014D NFA31GD1001014D NFA31GD1004704D NF |
EMI FILTER, 6V 0.015A NFA31GD1011014 4 FUNCTIONS, 6 V, 0.015 A, DATA LINE FILTER 4 FUNCTIONS, 6 V, 0.02 A, DATA LINE FILTER FLT, S/M, EMI SUP, 100PF
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
QPI-11LZ-01 |
7 A V隆陇I Chip EMI Filter 7 A V・I Chip EMI Filter 1 FUNCTIONS, 50 V, 7 A, FERRITE CHIP ROHS COMPLIANT, LGA-10
|
Vicor Corporation
|
PACTF PAC101TFQR PAC101TFQT PAC201TFQR PAC101101TF |
P/active EMI/RFI tapped filter P/ACTIVE EMI/RFITAPPED FILTER
|
California Micro Devices Corporation
|
LX7202-22ISF LX7202 LX7202-15ISF |
Integrated EMI Filters and TVS diodes; Package: SF (6 Pin SOT-23); EMI Filter & ESD Protection for Up Stream USB Ports
|
MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP MICROSEMI[Microsemi Corporation]
|
EMIF10-COM01 |
EMI滤波器包括静电放电保 ±15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers; Temperature Range: -40°C to 85°C; Package: 8-MSOP EMI FILTER INCLUDING ESD PROTECTION EMI FILTER INCLUDING ESD PROTECTION
|
STMicroelectronics ST Microelectronics
|
EMIF06-10006F1 EMIF06-10006 |
±15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 6 LINES EMI FILTER AND ESD PROTECTION 6 LINES EMI FILTER AND ESD PROTECTION
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
AMH461 AMH461Y/CH |
1 FUNCTIONS, DATA LINE FILTER Hybrid - High Reliability EMI Filter
|
International Rectifier
|
4261-001 |
EMI/RFI FILTER Bushing #4 1 FUNCTIONS, 50 V, 3 A, DATA LINE FILTER
|
TUSONIX, Inc.
|
4203-067 |
EMI/RFI FILTER 1 FUNCTIONS, 100 V, 10 A, DATA LINE FILTER
|
TUSONIX, Inc.
|
P3717-AL Q4018-AL Q4007-AL |
Combination Line Filter Choke SINGLE PHASE EMI FILTER
|
Coilcraft lnc. COILCRAFT INC
|