PART |
Description |
Maker |
MAX4470 MAX4470EUK-T MAX4470EXK-T MAX4471 MAX4471E |
Single/Dual/Quad, !.8V/750nA, SC70, Rail-to-Rail Op Amps OP-AMP, 15000 uV OFFSET-MAX, 0.009 MHz BAND WIDTH, PDSO5 Single/Dual/Quad, !.8V/750nA, SC70, Rail-to-Rail Op Amps 四路1.8V/750nA、SC70封装、满摆幅运算放大 Single/Dual/Quad / !.8V/750nA / SC70 / Rail-to-Rail Op Amps "Single, 1.8V/750nA, SC70, Rail-to-Rail Op Amps" Single/Dual/Quad !.8V/750nA SC70 Rail-to-Rail Op Amps Single/Dual/Quad, 1.8V/750nA, SC70, Rail-to-Rail Op Amps
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
2SC1600D 2SC1642D NE57510 |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管|晶体管|叩| 20V的五(巴西)总裁|毫安一(c)|希捷- M3 TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 250MA I(C) | TO-46
|
Sanyo Denki Co., Ltd.
|
OM6035NM OM6036NM OM6037NM OM6034NM |
100V Single N-Channel Hi-Rel MOSFET in a SMD-1 package 500V Single N-Channel Hi-Rel MOSFET in a SMD-1 package 1000V Single N-Channel Hi-Rel MOSFET in a SMD-1 package SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管| MOSFET的| N沟道| 500V五(巴西)直| 11A条(丁)|贴片 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits
|
International Rectifier
|
0464-0350-01 0464-0025-01 0464-0200-01 0464-0250-0 |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 抽头延迟 Tapped Delay Line 抽头延迟
|
Bel Fuse, Inc.
|
MAX6381 MAX6381XRD-T MAX6382 MAX6382XRD-T MAX6383 |
4.63 V, 1200 ms, SC70, single/dual low-voltage, low-power mP reset circuit 2.63 V, 1200 ms, SC70, single/dual low-voltage, low-power mP reset circuit 2.19 V, 280 ms, SC70, single/dual low-voltage, low-power mP reset circuit 2.31 V, 560 ms, SC70, single/dual low-voltage, low-power mP reset circuit 1.67 V, 560 ms, SC70, single/dual low-voltage, low-power mP reset circuit 1.58 V, 560 ms, SC70, single/dual low-voltage, low-power mP reset circuit 1.58 V, 140 ms, SC70, single/dual low-voltage, low-power mP reset circuit 1.58 V, 20 ms, SC70, single/dual low-voltage, low-power mP reset circuit 2.63 V, 1120 ms, SC70, single/dual low-voltage, low-power mP reset circuit 3.08 V, 280 ms, SC70, single/dual low-voltage, low-power mP reset circuit 3.08 V, 560 ms, SC70, single/dual low-voltage, low-power mP reset circuit 3.08 V, 140 ms, SC70, single/dual low-voltage, low-power mP reset circuit 3.08 V, 1 ms, SC70, single/dual low-voltage, low-power mP reset circuit Analog IC 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 1024x4 CMOS RAM; Temperature Range: -55°C to 125°C; Package: 18-CerDIP 500MHz Rail-to-Rail Amplifier; Temperature Range: -55°C to 125°C; Package: 8-SBDIP 1.4GHz Current Feedback Amplifiers with Enable; Temperature Range: -55°C to 125°C; Package: 10-FlatPack ±15kV ESD Protected, 3.3V, 1µA, 250kbps, RS-232 Transmitter/Receiver; Temperature Range: -55°C to 125°C; Package: 20-CLCC N-Channel Logic Level PWM Optimized UltraFET Trench Power MOSFETs; Package: TO-263(D2PAK); No of Pins: 2; Container: Tape & Reel 360V EcoSPARK 500mJ N-Channel Ignition IGBT; Package: TO-263(D2PAK); No of Pins: 2; Container: Tape & Reel SC70, Single/Dual Low-Voltage, Low-Power ?? Reset Circuits 700-mW Mono, Class-AB Audio Amplifier with Active High Shutdown 8-MSOP-PowerPAD 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 Quad Operational Amplifier; Package: SOP; No of Pins: 14; Container: Rail 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 SC70, Single/Dual Low-Voltage, Low-Power レP Reset Circuits 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 SC70, Single/Dual Low-Voltage, Low-Power P Reset Circuits 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 DIODE SWITCHING DUAL COMMON-CATHODE 75V 215mA-Io 250mW 3000ns-trr SOT-23 3K/REEL SC70封装,单/双低电压,低功耗レP复位电路 CONNECT-CRIMP WL MT RCPT L/C SC70封装,单/双低电压,低功耗レP复位电路 *** UNUSED GENERIC #'S *** 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 SC70 Single/Dual Low-Voltage Low-Power µ.P Reset Circuits 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 SC70, Single/Dual Low-Voltage, Low-Power P Reset Circuits SC70封装,单/双低电压,低功耗レP复位电路 PCB PLUG-IN BASE FOR LPB RoHS Compliant: Yes SC70封装,单/双低电压,低功耗レP复位电路 700-mW Mono, Class-AB Audio Amplifier with Mono Headphone Drive 8-SOIC -40 to 85 SC70封装,单/双低电压,低功耗レP复位电路 SC70, Single/Dual Low-Voltage, Low-Power レP Reset Circuits SC70封装,单/双低电压,低功耗レP复位电路 1.25-W Mono, Fully Differential, Class-AB Audio Amp w/ 1.8V Compatible Shutdown Voltage (TPA6205) 8-SON -40 to 85 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 3.1-W Mono, Fully Differential, Class-AB Audio Amplifier 8-SON 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 1.7-W Mono, Fully Differential, Class-AB Audio Amplifier 8-SON -40 to 85 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 3.1-W Mono, Fully Differential, Class-AB Audio Amplifier 8-MSOP-PowerPAD 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 1.25-W Mono, Fully Differential, Class-AB Audio Amplifier 8-SON -40 to 85 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 700-mW Mono, Differential Input, Class-AB Audio Amplifier with Active High Shutdown 8-SOIC -40 to 85 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 700-mW Mono, Differential Input, Class-AB Audio Amplifier with Active High Shutdown 8-SOIC -40 to 85 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 FC/PC F.O. SINGLE MODE IN-LINE ATTENUATOR 10DB SC70封装,单/双低电压,低功耗レP复位电路 N-Channel RF Amplifier; Package: TO-92; No of Pins: 3; Container: Tape & Reel SC70封装,单/双低电压,低功耗レP复位电路 N-Channel RF Amplifier; Package: TO-92; No of Pins: 3; Container: Bulk SC70封装,单/双低电压,低功耗レP复位电路 N-Channel Switch; Package: TO-92; No of Pins: 3; Container: Tape & Reel SC70封装,单/双低电压,低功耗レP复位电路 N-Channel Switch; Package: TO-92; No of Pins: 3; Container: Ammo SC70封装,单/双低电压,低功耗レP复位电路 SC70, Single/Dual Low-Voltage, Low-Power レP Reset Circuits 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 CONNECT-CRIMP WL MT RCPT L/C 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 Fuses, 400mA 250V SB 5X15 BULK SC70封装,单/双低电压,低功耗レP复位电路 TWINAX T ADAPTER, JACK- JACK-J USB 2.0 B MALE (RT ANGLE)TO A M 4 FEET FF-LS Series, Type 4, Safety Light Curtain, 14 mm [0.55 in] resolution, 561 mm [22.10 in] protection height Chip Bead; Current Rating:200mA; Resistance:0.5ohm; Package/Case:1806; Frequency:100MHz; Impedance:150ohm; Impedance Tolerance: /- 25 Percent; Leaded Process Compatible:No; Mounting Type:Surface Mount RoHS Compliant: Yes CABLE ASSEMBLY; SMA MALE TO TNC MALE; 50 OHM, RG178B/U COAX 1A/650V 70KHz Power Switch; ; No of Pins: 8; Container: Rail SOLDER JAM NUT RECPT -SR SOLDER PLUG -SR 670MHz Low Noise Amplifiers; Temperature Range: -55°C to 125°C; Package: 8-SBDIP 500MHz Rail-to-Rail Amplifiers; Temperature Range: -55°C to 125°C; Package: 10-FlatPack ±15kV ESD Protected, 5.0V, 1µA, 250kbps, RS-232 Transmitter/Receiver; Temperature Range: -55°C to 125°C; Package: 20-CLCC ±15kV ESD Protected, 3.3V, 1µA, 250kbps, RS-232 Transmitter/Receiver; Temperature Range: -55°C to 125°C; Package: 28-CLCC LOW DROP POSITIVE VOLTAGE REGULATORS 360V EcoSPARK 500mJ N-Channel Ignition IGBT; Package: TO-263(D2PAK); No of Pins: 2; Container: Tape & Reel EcoSPARK 500mJ, 450V, N-Channel Ignition IGBT BOOT,HEATSHRINKABLE,STRAIN-RELIEF SC70 / Single/Dual Low-Voltage / Low-Power P Reset Circuits SC70 Single/Dual Low-Voltage Low-Power P Reset Circuits " SC70, Single/Dual Low- Voltage, Low-Power ?P Reset Circuits" SC70, Single/Dual Low-Voltage, Low-Power 楼矛P Reset Circuits SC70, Single/Dual Low-Voltage, Low-Power 渭P Reset Circuits SC70, Single/Dual Low-Voltage, Low-Power μP Reset Circuits SC70, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 700-mW Mono, Class-AB Audio Amplifier 8-SOIC 3.08 V, 20 ms, SC70, single/dual low-voltage, low-power mP reset circuit 3.08 V, 1120 ms, SC70, single/dual low-voltage, low-power mP reset circuit 3.08 V, 1200 ms, SC70, single/dual low-voltage, low-power mP reset circuit 1.58 V, 1 ms, SC70, single/dual low-voltage, low-power mP reset circuit 1.58 V, 1120 ms, SC70, single/dual low-voltage, low-power mP reset circuit 1.58 V, 280 ms, SC70, single/dual low-voltage, low-power mP reset circuit 1.58 V, 1200 ms, SC70, single/dual low-voltage, low-power mP reset circuit 1.67 V, 1 ms, SC70, single/dual low-voltage, low-power mP reset circuit 2.93 V, 1200 ms, SC70, single/dual low-voltage, low-power mP reset circuit 4.63 V, 560 ms, SC70, single/dual low-voltage, low-power mP reset circuit 4.38 V, 560 ms, SC70, single/dual low-voltage, low-power mP reset circuit 2.63 V, 280 ms, SC70, single/dual low-voltage, low-power mP reset circuit 1.67 V, 280 ms, SC70, single/dual low-voltage, low-power mP reset circuit
|
Maxim Integrated Produc... MAXIM INTEGRATED PRODUCTS INC 电源管理 友顺科技股份有限公司 Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] http:// MAXIM - Dallas Semiconductor
|
OLG209 OLR207 OLG210 OLG211 |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits Optoelectronic 光电 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits
|
|
MAX4470EWT MAX446411 MAX4470EUKT MAX4471EKAT MAX44 |
Single/Dual/Quad, 1.8V/750nA, SC70, Rail-to-Rail Op Amps Single/Dual/Quad, 1.8V/750nA, SC70, Rail-to-Rail Op Amps
|
http:// Maxim Integrated Products Maxim Integrated Produc...
|
2SC3585 2SC3585-T1B 2SC3585R43 2SC3585R45 2SC3585R |
For amplify microwave and low noise. MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISOR SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管|晶体管|叩| 10V的五(巴西)总裁| 35MA一(c)|的SOT - 346 TRANSISTOR | BJT | NPN | 10V V(BR)CEO | 35MA I(C) | SOT-346 晶体管|晶体管|叩| 10V的五(巴西)总裁| 35MA一(c)|的SOT - 346
|
NEC[NEC] NEC Corp. NEC, Corp.
|
2SB1443 2SA1797 A5800341 2SC4672T100P 2SC4672T100Q |
Power Transistor (-50V/ -2A) Transistors > Medium Power Bipolar Transistors(0.5W-1.0W) From old datasheet system Power Transistor (-50V, -2A) TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 2A I(C) | TO-243 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 2A I(C) | SIP SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管|晶体管|叩| 50V五(巴西)总裁|甲一(c)|43
|
Rohm Co., Ltd.
|
2SA1318S 2SA1318T 2SC3331V 2SC3331S 2SC3331T 2SC33 |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 200MA I(C) | TO-92 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 200MA I(C) | TO-92 晶体管|晶体管|叩| 50V五(巴西)总裁| 200mA的一(c)|2 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管|晶体管|叩| 50V五(巴西)总裁| 200mA的一(c)|2
|
SIEMENS AG Microsemi, Corp.
|
|