PART |
Description |
Maker |
ISL60002BIB812 ISL60002CIH325 ISL60002CIH312 ISL60 |
Precision 1.25V & 2.50V Low Voltage FGA References(绮惧?1.25V涓?.50V浣????GA?哄?) Precision 1.25V & 2.50V Low Voltage FGA References Precision 1.25V & 2.50V Low Voltage FGA References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 1.25 V, PDSO3 Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:6; Connector Shell Size:18; Connecting Termination:Crimp; Circular Shell Style:Box Mount Receptacle; Body Style:Straight Precision 1.25V & 2.50V Low Voltage FGA References
|
Intersil, Corp. Intersil Corporation
|
RS1505G |
VOLTAGE 50V ~ 1000V 15.0 AMP Glass Passivated Bridge Rectifiers
|
SeCoS Halbleitertechnologie...
|
IRG4PC40FD IRG4PC40 IRG4PC40FDPBF |
600V Fast 1-8 kHz Copack IGBT in a TO-247AC package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.50V, @Vge=15V, Ic=27A)
|
IRF[International Rectifier]
|
0569006612MJ9 0569063412MH5 0569010422MF4 05690254 |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits CAPACITOR 120UF 63V CAPACITOR 220UF 10V CAPACITOR 220UF 25V CAPACITOR 220UF 35V CAPACITOR 220UF 50V CAPACITOR 220UF 63V CAPACITOR 330UF 16V CAPACITOR 2200UF 16V CAPACITOR 1000UF 25V CAPACITOR 1000UF 35V 电容2200UF 35V CAPACITOR 470UF 50V 电容470UF 50V SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 6.3V的电600UF CAPACITOR 4700UF 16V 16V的电700UF CAPACITOR 2.2UF 50V 电容2.2uF0V CAPACITOR 120UF 25V 25V的电20UF
|
TE Connectivity, Ltd. Honeywell International, Inc. Motorola Mobility Holdings, Inc. ITT, Corp.
|
2SC780AGTM 2SC780ATM 2SC970 2SC372TM 2SA509GTM 2SC |
Low-Power, Single/Dual-Voltage µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay TRANSISTOR | BJT | NPN | 150V V(BR)CEO | 30MA I(C) | TO-92 TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 100MA I(C) | TO-18 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 100MA I(C) | TO-92 TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 150MA I(C) | TO-92 TRANSISTOR | BJT | NPN | 70V V(BR)CEO | 100MA I(C) | TO-92 TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 150MA I(C) | TO-92 晶体管|晶体管|进步党| 50V五(巴西)总裁| 150毫安一(c)|92 3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors 晶体管|晶体管|叩| 50V五(巴西)总裁| 150毫安一(c)|2 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits
|
Air Cost Control
|
IRG4PC40 IRG4PC40F IRG4PC40F-EPBF |
600V Fast 1-8 kHz Discrete IGBT in a TO-247AC package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.50V, @Vge=15V, Ic=27A) 49 A, 600 V, N-CHANNEL IGBT, TO-247AD TO-247AD, 3 PIN
|
IRF[International Rectifier] Vishay Intertechnology, Inc.
|
MBRB30H150CT-1 MBRF30H150CT MBR30H150CT MBR30H150C |
27PF 5% 50V NPO MLCC 0402 CAP,50V,NPO SMD, 0402 Dual High-Voltage Schottky Rectifiers, Forward Current 30A, Reverse Voltage 150V Diodes
|
Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
ICL7663 ICL7663ACPA ICL7663ACSA ICL7663AIJA ICL766 |
High-Performance Impact<TM> PAL<R> Circuits 28-PLCC 0 to 75 Programmable Positive Voltage Regulator "Low-Power, Adjustable- Output, Positive-Voltage Linear Regulator" 5.0 AMP POSITIVE VOLTAGE REGULATOR
|
MAXIM INTEGRATED PRODUCTS INC MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
SGFM101C-D2 |
10.0A SURFACE MOUNT SUPER FAST RECTIFIERS -50V- 600V
|
WILLAS ELECTRONIC CORP
|
4608H-701-332/472 4608H-701-332/272 4608H-701-332/ |
RC NETWORK, BUSSED, 3300ohm, 50V, 0.0047uF, THROUGH HOLE MOUNT, SIP-8 SIP RC NETWORK, BUSSED, 3300ohm, 50V, 0.0027uF, THROUGH HOLE MOUNT, SIP-8 SIP RC NETWORK, BUSSED, 3300ohm, 50V, 0.047uF, THROUGH HOLE MOUNT, SIP-8 SIP RC NETWORK, BUSSED, 3300ohm, 50V, 0.000047uF, THROUGH HOLE MOUNT, SIP-8 SIP RC NETWORK, BUSSED, 3300ohm, 50V, 0.00047uF, THROUGH HOLE MOUNT, SIP-8 SIP RC NETWORK, BUSSED, 100000ohm, 50V, 0.015uF, THROUGH HOLE MOUNT, SIP-8 RC NETWORK, BUSSED, 82ohm, 50V, 0.00012uF, THROUGH HOLE MOUNT, SIP-10 RC NETWORK, BUSSED, 82ohm, 50V, 0.00022uF, THROUGH HOLE MOUNT, SIP-10 RC NETWORK, BUSSED, 390000ohm, 50V, 0.027uF, THROUGH HOLE MOUNT, SIP-10 RC NETWORK, BUSSED, 1500ohm, 50V, 0.015uF, THROUGH HOLE MOUNT, SIP-8 RC NETWORK, BUSSED, 10000ohm, 50V, 0.015uF, THROUGH HOLE MOUNT, SIP-8 RC NETWORK, BUSSED, 330ohm, 50V, 0.0001uF, THROUGH HOLE MOUNT, SIP-8 RC NETWORK, BUSSED, 100ohm, 50V, 0.0047uF, THROUGH HOLE MOUNT, SIP-10 RC NETWORK, BUSSED, 33ohm, 50V, 0.000047uF, THROUGH HOLE MOUNT, SIP-8 RC NETWORK, BUSSED, 1200ohm, 50V, 0.047uF, THROUGH HOLE MOUNT, SIP-8 RC NETWORK, BUSSED, 33ohm, 50V, 0.00047uF, THROUGH HOLE MOUNT, SIP-9 Thick Film Resistor Network; Series:4600X; Resistance:22ohm; Resistance Tolerance: 5, - 20%; Power Rating:1.13W; Operating Temperature Range:-55 C to ? C; Resistor Element Material:Thick Film; Voltage Rating:100VDC RoHS Compliant: No RC NETWORK, BUSSED, 100000ohm, 50V, 0.0039uF, THROUGH HOLE MOUNT, SIP-8 RC NETWORK, BUSSED, 33000ohm, 50V, 0.001uF, THROUGH HOLE MOUNT, SIP-8 RC NETWORK, BUSSED, 15000ohm, 50V, 0.00068uF, THROUGH HOLE MOUNT, SIP-9 RC NETWORK, BUSSED, 15000ohm, 50V, 0.00033uF, THROUGH HOLE MOUNT, SIP-8 RC NETWORK, BUSSED, 100000ohm, 50V, 0.033uF, THROUGH HOLE MOUNT, SIP-9 RC NETWORK, BUSSED, 330ohm, 50V, 0.00033uF, THROUGH HOLE MOUNT, SIP-9
|
Bourns, Inc. BOURNS INC
|
SFG16UD600 SFG16UD100 SFG16UD400 SFG16UD200 |
Voltage 200V ~600V 16.0 Amp Super Fast Rectifier Voltage 200V ~ 600V16.0 Amp Super Fast Rectifier
|
SeCoS Halbleitertechnologie GmbH SeCoS Halbleitertechnol...
|
|