PART |
Description |
Maker |
DAC8420FSZ-REEL DAC8420FS-REEL DAC8420EPZ DAC8420F |
QUAD, SERIAL INPUT LOADING, 8 us SETTLING TIME, 12-BIT DAC, PDSO16 ROHS COMPLIANT, MS-013AA, SOIC-16 Quad 12-Bit Serial Voltage Output DAC QUAD, SERIAL INPUT LOADING, 8 us SETTLING TIME, 12-BIT DAC, PDSO16 Quad 12-Bit Serial Voltage Output DAC; Package: PDIP; No of Pins: 16; Temperature Range: TBD QUAD, SERIAL INPUT LOADING, 8 us SETTLING TIME, 12-BIT DAC, PDIP16
|
Analog Devices, Inc.
|
MAX5253 MAX5253ACAP MAX5253ACPP MAX5253AEAP MAX525 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C SERIAL INPUT LOADING, 16 us SETTLING TIME, 12-BIT DAC, PDIP20 3V / Quad / 12-Bit Voltage-Output DAC with Serial Interface 3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface 3V Quad 12-Bit Voltage-Output DAC with Serial Interface
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
MAX537BC/D MAX536BC/D MAX536-MAX537 MAX537AEPE |
Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface QUAD, SERIAL INPUT LOADING, 3 us SETTLING TIME, 12-BIT DAC, PDIP16 Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface 校准型、四路2位、电压输出DAC,串行接 Calibrated / Quad / 12-Bit Voltage-Output DACs with Serial Interface
|
Maxim Integrated Products, Inc.
|
S2061 |
Serial Backplane Transceiver(用于高速串行数据传送的收发
|
Applied Micro Circuits Corp.
|
AM26LS38 |
Quad Differential Backplane Transceiver
|
AMD
|
MAX514BCWIT |
CMOS Quad, 12-Bit, Serial-Input Multiplying DAC QUAD, SERIAL INPUT LOADING, 0.25 us SETTLING TIME, 12-BIT DAC, PDSO28
|
Maxim Integrated Products, Inc.
|
ISL22346UFRT20Z ISL22346WFRT20Z ISL22346UFV20Z |
Quad Digitally Controlled Potentiometers QUAD 50K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 128 POSITIONS, PDSO20
|
Intersil Corporation Intersil, Corp.
|
M54HC375 M54HC375F1R M74HC375 M74HC375B1R M74HC375 |
QUAD D TYPE LATCH 8-Bit, 10 us Quad DAC, Serial Input, Simple 2 Wire Interface, Prgrmmble 1x or 2x Output, PowerDown 14-SOIC -40 to 85
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
HI-8685PST-10 HI-8685PJI HI-8685PJI-10 HI-8685PJT- |
System component for interfacing incoming ARINC 429 signals to 16-bit parallel data ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 16-BIT PARALLEL DATA 1 CHANNEL(S), SERIAL COMM CONTROLLER, PQCC28 384 MCELL 3 VOLT ZERO POWER ISP CPLD - NOT RECOMMENDED for NEW DESIGN ARINC 429 & 561 SerialDatato16-BitParallelData ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 16-BIT PARALLEL DATA
|
Holt Integrated Circuit... HOLT INTEGRATED CIRCUITS INC Holt Integrated Circuits, Inc. http://
|
24LC02B-/P 24LC02B-I/SM 24LC01B-I/P 24LC01B-I/ST 2 |
Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs Stand-Alone OCV-Based Fuel Gauge Stand-Alone Fuel Gauge IC Low Power Transceiver Chip Evaluation Board/Evaluation System for the DS28CM00 I2C/SMBus Silicon Serial Number Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers I2C/SMBus Silicon Serial Number 1-Wire Digital Potentiometer Single/Dual/Triple/Quad ATM/Packet PHYs for DS3/E3/STS-1 I2C Serial EEPROM I2C串行EEPROM
|
Microchip Technology, Inc.
|
AD9228BCPZRL-65 |
Quad, 12-bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter 4-CH 12-BIT PROPRIETARY METHOD ADC, SERIAL ACCESS, QCC48
|
Analog Devices, Inc.
|