PART |
Description |
Maker |
S2065 |
Quad Serial Backplane Device with Dual I/O(带双传送接收串行I/O的四收发
|
Applied Micro Circuits Corp.
|
S2064 |
Quad Serial Backplane Device(用于以太网,光纤通道高速串行数据传送的四收发器)
|
Applied Micro Circuits Corp.
|
VSC870 VSC870TX |
High Performance Serial Backplane Transceiver
|
Vitesse Semiconductor Corporation.
|
VSC056XKM |
Enhanced Two-Wire Serial Backplane Controller
|
Maxim Integrated Products
|
PIC18F8720-E/PT PIC18F8720-I/PT PIC18F8720T-I/PT P |
64/80-Pin High-Performance, 256 Kbit to 1 Mbit Enhanced Flash Microcontrollers with A/D (PIC18Fxx20) Enhanced Flash Microcontrollers The PIC18F8520 is the natural extension of the PIC18F452 device, providing more RAM, more I/Os, a second serial communication port ... The PIC18F6520 is the natural extension of the PIC18F452 device, providing more RAM, more I/Os, a second serial communication port ... Ideal for connectivity applications that benefit from the availability of the double asynchronous serial port, the flexible synchronous ...
|
http:// Microchip Technology
|
CAT24C21 CAT24C21JETE13 CAT24C21JITE13 CAT24C21LET |
1-kb Dual Mode Serial EEPROM for VESA?/a> Plug-and-Play 1-kb Dual Mode Memory for VESA? DDC?compatible Plug & Play monitors 1-kb Dual Mode Serial EEPROM for VESA Plug-and-Play 1-kb Dual Mode Serial EEPROM for VESA⑩ Plug-and-Play 1-kb Dual Mode Serial EEPROM for VESAPlug-and-Play 1 - KB的双模式串行EEPROM的韦莎⑩随插即用播放 1-kb Dual Mode Serial EEPROM for VESA?/a> Plug-and-Play
|
CATALYST[Catalyst Semiconductor]
|
WM2617CD WM2617 WM2617ID |
From old datasheet system DUAL 10-BIT SERIAL INPUT VOLTAGE DAC Dual 10-Bit Serial DAC with Power Down TVS UNIDIR 600W 8.5W SMB
|
WOLFSON[Wolfson Microelectronics plc]
|
24LC21A_03 24LC21A 24LC21A1-_P 24LC21A1-_SN 24LC21 |
1K 2.5V Dual Mode I2C Serial EEPROM The 24LC21A is a 128 x 8-bit dual-mode Serial Electrically Erasable PROM designed to meet the plug-and-play requirements of today’s ... The 24LC21A is a 128 x 8-bit dual-mode Serial Electrically Erasable PROM designed to meet the plug-and-play requirements of today’s advanced monitors. The 24LC21A represents a simple, low-cost route to meeting the stringent standards 1K 2.5V Dual Mode I 2 C Serial EEPROM
|
MICROCHIP[Microchip Technology] Microchip Technology Inc.
|
U6815BM U6815BM-NFL U6815BM-NFLG3 T6815BM-NFL |
Dual Hex DMOS output driver with serial input control. Dual Hexdriver with serial input control
|
ATMEL[ATMEL Corporation] Atmel Corp.
|
MAX522 MAX522CPA MAX522CSA MAX522EPA MAX522ESA 112 |
From old datasheet system Dual, 8-Bit, Voltage-Output Serial DAC in 8-Pin SO Package Dual / 8-Bit / Voltage-Output Serial DAC in 8-Pin SO Package Dual Differential Drivers and Receivers With /-15-kV IEC ESD Protection 16-VQFN -40 to 85
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
EPCS1 EPCS4SI8 EPCS1SI8N EPCS4 |
From old datasheet system Serial Configuration Device Family
|
ALTERA
|
AM24LC21SA AM24LC21 AM24LC21IN AM24LC21INA AM24LC2 |
The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each Dual Mode/ 1K-bits (128 x 8) 2-Wire Serial EEPROM Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
|
Anachip Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|