PART |
Description |
Maker |
MC13190 MC13190D MC13190FC |
2.4 GHz Short-Range, Low-Power Transceiver 2.4 GHz的短距离,低功耗收发器 2.4 GHz Short-Range / Low-Power Transceiver 2.4 GHz Short-Range Low-Power Transceiver
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|
MC13191FC MC13191FCR2 |
2.4 GHz ISM Band Low Power Transceiver
|
Freescale Semiconductor, Inc
|
ADF7241 |
Low Power IEEE 802.15.4 Zero-IF 2.4 GHz Transceiver IC
|
Analog Devices
|
MC13201_07 13201 MC13201 |
2.4 GHz Low Power Transceiver for the IEEE㈢ 802.15.4 Standard
|
FREESCALE[Freescale Semiconductor, Inc]
|
PC13180FC |
2.4 GHz Low Power Wireless Transceiver IC for Bluetooth Applications
|
Motorola, Inc
|
AT86RF230-ZU AT86RF23007 |
Low Power 2.4 GHz Radio Transceiver for ZigBee and IEEE 802.15.4 Applications Low Power 2.4 GHz Radio Transceiver for ZigBee?/a> and IEEE 802.15.4?/a> Applications
|
ATMEL Corporation
|
AT86RF230-ZU |
Low Power 2.4 GHz Transceiver for ZigBee, IEEE 802.15.4, 6LoWPAN, RF4CE and ISM
|
ATMEL Corporation
|
MC13191 |
The MC13191 is a short range, low power, 2.4 GHz band transceiver designed for low-cost,
simple point-to-point and star network applications.
|
FREESCALE
|
8485A 8485D Q8486D W8486A R8486A Q8486A R8486D E44 |
8485A Power Sensor, 50 MHz to 26.5 GHz 8485D Diode Power Sensor, 50 MHz to 26.5 GHz Q8486D Waveguide Power Sensor, 33 GHz to 50 GHz W8486A Waveguide Power Sensor, 75 GHz to 110 GHz R8486A Thermocouple Waveguide Power Sensor, 26.5 GHz to 40 GHz Q8486A Thermocouple Waveguide Power Sensor, 33 GHz to 50 GHz R8486D Waveguide Power Sensor, 26.5 GHz to 40 GHz E4412A Wide Dynamic Range Power Sensor, E-Series E4413A Wide Dynamic Range Power Sensor, E-Series V8486A V-band Power Sensor, 50 GHz to 75 GHz 8482B High-Power Sensor, 100 kHz to 4.2 GHz, 25W 8487A Power Sensor, 50 MHz to 50 GHz 8482H Power Sensor, 100 kHz to 4.2 GHz, 3 W 8481D Diode Power Sensor, 10 MHz to 18 GHz
|
Agilent (Hewlett-Packard)
|
LTC1484C LTC1484CN8 |
Low-Power LinCMOS(TM) Quad Comparator 14-CDIP -55 to 125 LINE TRANSCEIVER, PDIP8 Low Power RS485 Transceiver with Receiver Fail-Safe
|
Linear Technology, Corp.
|
ATR2820-PNQG |
Low IF WDCT 5.8 GHz Transceiver
|
Atmel Corp.
|