PART |
Description |
Maker |
ADSP-21369BBP-2A ADSP-21368BBP-2A ADSP-21367KBP-2A |
SHARC Processors 32-BIT, 55.56 MHz, OTHER DSP, PBGA256 32-BIT, 66.67 MHz, OTHER DSP, PBGA256 MO-192BAL-2, BGA-256 High-Performance 32-bit Floating-Point SHARC Processor for General Purpose Applications; Package: 208 Ld LQFP(28x28 w_8.9mm_heatsink); No of Pins: 208; Temperature Range: Comm. 32-BIT, 44.44 MHz, OTHER DSP, PQFP208 32-BIT, 55.56 MHz, OTHER DSP, PQFP208 32-BIT, 61.012 MHz, OTHER DSP, PQFP208
|
Analog Devices, Inc. ANALOG DEVICES INC
|
FL07-0002-G FL07-0002-G-RTR FL07-0002-G-TR |
DC-2000 MHz, low cost SMT low pass filter Low Cost SMT Low Pass Filter DC - 2000 MHz 低成本表面贴装低通滤波器直流- 2000兆赫
|
MA-Com Tyco Electronics
|
FL07-0001-G FL07-0001-G-RTR FL07-0001-G-TR |
DC-1000 MHz, low cost SMT low pass filter Low Cost SMT Low Pass Filter DC - 1000 MHz 低成本表面贴装低通滤波器直流- 1000兆赫
|
MA-Com Tyco Electronics Microsemi, Corp.
|
AD8057 AD8057ACHIPS AD8057AR AD8057AR-REEL AD8057A |
Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers OP-AMP, 5000 uV OFFSET-MAX, PDSO5 Low Cost/ High Performance Voltage Feedback/ 325 MHz Amplifiers
|
Analog Devices, Inc. AD[Analog Devices]
|
ADSP-21160MKB-80 |
SHARC, 80 MHz, 600 MFLOPS, 3.3v I/O, 2.5v core, floating point DSP Microcomputer 64-BIT, 80 MHz, OTHER DSP, PBGA400
|
Analog Devices, Inc.
|
AD8617ARMZ AD8613AKSZ-R2 AD8613AKSZ-REEL AD8613AUJ |
Low Cost Micropower, Low Noise CMOS Rail-to-Rail Input/Output Operational Amplifier; No of Pins: 8; Temperature Range: Industrial DUAL OP-AMP, 2200 uV OFFSET-MAX, 0.35 MHz BAND WIDTH, PDSO8 Low Cost Micropower, Low Noise CMOS Rail-to-Rail, Input/Output Operational Amplifiers
|
Analog Devices, Inc.
|
AD741 AD741LH AD741H |
Low Cost/ High Accuracy IC Op Amps ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection Low Cost, High Accuracy IC Op Amps OP-AMP, 6000 uV OFFSET-MAX, 1 MHz BAND WIDTH, MBCY8
|
Analog Devices, Inc.
|
MAFLCC0007-TB |
Low Cost SMT Low Pass Filter DC - 2000 MHz
|
Tyco Electronics
|
MA4EX950L-1225 MA4EX950L-1225T NJG1557KB2-L8 NJG15 |
Low Cost Silicon Double Balanced HMIC Mixer, 700 - 1200 MHz 低成本硅双平衡HMIC搅拌机,700 - 1200兆赫 Low Cost Silicon Double Balanced HMICMixer, 700 - 1200 MHz 低成本硅HMIC⑩双平衡混频器,700 - 1200兆赫
|
MACOM[Tyco Electronics] Microsemi, Corp.
|
MAPD-007352-000100 |
1761.5 MHz - 2047.6 MHz RF/MICROWAVE SPLITTER, 1.4 dB INSERTION LOSS Low Cost Three-Way GMIC SMT Power Divider, 1761.5 - 2047.6 MHz
|
M/A-COM Technology Solutions, Inc.
|
ADM705 ADM705AN ADM705AR ADM706 ADM706AN ADM706AR |
3 V/ Voltage Monitoring uP Supervisory Circuits Low Cost uP Supervisory Circuits 低成本的监控电路 Low Cost uP Supervisory Circuits 2-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDIP8 Low Cost P Supervisory Circuits Low Cost uP Supervisory Circuits
|
ANALOG DEVICES INC Analog Devices, Inc. AD[Analog Devices]
|