PART |
Description |
Maker |
PEEL22CV10API15 |
Advanced Low Power 5V RS232 Drivers/Receivers with Small Capacitors (Includes LT1130 thru LT1141); Package: PDIP; No of Pins: 20; Temperature Range: 0°C to 70°C Advanced Low Power 5V RS232 Drivers/Receivers with Small Capacitors (Includes LT1130 thru LT1141); Package: PDIP; No of Pins: 20; Temperature Range: 0°C to 70°C 专用集成电路
|
Electronic Theatre Controls, Inc.
|
LT1237 LT1237C LT1237CG LT1237CNW LT1237CSW 1237FA |
From old datasheet system 5V RS232 Transceiver with Advanced Power Management and One Receiver Active in Shutdown
|
LINER[Linear Technology]
|
LT1039-16 LT1039CSW LT1039CSW16 LT1039MJ LT1039MJ1 |
From old datasheet system RS232 Driver/Receiver with Shutdown Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C
|
LINER[Linear Technology] Linear Technology Corporation
|
LT1039CN16 LT10391 LT1039ISW LT1039CSWTR LT1039IN |
RS232 Driver/Receiver Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C TRIPLE LINE TRANSCEIVER, PDSO18
|
Linear Technology, Corp.
|
LT1137A LTC1387 LTC1383 |
Low Power 5V RS232 Dual Driver/Receiver with
|
Linear Technology
|
TSSOPSP3220ECY/TR WSOICSP3220ECT/TR SSOPSP3220ECA/ |
3.0V to 5.5V RS-232 Driver/Receiver Pair Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C Low Power 5V RS232 Dual Driver/Receiver with 0.1?碌F Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?掳C to 85?掳C
|
Sipex Corporation
|
CXA1634 CXA1634M CXA1634P |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件 PRE-POWER AMPLIFIER FOR POCKETABLE STEREO CASSETTE PLAYER
|
Sony, Corp. SONY[Sony Corporation]
|
CXA1700AR |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C
|
Sony Corporation
|
CXA1854AR |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C
|
Sony Corporation
|
PFLDL-TTL5-7J PFLDL-TTL5-4F PFLDL-TTL5-6G PFLDL-TT |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 4.5A, 500kHz Step-Down Switching Regulator 5MHz, 3V/us, Low Power Single Supply, Dual and Quad Precision Op Amps; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 5MHz, 3V/us, Low Power Single Supply, Dual and Quad Precision Op Amps; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C SEPIC Constant- or Programmable-Current/Constant-Voltage Battery Charger; Package: DD PAK; No of Pins: 7; Temperature Range: 0°C to 70°C Advanced Low Power 5V RS232 Transceiver with Small Capacitors; Package: SO; No of Pins: 28; Temperature Range: 0°C to 70°C 3A Low Dropout Regulator for Microprocessor Applications; Package: TO-220; No of Pins: 5; Temperature Range: 0°C to 70°C Ultralow Noise 2A Switching Regulator; Package: SO; No of Pins: 16; Temperature Range: -40°C to 85°C 1.4nV/Rt.Hz 180MHz Filter Building Block; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C Advanced Low Power 5V RS232 Transceiver with Small Capacitors; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C Constant-Voltage/Constant-Current Battery Charger; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Very Low Noise, High Frequency Active RC, Filter Building Block; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C Ultralow Noise 2A Switching Regulator; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C SEPIC Constant-Current/Constant-Voltage Battery Charger; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown; Package: SOT; No of Pins: 3; Temperature Range: 0°C to 70°C Constant-Voltage/Constant-Current Battery Charger; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps; Package: PDIP; No of Pins: 14; Temperature Range: 0°C to 70°C 3A Low Dropout Regulator for Microprocessor Applications; Package: TO-220; No of Pins: 5; Temperature Range: 0°C to 70°C 逻辑IC RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 抗辐射高效,5安培开关稳压器 Very Low Noise, High Frequency Active RC, Filter Building Block; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 逻辑IC Logic IC 逻辑IC 1.5uA Max, Single, Dual and Quad Precision Rail-to-Rail Input and Output Op Amps; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 逻辑IC 300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown; Package: SOT; No of Pins: 3; Temperature Range: 0°C to 70°C 逻辑IC Advanced Low Power 5V RS232 Transceiver with Small Capacitors; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C 逻辑IC 1.5uA Max, Single, Dual and Quad Precision Rail-to-Rail Input and Output Op Amps; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C 逻辑IC 10MHz, 6V/us, Dual/Quad Rail-to-Rail Input and Output Precision C-Load Op Amps; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 逻辑IC 1.5uA Max, Single, Dual and Quad Precision Rail-to-Rail Input and Output Op Amps; Package: SO; No of Pins: 14; Temperature Range: 0°C to 70°C 逻辑IC
|
NIC Components, Corp. Electronic Theatre Controls, Inc. BCD Semiconductor Manufacturing, Ltd. Omron Electronics, LLC NXP Semiconductors N.V. Ecliptek, Corp. ITT, Corp.
|
LT1332 LT1332CG LT1332CN LT1332CS |
From old datasheet system Wide Supply Range Low Power RS232 Transceiver with 12V VPP Output for Flash Memory
|
LINER[Linear Technology]
|