PART |
Description |
Maker |
74AUP1Z04GF 74AUP1Z04GM 74AUP1Z04GW |
Low-power X-tal driver with enable and internal resistor
|
NXP Semiconductors
|
74LVC1GX04GV 74LVC1GX04GW 74LVC1GX04 |
From old datasheet system X-TAL DRIVER
|
PHILIPS[Philips Semiconductors]
|
ACZ16NBR5E-15FA1-12 ACZ16NBR5E-15FA1-12C ACZ16NBR5 |
mec hanic al incr emen tal encoder
|
CUI INC,
|
LT1039A-16 LT1039A LT1039ACN1 LT1039ACSW LT1039AI |
Triple RS232 Driver/Receiver with Shutdown From old datasheet system TERM BLOCK HDR 5.08MM 15POS PCB JT 61C 61#20 SKT RECP Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C TRIPLE LINE TRANSCEIVER, PDSO18 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C TRIPLE LINE TRANSCEIVER, PDIP16 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C TRIPLE LINE TRANSCEIVER, PDSO16
|
LINER[Linear Technology] Linear Technology Corporation Linear Technology, Corp.
|
BU9718KV |
Picture cell driver for STN LCD driver for low voltage power supplies
|
ROHM[Rohm]
|
74AUP2G126GM 74AUP2G126DC 74AUP2G126GD 74AUP2G126G |
Low-power dual buffer/line driver; 3-state Low-power dual buffer/line driver; 3-state; Package: SOT902-1 (XQFN8U); Container: Reel Pack, Reverse, Reverse
|
NXP Semiconductors
|
LTC6403IUD-1-PBF LTC6403IUD-1-TRPBF LTC6403CUD-1-P |
200MHz, Low Noise, Low Power Fully Differential Input/Output Amplifi er/Driver
|
Linear Technology
|
SP385EEA/TR SP385ECA/TR SP385ECT/TR |
Enhanced 3V or 5V RS-232 Line Driver/Receiver Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C
|
Sipex Corporation
|
74AUP2G240GS |
Low-power dual inverting buffer-line driver; 3-state AUP/ULP/V SERIES, DUAL 1-BIT DRIVER, INVERTED OUTPUT, PDSO8
|
NXP Semiconductors N.V.
|
UPD4722GS-GJG UPD4722 UPD4722GS-GJG-E2 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C RS-232 LINE DRIVER/RECEIVER AT 3.3 V/5 V 3.3V applicability RS-232 line driver/receiver
|
NEC Corp. NEC[NEC]
|
EL1501 EL1501C EL1501CM |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C Differential Line Driver/Receiver
|
Intersil, Corp. ELANTEC[Elantec Semiconductor]
|