PART |
Description |
Maker |
XE164FN XE164FN-16F80L XE164FN-24F80L XE164FN-40F8 |
16-Bit Single-Chip Real Time Signal Controller
|
Infineon Technologies AG http://
|
UPD78310-1B UPD78310L UPD78P312G-36 UPD78312L UPD7 |
8-BIT, SINGLE-CHIP CMOS MICROCOMPUTERS, REAL-TIME CONTROL ORIENTED
|
NEC[NEC]
|
SAF-XE164GM-72F80L SAF-XE164KM-48F80L SAF-XE164GM- |
Power MOSFETs 16-Bit Single-Chip Real Time Signal Controller
|
Infineon Technologies AG Infineon Technologies A...
|
XE162HN-24F80L XE162FN-24F80L XE162FN-16F80L XE162 |
16-Bit Single-Chip Real Time Signal Controller XE166 Family / Value Line
|
Infineon Technologies AG
|
DS2404-001 DS2404B |
EconoRAM Time Chip 0 TIMER(S), REAL TIME CLOCK, PDIP16 0 TIMER(S), REAL TIME CLOCK, PDSO16
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
LC866008 LC866012 LC866016 LC866020 LC866024 LC866 |
CMOS 8-Bit Single-Chip Microcomputers 8-Bit Single Chip Microcontroller with One-Time PROM
|
SANYO[Sanyo Semicon Device]
|
M38037M6-122FP M38037M6-133FP M38037M6-154FP M3803 |
RAM size: 2048bytes single chip 8-bit CMOS microcomputer RAM size: 1536bytes single chip 8-bit CMOS microcomputer RAM size: 768bytes single chip 8-bit CMOS microcomputer SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 3803/04 Group: General Purpose, with Flash RAM size: 256bytes single chip 8-bit CMOS microcomputer RAM size: 640bytes single chip 8-bit CMOS microcomputer RAM size: 896bytes single chip 8-bit CMOS microcomputer RAM size: 512bytes single chip 8-bit CMOS microcomputer RAM size: 384bytes single chip 8-bit CMOS microcomputer RAM size: 1024bytes single chip 8-bit CMOS microcomputer RAM size: 3804bytes single chip 8-bit CMOS microcomputer RAM size: 192bytes single chip 8-bit CMOS microcomputer
|
MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation
|
ISL120291012 ISL12029AIB27Z ISL12029AIV27Z ISL1202 |
Real Time Clock/Calendar with I2C Bus and EEPROM Real Time Clock/Calendar with EEPROM 1 TIMER(S), REAL TIME CLOCK, PDSO14
|
Intersil Corporation Intersil, Corp.
|
LC66E308 LC66P308 LC66P2516 LC66P2108 LC665316A LC |
Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM 四位单芯12微控制器,和16 KB的片上ROM Advanced LinCMOS(TM) Rail-To-Rail Quad Operational Amplifier 14-TSSOP 0 to 70 Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM 4-bit Microcontroller with Built-in PROM
|
Sanyo Electric Co., Ltd. Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device] http://
|
DS83C530-DS87C530 DS87C530-ECL DS87C530-ENL DS87C5 |
33 MHz, EPROM/ROM microcontroller with real-time clock EPROM/ROM Microcontrollers with Real-Time Clock EPROM MICRO WITH REAL TIME CLOCK
|
MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
ISL12021 ISL12021CVZ ISL12021IVZ |
Real Time Clock with On Chip Temp Compensation 【5ppm
|
Intersil Corporation
|
DS1306 DS1306E DS1306ETR DS1306E/TR DS1306N DS1306 |
Serial Alarm Real-Time Clock 0 TIMER(S), REAL TIME CLOCK, PDSO20
|
MAXIM INTEGRATED PRODUCTS INC
|