PART |
Description |
Maker |
2SA1708S-AN EN3094B 2SC4488T-AN 2SC4488S-AN |
Bipolar Transistor Bipolar Transistor Adoption of FBET, MBIT processes Bipolar Transistor ?0V, ?A, Low VCE(sat) PNP Single PCP
|
ON Semiconductor
|
FZT1151A FZT1151ATA FZT1151A-15 |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 30V to 50V PNP Low Sat Transistor TRANS PNP -40V -3000MA SOT-223 3 A, 40 V, PNP, Si, POWER TRANSISTOR PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR 3 A, 40 V, PNP, Si, POWER TRANSISTOR
|
Zetex Semiconductors Diodes Incorporated Zetex Semiconductor PLC
|
SUTP052G |
Dual PNP Bipolar transistor
|
KODENSHI KOREA CORP.
|
ZXTP23015CFHTA ZETEXSEMICONDUCTOR-ZXTP23015CFH07 |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 15V, SOT23, PNP medium power transistor 5000 mA, 15 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Incorporated
|
DSS60600MZ4 DSS60600MZ4-13 |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 55V to 100V 6 A, 60 V, PNP, Si, POWER TRANSISTOR GREEN, PLASTIC PACKAGE-4 LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
|
Diodes, Inc. Diodes Incorporated
|
ZXT10P12DE6 ZXT10P12DE6TA ZXT10P12DE6TC |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR PNP Low Sat Transistor
|
Diodes Incorporated ZETEX[Zetex Semiconductors]
|
PHPT610035PK |
PNP/PNP matched high power double bipolar transistor
|
NXP
|
BCY40A BCY40A.MODE1 |
250 mA, 24 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-205AA Bipolar PNP Device in a Hermetically sealed TO5
|
SEMELAB LTD Seme LAB
|
PO38 |
Bipolar PNP Device in a Hermetically sealed TO39 TRANSISTOR | BJT | PNP | 300V V(BR)CEO | 500MA I(C) | TO-39
|
Seme LAB
|
2N2696 |
500 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-206AA Bipolar PNP Device in a Hermetically sealed TO18 Metal
|
SEMELAB LTD Seme LAB
|
CV7672 |
Bipolar PNP Device in a Hermetically sealed TO39 Metal Package 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-205AD
|
TT electronics Semelab, Ltd.
|