PART |
Description |
Maker |
CMS03 |
Schottky Barrier Rectifier Trench Schottky Barrier Type Switching Mode Power Supply Applications Portable Equipment Battery Applications TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
|
TOSHIBA[Toshiba Semiconductor]
|
U1FWJ44N |
SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE HIGH SPEED RECTIFIER APPLICATIONS
|
TOSHIBA
|
MBRS540T3 MBRS540T3G |
SCHOTTKY BARRIER RECTIFIER 5.0 AMPERES 40 VOLTS 5 A, 40 V, SILICON, RECTIFIER DIODE 5A 40V Schottky rectifier in SMC
|
ONSEMI[ON Semiconductor]
|
BAT750 BAT75008 BAT750TA |
Discrete - Rectifiers (0.5A and higher) - Schottky / SBR Rectifiers 0.75A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER SOT23 Schottky barrier diode
|
Diodes Incorporated Zetex Semiconductors
|
SS510 SS52 SS515 SS520 SS58 SS55 |
SCHOTTKY BARRIER RECTIFLER SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 5.0Amperes
|
Gaomi Xinghe Electronics Co., Ltd. Chendahang Electronics Co., Ltd
|
5FWJ2C48M U5FWJ2C48M |
SCHOTTKY BARRIER RECTIFIER STACK SCHOTTKY BARRIER TYPE SWITCHING MODE POWER SUPPLY APPLICATON CONVERTER & CHOPPER APPLICATION
|
TOSHIBA
|
U5GWJ2C48C 5GWJ2C48C |
SCHOTTKY BARRIER RECTIFIER STACK SCHOTTKY BARRIER TYPE SWITCHING MODE POWER SUPPLY APPLICATON CONVERTER & CHOPPER APPLICATION
|
TOSHIBA
|
2CL73T |
High Voltage Fast Recovery Rectifier 12 kV Vol ts
|
Micro Commercial Compon...
|
CMSH3-20MA CMSH3-100MA CMSH3-40MA CMSH3-60MA |
SURFACE MOUNT SCHOTTKY BARRIER SILICON RECTIFIER 3.0 AMP, 20 THRU 100 VOLTS SMD Schottky Rectifier Single
|
Central Semiconductor Corp.
|
MBRF20200CTG MBRF20200CT MBRF20200-CT |
SCHOTTKY BARRIER RECTIFIER 20 AMPERES, 200 VOLTS SWITCHMODE Schottky Power Rectifier
|
ON Semiconductor
|
MBRD660CTT4G MBRD640CTT4 MBRD640CTT4G MBRD620CT MB |
Rectifier 6A 50V Schottky 6A 30V Schottky Rectifier Rectifier 6A 20V Schottky 6A 60V Schottky Rectifier SWITCHMODE Power Rectifiers 6A 40V Schottky Rectifier
|
ONSEMI[ON Semiconductor]
|