PART |
Description |
Maker |
PC3SD21NTZ04 PC3SD21NTZBF PC3SD21NXZCF |
VDRM : 600V Zero cross type DIP 6pin Phototriac Coupler for triggering
|
Sharp Electrionic Components
|
SKDH116_12-L100 SKDH116_16-L100 SKDH116 SKDH116/12 |
MOSFET; ID (A): 0.02; VDS (V): 6; Pch : 0.1; |yfs| (S) typ: 0.024; PG (dB) typ: 24; Ciss (pF) typ: 1.75; NF (dB) typ: 1.5; IDSS (mA): -; Package: CMPAK-4 3-Phase Bridge Rectifier IGBT braking chopper
|
Semikron International
|
SKDH116-L75 SKDH116_12-L75 SKDH116_16-L75 SKDH116/ |
三相整流桥IGBT的制动斩波器 MOSFET; ID (A): 0.03; VDS (V): 6; Pch : 0.15; |yfs| (S) typ: 0.029; PG (dB) typ: 22; Ciss (pF) typ: 2.1; NF (dB) typ: 1.75; IDSS (mA): -; Package: MPAK-4 3-Phase Bridge Rectifier IGBT braking chopper
|
Semikron International
|
PC3SH21YIPB PC3SH21YFZ |
1 CHANNEL TRIAC OUTPUT WITH ZERO CRSVR OPTOCOUPLER SMT, PLASTIC, DIP-4 VDRM : 600V, Reinforced insulation type Zero cross type DIP 4pin Phototriac Coupler for triggering
|
Sharp Electronics, Corp. Sharp Electrionic Components
|
Z88C00-20VSC Z88C00-25VEC Z88C00-20VEC Z88C01-25VE |
Triac; Thyristor Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:1000V; On-State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:35mA; Current, It av:6A; Gate Trigger Current Max, Igt:35mA; Holding Current:35mA RoHS Compliant: Yes Triac; Triac Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:800V; On-State RMS Current, IT(rms):40A; Gate Trigger Current (QI), Igt:100mA; Package/Case:3-TO-218X; Current, It av:40A; Gate Trigger Current Max, Igt:100mA Triac; Triac Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:1000V; On-State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:35mA; Package/Case:V-PAK; Current, It av:6A; Gate Trigger Current Max, Igt:35mA Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:1000V; On-State RMS Current, IT(rms):8A; Gate Trigger Current (QI), Igt:50mA; Current, It av:8A; Holding Current:50mA; Leaded Process Compatible:Yes RoHS Compliant: Yes Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:1000V; On-State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:50mA; Package/Case:3-TO-220; Current, It av:6A; Holding Current:50mA Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:1000V; On-State RMS Current, IT(rms):4A; Gate Trigger Current (QI), Igt:25mA; Package/Case:3-TO-220; Current, It av:4A; Holding Current:30mA Microcontroller 微控制器 Triac; Triac Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:800V; On-State RMS Current, IT(rms):40A; Gate Trigger Current (QI), Igt:100mA; Package/Case:3-TO-218; Current, It av:40A; Gate Trigger Current Max, Igt:100mA 8位微控制
|
Maxim Integrated Products, Inc.
|
2SC3356 |
Low noise and high gain. NF = 1.1 dB Typ., Ga = 11 dB Typ. @VCE = 10 V, IC= 7 mA, f = 1.0 GHz
|
TY Semiconductor Co., Ltd
|
1SS302 |
Low forward voltage:VF(3) = 0.9 V(Typ) Fast reverse recovery time:trr = 1.6 ns (Typ)
|
TY Semiconductor Co., Ltd
|
R9110 |
MOSFET, Switching; VDSS (V): 150; ID (A): 14; Pch : -; RDS (ON) typ. (ohm) @10V: 0.097; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V
|
Hamamatsu Photonics
|
S5573 |
MOSFET, Switching; VDSS (V): 600; ID (A): 30; Pch : 200; RDS (ON) typ. (ohm) @10V: 0.2; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V
|
Hamamatsu Photonics
|
BU8241F BU8241FS BU8244F BU8242F A5800615 |
Communications LSIs > ICs for telephone > Cross point mixer From old datasheet system Cross point mixer for telephones 交叉点的电话混合
|
ROHM[Rohm] Rohm CO.,LTD. Rohm Co., Ltd.
|