PART |
Description |
Maker |
ISL62386 ISL62386HRTZ ISL62386HRTZ-T |
High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
|
Intersil Corporation
|
MAX17003AETJ MAX17004AETJ |
High-Efficiency, Quad-Output, Main Power- Supply Controllers for Notebook Computers
|
Maxim Integrated Products
|
GHPW5V020PMT003L GHPC2V530EET001L GHPC2V530EET002L |
Very High Efficiency DC/DC Converter 24/48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 30A Output or 5.0V DC, 20A Output
|
GALAXY[Galaxy Power, Inc.]
|
CD40109BMS FN3196 CD40109BDMSR |
4000/14000/40000 SERIES, QUAD 1-BIT DRIVER, TRUE OUTPUT, CDIP16 CMOS Quad Low-to-High Voltage Level Shifter 的CMOS四路低到高电压电平转换器 From old datasheet system Level Shifter, Low to High, Quad, Rad-Hard, CMOS, Logic
|
TOKO, Inc. INTERSIL[Intersil Corporation]
|
CAT3644 CAT3644HV3-T2 |
4-Channel Ultra High Efficiency Quad-Mode TM LED Driver
|
Catalyst Semiconductor
|
BFR92AW |
ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80% NPN 5 GHz wideband transistor
|
PHILIPS[Philips Semiconductors]
|
BD9012KV BD9012KV-E2 |
Dual-output, high voltage, high-efficiency step-down switching controller
|
Rohm
|
RSBL-9S RSB-12 RSB-12-S RSB-24 RSB-24-S RSB-48 RSB |
ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80% 2 Pole relay suitable for signal circuits
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers http://
|
BH16500CDL BH16500CDGG 74ABTH16500CDL 74ABTH16500C |
18-bit universal bus transceiver 3-State ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80%
|
Philips Semiconductors NXP Semiconductors N.V.
|
CAT3648HV3-GT2 |
4-Channel Ultra High Efficiency Quad-Mode LED Driver with 32 Dimming Levels
|
ON Semiconductor
|
HM62V8512B HM62V8512BLFP-7 HM62V8512BLFP-7SL HM62V |
ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80% ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80% Quadruple Bus Buffer Gate With 3-State Outputs 14-PDIP -40 to 85 4 M SRAM (512-kword x 8-bit)
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor]
|