PART |
Description |
Maker |
M57714UL 57714UL |
380-400MHz 12.5V,7W,FM MOBILE RADIO 380 - 400MHz2.5V瓦,调频移动通信 380-400MHz 12.5V /7W /FM MOBILE RADIO 380-400MHZ, 12.5V, 7W, FM MOBILE RADIO From old datasheet system
|
Mitsubishi Electric, Corp. MITSUBISHI[Mitsubishi Electric Semiconductor]
|
M68710UL |
RF POWER MODULE 380-400MHz 6V 2W FM PORTABLE RADIO
|
Mitsubishi Electric Corporation
|
M57745B 57745B |
From old datasheet system 380-400MHz 12.5V 10W DIGITAL MOBILE RADIO 380-400MHz / 12.5V / 10W / DIGITAL MOBILE RADIO 380-400MHz, 12.5V, 10W, DIGITAL MOBILE RADIO 380 - 400MHz的,12.5V,功0W,数字移动通信
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric, Corp.
|
M57704UL 57704UL |
380-400MHz 12.5V /13W /FM MOBILE RADIO 380-400MHz 12.5V,13W,FM MOBILE RADIO 380-400MHZ, 12.5V, 13W, FM MOBILE RADIO From old datasheet system
|
MITSUBISHI[Mitsubishi Electric Semiconductor]
|
ISD380-9 ISD25-15 ISDF65-7 ISD320-16 ISDR320-22 IS |
380 A, 900 V, SILICON, RECTIFIER DIODE 25 A, 1500 V, SILICON, RECTIFIER DIODE 65 A, 700 V, SILICON, RECTIFIER DIODE 320 A, 1600 V, SILICON, RECTIFIER DIODE 320 A, 2200 V, SILICON, RECTIFIER DIODE 160 A, 1400 V, SILICON, RECTIFIER DIODE 65 A, 400 V, SILICON, RECTIFIER DIODE 380 A, 1300 V, SILICON, RECTIFIER DIODE 380 A, 1200 V, SILICON, RECTIFIER DIODE 380 A, 1500 V, SILICON, RECTIFIER DIODE 380 A, 600 V, SILICON, RECTIFIER DIODE 380 A, 400 V, SILICON, RECTIFIER DIODE 380 A, 500 V, SILICON, RECTIFIER DIODE 160 A, 900 V, SILICON, RECTIFIER DIODE 160 A, 1000 V, SILICON, RECTIFIER DIODE 160 A, 500 V, SILICON, RECTIFIER DIODE
|
|
PTB20204 |
1.0 Watt, 380-500 MHz RF Power Transistor
|
Ericsson Microelectronics ERICSSON[Ericsson]
|
APT6038SFLL APT6038BFLL |
POWER MOS 7 600V 17A 0.380 Ohm
|
Advanced Power Technology
|
EL5203ISZ-T13 EL5203IYZ-T13 ELS5102 EL5102 EL5102I |
400MHz Slew Enhanced VFAs Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:35VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to 85 C; Body Diameter:10mm; Body Length:10.2mm RoHS Compliant: No 400MHz Slew Enhanced VFAs 1 CHANNEL, VIDEO AMPLIFIER, PDSO16 400MHz Slew Enhanced VFAs 1 CHANNEL, VIDEO AMPLIFIER, PDSO8 400MHz Slew Enhanced VFAs 1 CHANNEL, VIDEO AMPLIFIER, PDSO5
|
INTERSIL[Intersil Corporation] 音频/视频放 Intersil, Corp.
|
MAX441 MAX4414 MAX4414ESA MAX4414EUA MAX4415 MAX44 |
Low-Power, 3V/ 5V, 400MHz Single-Supply Op Amps with Rail-to-Rail Outputs " Dual Low-Power, 3V/5V, 400MHz, 1.6mA Single- Supply Op Amps with Rail-to-Rail Outputs" "Quad Low-Power, 3V/5V, 400MHz, 1.6mA Single- Supply Op Amps with Rail-to-Rail Outputs"
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
RFPA3807PCK-410 RFPA3807TR13 RFPA3807TR7 RFPA3807P |
GaAs HBT 400MHz TO 2700MHz POWER AMPLIFIER
|
RF Micro Devices
|
RFPA3809PCK-410 RFPA3809PCK-411 RFPA3809SQ RFPA380 |
GaAs HBT 400MHz TO 2700MHz POWER AMPLIFIER
|
RF Micro Devices
|
EKIN2-390X-2 |
380-400 MHz,I/Q modulator E-Series I/Q Modulator 380 - 400 MHz
|
MA-Com MACOM[Tyco Electronics] http://
|
|