PART |
Description |
Maker |
ISL28448 ISL28448FVZ ISL28448FVZ-T7 ISL28248 ISL28 |
4.5MHz, Single Dual and Quad Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
|
Intersil Corporation
|
ISL2815808 ISL28258FUZ-T7 |
Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
|
Intersil Corporation
|
LTC6090-5-15 LTC6090-15 |
140V CMOS Rail-to-Rail Output, Picoamp Input Current Op Amp
|
Linear Technology
|
LT6105NBSP |
Precision, Rail-to-Rail Input Current Sense Amplier
|
Linear Technology Corporation
|
AD8594 AD8594AR AD8594ARU AD8592 AD8592ARM AD8591A |
Dual, CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifier with ±250 mA Output Current and a Power-Saving Shutdown ... Single, CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifier with ±250 mA output Current and a Power-Saving Shutdown ... CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifiers with Shutdown CMOS单电源轨到轨输入/输出运算放大器,带有关断 CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifiers with Shutdown QUAD OP-AMP, 30000 uV OFFSET-MAX, 2.2 MHz BAND WIDTH, PDSO16 CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifiers with Shutdown OP-AMP, 30000 uV OFFSET-MAX, 2.2 MHz BAND WIDTH, PDSO6 CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifiers with Shutdown DUAL OP-AMP, 30000 uV OFFSET-MAX, 2.2 MHz BAND WIDTH, PDSO10
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|
AZV831KSTR-G1 AZV831KTR-G1 |
Single Low Bias Current, Low Voltage, Rail-to-Rail Input/Output CMOS Operational Amplifier
|
BCD Semiconductor Manufacturing Limited
|
MSV932GTR MSV932GU MSV932MGTR |
Rail-to-Rail Input and Output Low Voltage 2.1V, Low Supply Current Dual Amplifiers
|
MOSA ELECTRONICS
|
BUS-66300II-883B BUS-66301II-883B BUS-66301II-B |
Rail-to-rail input/output 20 MHz GBP operational amplifiers Rail-to-rail input/output 8 MHz operational amplifiers MIL-STD-1553/ARINC总线控制 RTU通讯
|
Advanced Analog Technology, Inc.
|
5962-88774012A 5962-88774012X 5962-8877401DX |
2/2-input and 3/3-input AND-NOR Gate Single/Dual/Quad, General-Purpose, Low-Voltage, Rail-to-Rail Output Op Amps 2/2-input/3-input或非
|
TE Connectivity, Ltd.
|
EL5223 EL5123 EL5123CY EL5123CY-T13 EL5123CY-T7 EL |
12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers LENS, 18X18MM, ORANGE; Colour:Orange; Length / Height, external:18mm; Width, external:18mm RoHS Compliant: Yes QUAD BUFFER AMPLIFIER, PDSO10 12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers 12 BUFFER AMPLIFIER, PDSO28 12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers OCTAL BUFFER AMPLIFIER, PDSO20 12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers 12 BUFFER AMPLIFIER, PQCC32 12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers QUAD BUFFER AMPLIFIER, PDSO10 Sealing Tape; Tape Backing Material:Rubber; Width:0.75"; Roll Length:30ft; Color:Black RoHS Compliant: Yes 10 BUFFER AMPLIFIER, PDSO24
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
LT1638HS8 LT1639HS LT1638CDD LT1638IDD LT1638IMS8 |
1.2MHz, 0.4V/us Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps; Package: DFN; No of Pins: 8; Temperature Range: 0°C to 70°C 1.2MHz, 0.4V/μs Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps 1.2MHz, 0.4V/渭s Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps 1.2MHz, 0.4V/レs Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
|
LINEAR TECHNOLOGY CORP
|