PART |
Description |
Maker |
LM64C381 |
Connection Table
|
Sharp
|
HT14X11 |
Connection Table
|
Hyundai
|
LM64C08P |
(LM64C08P / LM64C142) Connection Table
|
Sharp
|
RAD-SPL-2-N |
Antenna splitter, frequency range: 0.3 GHz ... 6 GHz, degree of protection: IP65, connection: 3 x N (female), suitable connection cable for the antenna connection (Order No. 2700677)
|
PHOENIX CONTACT
|
0501059 |
Feed-through terminal block, connection method: screw connection, cross section
|
PHOENIX CONTACT
|
2700093 |
Connection element with screw connection terminal blocks for base mounting
|
PHOENIX CONTACT
|
0444048 |
Ground modular terminal block, Connection method: Screw connection, Cross section
|
PHOENIX CONTACT
|
0449014 |
Ground modular terminal block, Connection method: Screw connection, Load current
|
PHOENIX CONTACT
|
0708593 |
Molded feed-through terminal block, with internal and external screw connection, vertical conductor connection, for 5-10 mm thick housing panels - HDFKV 50-VP-DP
|
Phoenix Contact
|
0708797 |
Molded feed-through terminal block, with internal and external screw connection, vertical conductor connection, for 2.5 - 6 mm thick housing panels - HDFKV 50-VP GNYE
|
Phoenix Contact
|
0401023 |
Power terminal block, Connection method Screw connection, Load current : 125 A, Cross section: 0.75 mm2 - 35 mm2, Width: 12 mm,
|
PHOENIX CONTACT
|
MCT270-X009 MCT277-X009 MCT276 MCT272 MCT274 MCT27 |
Optocoupler / Phototransistor Output / With Base Connection Tantalum Chip Capacitor 钽芯片电容器 Optocoupler, Phototransistor Output, With Base Connection
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. VISAY[Vishay Siliconix] http://
|