PART |
Description |
Maker |
80960HA 80960HT A80960HT60 A80960HT75SL2GP A80960H |
80960HA/HD/HT 32-Bit High-Performance Superscalar Processor 80960HA/HD/HT 32位高性能超标量处理器 80960HA/HD/HT 32-Bit High-Performance Superscalar Processor 32-BIT, 60 MHz, RISC PROCESSOR, CPGA168 AC 3C 3#16S PIN RECP 80960HA/HD/HT 32-Bit High-Performance Superscalar Processor
|
http:// Intel, Corp. Intel Corp. Intel Corporation
|
HT46RU66 |
The HT46RU66/HT46CU66 are 8-bit, high performance, RISC architecture microcontroller devices specifi
|
Holtek Semiconductor Inc.
|
HT48R06A-1 |
8-Bit High Performance RISC-like OTP Microcontroller(8位、高性能、类似RISC、一次可编程微控制器,用于多I/O接口设备)
|
Holtek Semiconductor Inc.
|
5962-0324601Q9A 5962-0324601QXC 5962-0324601V9A 59 |
Low-Voltage Rad-Hard 32-bit SPARC Embedded Processor Integer Unit Based on SPARC V7 High-performance RISC Architecture
|
ATMEL Corporation
|
AT91SC25672RC |
Low-power, high-performance, 32-bit RISC secure microcontroller with 256K Byte ROM, 72K Byte EEPROM. 32-bit Secure Microcontroller for Smart Cards A
|
ATMEL[ATMEL Corporation]
|
ATF22V10 ATF22V10B ATF22V10B-10JC ATF22V10B-10JI A |
High- Performance EE PLD FLASH PLD, 25 ns, PDSO24 High- Performance EE PLD FLASH PLD, 25 ns, PDIP24 Single Supply, Dual SPST Switch FLASH PLD, 15 ns, PDIP24 High- Performance EE PLD FLASH PLD, 15 ns, PDIP24 High- Performance EE PLD FLASH PLD, 15 ns, PDSO24 High- Performance EE PLD FLASH PLD, 10 ns, PDIP24 High- Performance EE PLD FLASH PLD, 15 ns, PQCC28 High- Performance EE PLD FLASH PLD, 10 ns, CQCC28 High- Performance EE PLD FLASH PLD, 15 ns, CDIP24 High- Performance EE PLD FLASH PLD, 7.5 ns, PDIP24 High- Performance EE PLD FLASH PLD, 7.5 ns, PDSO24 High- Performance EE PLD FLASH PLD, 10 ns, PDSO24 3.3V, 1 Output, LVTTL to LVPECL Clock Converter CAP 470PF 16V 5% X7R SMD-0603 TR-7 PLATED-NI/SN High-performance EE PLD
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation] http://
|
ATTINY24V-10MUR ATTINY24V-10SSUR ATTINY84V-10PU AT |
8-BIT, FLASH, 10 MHz, RISC MICROCONTROLLER, QCC20 4 X 4 MM, 0.80 MM HEIGHT, 0.50 MM PITCH, GREEN, MO-220WGGD-5, MLF-20 8-BIT, FLASH, 10 MHz, RISC MICROCONTROLLER, PDSO14 0.150 INCH, GREEN, PLASTIC, MS-012AB, SOIC-14 8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash 8-BIT, FLASH, 10 MHz, RISC MICROCONTROLLER, PDIP14 16-BIT, FLASH, 32 MHz, RISC MICROCONTROLLER, PQFP64 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQFP44
|
Atmel, Corp. ATMEL CORP
|
HD6417718RF100A |
V(cc): -0.3 to 4.6V; V(in): -0.3 to 0.3V; 100MHz high-performance RISC microcomputer
|
Hitachi Semiconductor
|
PIC18F25J10-I/ML PIC18F25J10-I/MLQTP PIC18F25J10-I |
28/40/44-Pin High-Performance, RISC Microcontrollers
|
Microchip Technology
|
MAXQ1103-ENS MAXQ1103 |
High-Performance Secure RISC Microcontroller
|
Maxim Integrated Products
|
|