PART |
Description |
Maker |
GS2M GS2B GS2A GS2D GS2G GS2J GS2K |
2.0 Amp Silicon Rect.0 Amp Silicon Rectifier 50 to 1000 Voltsifier 50 to 1000 OLTS
|
MCC[Micro Commercial Components]
|
LT1363CS8TRPBF |
70MHz, 1000V/µs Op Amp; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C OP-AMP, 2000 uV OFFSET-MAX, 50 MHz BAND WIDTH, PDSO8
|
Linear Technology, Corp.
|
MB351W-BP MB354W-BP MB3510W-BP MB3505W-BP MB356W-B |
35 Amp Single Phase Bridge Rectifier 50 to 1000 Volts RECT BRIDGE 35A 200V WIRE LEADS 35 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE
|
天津环球磁卡股份有限公司 http:// Micro Commercial Components, Corp. Micro Commercial Compon...
|
ISL6622 ISL6622CRZ-T ISL6622CBZ |
VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers; Temperature Range: 0°C to 70°C; Package: 10-DFN T&R
|
Intersil Corporation
|
HIP600605 HIP6006CB-T HIP6006CBZ HIP6006CBZ-T HIP6 |
Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller; Temperature Range: 0°C to 70°C; Package: 14-TSSOP T&R
|
INTERSIL[Intersil Corporation]
|
FP9126-11 FP9122-13 FP9322-13 FP9522-13 FP9123-11 |
CONNECTOR, HD44M SOLDER Transient Voltage Suppressor Diodes CONNECTOR, HD26M SOLDER CA SC-SC 9/125 DPX GRN 15M CA F M/F M RG6 QUAD SHIELD 1' CA TYPE F M/ F F BHD RG6/U 50' CA AUDIO DUAL RCA M/M 25' CONNECTOR, HD62M SOLDER FIBER LOOPBACK MU 9/125 CA MTRJ-LC 9/125 PLEN 5M CA LC-LC CLIPPED 9/125 4M CA AUDIO DUAL RCA M/M 6' CA LC-LC 9/125 DPX RED 4M CA ST-ST 9/125 DPX GRN 3M FIBER LOOPBACK FC 9/125 SRFCE MNT BX 2 PRT RJ45/RJ45-W SRFCE MNT BX 2 PRT RJ45/RJ12-I TRIMMER-3/4" RECT MT CERMET 模拟IC Analog IC 模拟IC CBL COAX RG174/U SPOOL 1000 FT 模拟IC CA MTRJ-LC 9/125 PLEN 3M 模拟IC CA ST-ST 9/125 DPX GRN 1M 模拟IC CA ST-ST 9/125 DPX BLUE 2M 模拟IC TRIMMER-1 1/4" RECT MT WW CBL COAX RG142B/U COIL 100' CA MINI-UHF M/ M RG59B/U 15'
|
ATM Electronic, Corp. Ironwood Electronics International Rectifier, Corp. Black Box, Corp. Sanyo Electric Co., Ltd. STMicroelectronics N.V. QT Optoelectronics TE Connectivity, Ltd.
|
X9250TS24ZT1 |
Quad Digitally Controlled Potentiometer (XDCP™); Temperature Range: 0°C to 70°C; Package: 24-SOIC T&R QUAD 100K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO24
|
Intersil, Corp.
|
LT1800CS5TRMPBF |
80MHz, 25V/µs Low Power Rail-to-Rail Input and Output Precision Op Amp; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C OP-AMP, 5000 uV OFFSET-MAX, 70 MHz BAND WIDTH, PDSO5
|
Linear Technology, Corp.
|
ISL9212A ISL9212AIRZ ISL9200EVAL1 ISL9212AIRZ-T |
Charging System Safety Circuit; Temperature Range: -40°C to 85°C; Package: 12-DFN T&R SWITCHING REGULATOR, PDSO12
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
HIP9011ABT |
Engine Knock Signal Processor; Temperature Range: -25°C to 85°C; Package: 20-SOIC T&R SPECIALTY ANALOG CIRCUIT, PDSO20
|
Intersil, Corp.
|
LT1014ISW LT1013CJ8 LT1013ACJ8 LT1013MJ8 LT1013ACH |
Quad Precision Op Amp (LT1014) Dual Precision Op Amp (LT1013); Package: SO; No of Pins: 16; Temperature Range: -40°C to 85°C QUAD OP-AMP, 400 uV OFFSET-MAX, PDSO16
|
Linear Technology, Corp.
|
HIP6604BCRZ-T |
Synchronous Rectified Buck MOSFET Drivers; Temperature Range: 0°C to 70°C; Package: 16-QFN T&R 0.73 A HALF BRDG BASED MOSFET DRIVER, PQCC16
|
Intersil, Corp. INTERSIL CORP
|