PART |
Description |
Maker |
8402-XXX 8402-047 8402-330 8402-331 8402-101 8402- |
Inductors Surface Mount High Current Power Inductors 表面贴装电感器大电流功率电感
|
Filtran Ltd. Filtran, Ltd.
|
8400-101 8400-15G 8400-221 8400-22G 8400-XXX 8400- |
Inductors Surface Mount Drum Core Power Inductors
|
FILTRAN[Filtran LTD]
|
CTX250-1-52-R CTX250-1-52LP-R CTX250-1-52M-R CTX25 |
LOWCOST POWER INDUCTORS Toroidal Inductors
|
Cooper Bussmann, Inc.
|
XAL5030-161ME XAL5050-103ME XAL5050-562ME XAL5050- |
High Temperature Shielded Power Inductors Shielded Power Inductors ?XAL50xx
|
Coilcraft lnc.
|
RCR664DNP-3R9M RCR664DNP-3R3M RCR664DNP-2R7M RCR-6 |
1 ELEMENT, 5.6 uH, GENERAL PURPOSE INDUCTOR ROHS COMPLIANT POWER INDUCTORS , Pin Type: RCR Series POWER INDUCTORS < Pin Type: RCR Series> POWER INDUCTORS Pin Type: RCR Series POWER INDUCTORS < Pin Type: RCR Series> 1 ELEMENT, 3.9 uH, GENERAL PURPOSE INDUCTOR POWER INDUCTORS < Pin Type: RCR Series> 1 ELEMENT, 3.3 uH, GENERAL PURPOSE INDUCTOR POWER INDUCTORS < Pin Type: RCR Series> 1 ELEMENT, 2.7 uH, GENERAL PURPOSE INDUCTOR POWER INDUCTORS < Pin Type: RCR Series> 功率电感“PIN类型:组RCR系列
|
Sumida Corporation Sumida, Corp.
|
VLF5014ST-100M1R2 VLF5014ST-3R3M2R0 VLF5014ST-4R7M |
SMD Inductors For Power Line SMD INDUCTORS(COILS) FOR POWER LINE(WOUND, MAGNETIC SHIELDED)
|
TDK Electronics
|
SDR0805-7R5ML SDR0805-180ML SDR0805-100ML SDR0805- |
SMD Power Inductors 1 ELEMENT, 39 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD SMD Power Inductors 1 ELEMENT, 27 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD SMD Power Inductors 1 ELEMENT, 82 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD SMD Power Inductors 1 ELEMENT, 2200 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD SMD Power Inductors 1 ELEMENT, 680 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD SMD Power Inductors 1 ELEMENT, 5.6 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD SMD Power Inductors 1 ELEMENT, 180 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD SMD Power Inductors 1 ELEMENT, 2700 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD SMD Power Inductors 贴片功率电感 SMD Power Inductors 1 ELEMENT, 33 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
Bourns Inc. Bourns, Inc.
|
CR105NP-3R3MB CR105NP-3R3MC CR105NP-2R5MB CR105NP- |
POWER INDUCTORS <SMD Type: CR Series POWER INDUCTORS POWER INDUCTORS Type: CR Series
|
Sumida Corporation
|
CR54 CR54NP-3R3MB CR54NP-3R3MC CR54NP-2R7MB CR54NP |
POWER INDUCTORS <SMD Type: CR Series POWER INDUCTORS POWER INDUCTORS Type: CR Series
|
SUMIDA CORPORATION.
|
P578 PE-51687NL PE-51686 PE-51719 PE-51718 PE-5171 |
VDE Approved Designed for switching power supply applications Transformer meets IEC950 insulation requirements THT CURRENT SENSE TRANSFORMERS & INDUCTORS THT CURRENT SENSE TRANSFORMERS INDUCTORS THT CURRENT SENSE TRANSFORMERS INDUCTORS
|
Pulse A Technitrol Company Pulse A Technitrol Comp...
|