PART |
Description |
Maker |
BFP25 BFP22 Q62702-F721 Q62702-F621 Q62702-F201 Q6 |
NPN Silicon Transistor with high Reve... From old datasheet system NPN Silicon Transistors with High Reverse Voltage Isolation- UL94V-0 Package Material- Power Sharing on Output- Efficiency to 84% NPN Silicon RF Transisrors NPN Silicon Transistors (High breakdown voltage l Low collector-emitter saturation voltage) NPN硅晶体管(高耐压l低集电极发射极饱和电压)
|
SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|
BC818-16 BC818-25 BC818-40 Q62702-C1740 Q62702-C15 |
NPN Silicon AF Transistors 500 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN Silicon AF Transistors BC 817 From old datasheet system
|
Diotec Semiconductor AG SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group] Siemens Semiconductor G...
|
2N2220 2N2221 2N2222 Q68000-A4573 Q62702-F134 Q627 |
NPN Silicon Planar Transistors 800 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 NPN Silicon Planar Transistors NPN硅平面晶体管
|
SIEMENS[Siemens Semiconductor Group] Siemens Group SIEMENS AG
|
2SD1815 2SB1215 |
NPN Epitaxial Planar Silicon Transistors NPN Epitaxial Planar Silicon Transistors PNP Epitaxial Planar Silicon Transistors High-Current Switching Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SB764 2SD863 B764 |
Search --To 2SB764 PNP/NPN Epitaxial Planar Silicon Transistors NPN Epitaxial Planar Silicon Transistors Voltage Regulator, Relay Lamp Driver Electrical Equipment Applications
|
Sanyo Semicon Device
|
2SA1208 2SC2910 |
NPN Epitaxial Planar Silicon Transistors High-Voltage Switching Audio 80W Output Predriver Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA1248 2SC3116 0035 |
NPN Epitaxial Planar Silicon Transistors 160V/700mA Switching Applications From old datasheet system PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA1973 2SC5310 2SA1973-5 |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset PNP/NPN Epitaxial Planar Silicon Transistors PNP Epitaxial Planar Silicon Transistors DC/DC Converter Applications NPN Epitaxial Planar Silicon Transistors DC/DC Converter Applications
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
BC847C BC849B BC846B BC847B BC847A BC850B BC850C B |
NPN Silicon AF Transistors High Speed CMOS Logic Dual Monostable Multivibrators with Reset 16-SOIC -55 to 125 高速CMOS逻辑可复位双重单稳态多谐振荡器 SOIC-16封装 工作温度55℃_125 NPN Silicon AF Transistors NPN AF硅晶体管 High Speed CMOS Logic 3-to-8 Line Decoder Demultiplexer Inverting and Non-Inverting 16-SOIC -55 to 125 Low-Noise-Transistors - VCEO=30V; ICM=200 mA
|
Infineon Technologies A... INFINEON[Infineon Technologies AG]
|
2SB1204 2SD1804 |
NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications PNP Epitaxial Planar Silicon Transistors PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
BF495 BF494 |
NPN SILICON PLANAR EPITAXIAL TRANSISTORS NPN SILICON RF SMALL SIGNAL TRANSISTOR
|
MICRO-ELECTRONICS[Micro Electronics]
|
MJD47 MJD47T4 MJD50 ON2006 MJD50-1 MJD50T4 MJD47-1 |
NPN SILICON POWER TRANSISTORS 1 AMPERE 250 / 400 VOLTS 15 WATTS NPN SILICON POWER TRANSISTORS 1 AMPERE 250, 400 VOLTS 15 WATTS 1 A, 400 V, NPN, Si, POWER TRANSISTOR From old datasheet system NPN SILICON POWER TRANSISTORS 1 AMPERE 250 400 VOLTS 15 WATTS DPAK For Surface Mount Applications
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc] ON Semiconductor
|