PART |
Description |
Maker |
98194-1221 0981941221 SD-98194-002 SD-98194-005 |
2.54mm (.100) Pitch MOX FFC/FPC Crimp Terminal, Female, 0.635mm (.025), Reel, Selective Gold, Crimp 2.54mm (.100") Pitch MOX FFC/FPC Crimp Terminal, Female, 0.635mm (.025"), Reel, Selective Gold, Crimp
|
Molex Electronics Ltd.
|
0981941211 0981941211-18 |
2.54mm Pitch MOX FFC/FPC Crimp Terminal, Female, 0.635mm , Reel
|
Molex Electronics Ltd.
|
0986581221 SD-98658-004 |
MOX Crimp Terminal, Female, 0.635mm (.025), 20-24 AWG (0.22-0.60mm2;), Reel, Selective Gold
|
Molex Electronics Ltd.
|
98615-1002 |
2.54mm Pitch MOX Female Housing, 64 Circuits, Dual Row, for Wire Crimp Terminals,
|
Molex Electronics Ltd.
|
0981941212 0981941212-18 |
2.54mm Pitch MOX FFC/FPC Solder Terminal, Female, 0.635mm , Reel
|
Molex Electronics Ltd.
|
15-38-8100 15-38-8180 15-38-8070 15-38-8020 15-38- |
Connector Housing; Number of Contacts:10; Pitch Spacing:2.54mm; Number of Rows:1; Gender:Receptacle; Series:C-Grid SL; Connector Body Material:Polyester; Contact Termination:Crimp 10 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 18Ckt 18 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 7Ckt 7 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 2Ckt 2 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 4Ckt 4 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 12Ckt 12 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 13Ckt 13 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 16Ckt 16 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 23Ckt 23 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 20Ckt 20 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female 30 SAu 25Ckt 25 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female 15 SAu 20Ckt 20 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female 15 SAu 13Ckt 13 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female 15 SAu 9Ckt 9 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female 15 SAu 14Ckt SL FFC/FPC Opt G Female 30 SAu 12Ckt
|
Molex, Inc. MOLEX INC
|
50-84-2122 50-84-2020 50-84-2061 50-84-2091 |
MLX CAP 12CKT WHITE 94V0 4202212C 12 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, CRIMP, RECEPTACLE Header Connector,Cable Mnt,PLG/RCP,2 Contacts,PIN/SKT,0.25 Pitch,CRIMP Terminal,POLARIZED LCK RoHS Compliant: Yes 2 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, CRIMP, RECEPTACLE Header; No. of Contacts:6; Pitch Spacing:0.25"; No. of Rows:1; Gender:Female; Series:MLX; Body Material:Nylon 6/6 6 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, CRIMP, RECEPTACLE 9 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc. MOLEX INC
|
0005060301 05-06-0301 |
Flat Blade Crimp Terminal, Series 2176, Female, With Tin (Sn) Plated Brass Contact, With Detent, 14-22 AWG (or 18 AWG Double Crimp), Reel Packaged
|
Molex Electronics Ltd.
|
M80-4D10405F1-00-000-01-307 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 4 x Large bore signal contacts, 1 x 2.7mm Crimp Coax contact 5 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
50212-8100 0502128100 |
2.00mm (.079) Pitch Crimp Terminal, Female, 24-30 AWG, Bag
|
Molex Electronics Ltd.
|
SD-501395-001 501395-1000 5013951000 |
3.30mm (.130") Pitch Crimp Terminal, Female, 18-20 AWG, Reel 3.30mm (.130) Pitch Crimp Terminal, Female, 18-20 AWG, Reel
|
Molex Electronics Ltd.
|
50420-8000 0504208000 |
OBD-II Crimp Terminal, Female, 50420, 4.00mm (.157") Pitch OBD-II Crimp Terminal, Female, 50420, 4.00mm (.157) Pitch
|
Molex Electronics Ltd.
|
|