PART |
Description |
Maker |
V53C104P-70 V53C104P-70L V53C104P-12 V53C104P-12L |
HIGH PERFORMANCE, LOW POWER 256K X 4 BIT FAST PAGE MODE CMOS DYNAMIC RAM TRANS NPN DARL 100V 8A TO022FP
|
Mosel Vitelic, Corp.
|
FMMT38CTA |
TRANS DARL NPN 60V 300MA SOT-23
|
ZETEX PLC
|
CY7C1382CV25-167AI CY7C1382CV25-200BZI CY7C1382CV2 |
512K x 36 pipelined SRAM, 167MHz 512K x 36/1M x 18 Pipelined SRAM 512K X 36 CACHE SRAM, 3 ns, PBGA165 512K x 36/1M x 18 Pipelined SRAM 1M X 18 CACHE SRAM, 3.4 ns, PBGA165 512K x 36/1M x 18 Pipelined SRAM 1M X 18 CACHE SRAM, 2.8 ns, PBGA165 512K x 36/1M x 18 Pipelined SRAM 1M X 18 CACHE SRAM, 2.8 ns, PQFP100 512K x 36/1M x 18 Pipelined SRAM 1M X 18 CACHE SRAM, 2.6 ns, PBGA119 512K x 36/1M x 18 Pipelined SRAM 1M X 18 CACHE SRAM, 3 ns, PBGA119 512K x 36/1M x 18 Pipelined SRAM 1M X 18 CACHE SRAM, 2.6 ns, PBGA165 512K x 36/1M x 18 Pipelined SRAM 1M X 18 CACHE SRAM, 3 ns, PQFP100 512K x 36/1M x 18 Pipelined SRAM 1M X 18 CACHE SRAM, 2.6 ns, PQFP100 512K x 36/1M x 18 Pipelined SRAM 1M X 18 CACHE SRAM, 3 ns, PBGA165 TRANS DARL PNP 100V 8A TO-220FP 1M X 18 CACHE SRAM, 3.4 ns, PQFP100 512K x 36 pipelined SRAM, 225MHz
|
Cypress Semiconductor, Corp.
|
BUW36 BUY69A BUY69B BUX48 BUX80 BDX87 BDX88 BDW51 |
Leaded Power Transistor Darlington Power Transistors 15 A, 45 V, PNP, Si, POWER TRANSISTOR, TO-3 INDUCTOR PWR UNSHIELD 470UH SMT Certification- 5.2kVDC Isolation- Power Sharing- Pin Compatible with RH & RK Series, SIP DC-DC Converters- UL94V-0 Package M Leaded Power Transistor General Purpose
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
TA8260AH |
Max Power 40 W BTL 4CH Audio Power IC Max Power 40 W BTL 】 4CH Audio Power IC Max Power 40 W BTL x 4CH Audio Power IC RAC15-TA(-E)(-ST) Series - Powerline Regulated AC-DC Converters; Output Voltage (Vdc): 5V; Auxilary Voltage (Vdc): 12V; Features: Compact AC-DC Power
|
Toshiba Semiconductor Toshiba Corporation
|
BLF872 BLF872-2015 |
UHF power LDMOS transistor UHF power LDMOS transistor - Description: UHF LDMOS POWER Transistor ; Efficiency: 55 %; Frequency band: 470-860 GHz; Output power: 300 W; Package material: SOT800A ; Power gain: 16.5 dB
|
NXP Semiconductors Quanzhou Jinmei Electro...
|
ICE1QS01G |
Controller for Switch Mode Power Supplies Supporting Low Power Standby and Power Factor Correction (PFC)
|
Infineon Technologies AG
|
NTC10D20 NTC100D10 NTC100D11 NTC100D9 NTC10D10 NTC |
Conversion power, switch mode power supply, UPS power protection
|
List of Unclassifed Man...
|
2SC5993 |
Power Device - Power Transistors - Television/Display For power amplification For TV VM circuit
|
PANASONIC[Panasonic Semiconductor]
|
MAX5941A06 MAX5941A MAX5941B MAX5941ACSE-T |
IEEE 802.3af-Compliant Power-Over-Ethernet Interface/PWM Controller for Power Devices 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO16
|
Maxim Integrated Products, Inc.
|