PART |
Description |
Maker |
Z85C30-10BUA Z85C30-10DC Z85C30-10BQA AM85C30-8/BQ |
16MHZ, MLF, IND TEMP, GREEN(MCU AVR) 16MHZ, PDIP, IND TEMP, GREEN(MCU AVR) 16MHZ, MLF, IND TEMP, 5V(MCU AVR) 16MHZ, MLF, IND TEMP, GREEN, 5V(MCU AVR) 16MHZ, MLF, IND TEMP(MCU AVR) 16MHZ, TQFP, IND TEMP, GREEN, 5V(MCU AVR) Cartridge Fuse; Current Rating:2A; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:5 x 15 mm; Body Material:Glass; Diameter:4.5mm; Fuse Terminals:Ferrule; Leaded Process Compatible:Yes; Length:14.48mm; Series:225 RoHS Compliant: Yes ATMEGA644V-10PU & AT86RF230-ZU(AVRZLINK) Communications Controller 通信控制 Cartridge Fuse; Current Rating:1A; Voltage Rating:250V; Fuse Type:Time Delay; Fuse Size/Group:5 x 15 mm; Body Material:Glass; Diameter:4.5mm; Fuse Terminals:Ferrule; Leaded Process Compatible:Yes; Length:14.48mm; Series:229 通信控制 Cartridge Fuse; Current Rating:1A; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:5 x 15 mm; Body Material:Glass; Diameter:4.5mm; Fuse Terminals:Ferrule; Leaded Process Compatible:Yes; Length:14.48mm; Series:225 通信控制 16MHZ, TQFP, IND TEMP, 5V(MCU AVR) 通信控制 16MHZ, TQFP, IND TEMP, GREEN(MCU AVR) 通信控制
|
Advanced Micro Devices, Inc. Amphenol, Corp. Electronic Theatre Controls, Inc.
|
FNQ-4 |
Cartridge Fuse; Current Rating:4A; Voltage Rating:500V; Fuse Type:Time Delay; Fuse Size/Group:13/32 x 1-1/2 "; Body Material:Fiber; Diameter:0.406mm; Fuse Terminals:Ferrule; Length:38.1mm; Series:FNQ RoHS Compliant: Yes
|
COOPER INDUSTRIES
|
SR-5-1.25A-BK COOPERINDUSTRIES-SR-5-1.25A-AP SR-5- |
FUSE 1.25A 250V T-LAG IEC SHORT TIME DELAY BLOW ELECTRIC FUSE, 1.25A, 250VAC, 35A (IR), THROUGH HOLE FUSE 1.6A 250V T-LAG IEC SHORT PC Board Fuse; Current Rating:1A; Voltage Rating:250V; Fuse Terminals:Radial Lead; Fuse Size/Group:Subminiature; Fuse Type:Time Delay; Interrupting Current Max:35A; Leaded Process Compatible:Yes; Packaging:Ammo Pack FUSE 1A 250V T-LAG IEC SHORT Subminiature Fuses
|
Cooper Bussmann, Inc. COOPER INDUSTRIES List of Unclassifed Man...
|
PFRA.017 PFRA.020 PFRA.025 PFRA.030 PFRA.050 PFRA. |
Radial Leaded Fuse, PTC, 60 VDC Miniature PCB PTC-fuses; for electronic devices; Voltage Rating: 60V; Current Rating: 0.5A; Characteristic: Time Lag RESISTOR, TEMPERATURE DEPENDENT, PTC RESETTABLE FUSE, THROUGH HOLE MOUNT
|
Schurter Inc. SCHURTER AG
|
Z86C32-12VEC |
Fuse Holder; Fuse Size/Group:1/4 "; Mounting Type:PC Board; Body Material:Spring Brass; Contact Plating:Tin; Current Rating:15A; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Voltage Rating, AC:250V
|
保险丝支架,夹子&硬件
|
495060 495020 495025 495030 495040 495050 |
JCASE Cartridge Fuse
|
LITTELFUSE[Littelfuse]
|
FLA |
Axial Lead and Cartridge Fuse
|
Littelfuse
|
Z21L390 Z21L431 Z21L361 Z33M271S Z33M441S Z33M102S |
288Mb RLDRAM Component MEM, MT49H8M36FM, RLDRAM II, 288MBIT, 8MEG X 36, 400MHZ, 2.5/1.8VIO, FBGA144L Fuse Holder; Fuse Size/Group:Micro; Body Material:Thermoplastic; Current Rating:5A; Leaded Process Compatible:Yes; Contact Material:Copper; Contact Plating:Tin; Mounting Type:PC Board; Operating Temperature Range:-40 C to 100 C RoHS Compliant: Yes
|
Rectron Semiconductor
|
2302.25P 229.250P 229.350P 229.375P 229.500P 229.6 |
2AG Slo-Blo Fuse Axial Lead and Cartridge Fuses - Subminiature Glass Body
|
LITTELFUSE[Littelfuse]
|
|