PART |
Description |
Maker |
TA202412 TA202414 TA203012 TA203014 TA204012 TA204 |
Phase Control SCR (1200-1400 Amperes Avg 2400-4000 Volts) 第一阶段控制晶闸管(1200-1400安培平均2400-4000伏特
|
Powerex, Inc. POWEREX[Powerex Power Semiconductors]
|
N105PH12-16 |
1200-1600 Phase Control Thyristor
|
Westcode Semiconductor
|
T7602030 T7600230 T7601430 T7601630 T7601830 |
Phase Control SCR (300 Amperes Average 2000 Volts)
|
POWEREX[Powerex Power Semiconductors]
|
ST2100C..RSERIES ST2100C42R3L ST2100C30R0 ST2100C3 |
3850 A, 3400 V, SCR 3850 A, 3000 V, SCR 3850 A, 3800 V, SCR 3850 A, 4000 V, SCR 4000V 1770A Phase Control SCR in a A-36 (R-Puk) package 3600V 1770A Phase Control SCR in a A-36 (R-Puk) package 3800V 1770A Phase Control SCR in a A-36 (R-Puk) package 3000V 1770A Phase Control SCR in a A-36 (R-Puk) package 3200V 1770A Phase Control SCR in a A-36 (R-Puk) package 4200V 1770A Phase Control SCR in a A-36 (R-Puk) package PHASE CONTROL THYRISTORS DIODE ZENER DUAL COMMON-ANODE 300mW 36Vz 5mA-Izt 0.05 0.1uA-Ir 27 SOT-23 3K/REEL 相位控制晶闸
|
IRF[International Rectifier] International Rectifier, Corp.
|
CS1250-16IO1 CS1250 CS1250-12IO1 CS1250-14IO1 |
Phase Control Thyristor 3000 A, 1600 V, SCR Phase Control Thyristor 3000 A, 1400 V, SCR Phase Control Thyristor 3000 A, 1200 V, SCR
|
IXYS, Corp. IXYS[IXYS Corporation]
|
FR1ZZ-TP FR1ZZP FR1020GP |
1 A, 2000 V, SILICON, SIGNAL DIODE, DO-214AA HSMB, 2 PIN 1 Amp Glass Passivated Rectifier 1200 to 2000 Volts 1 A, 2000 V, SILICON, SIGNAL DIODE, DO-41
|
Micro Commercial Components, Corp.
|
ST1200C20K0 ST1200C20K0L ST1200C..KSERIES 2663 ST1 |
PHASE CONTROL THYRISTORS From old datasheet system 1400V 1650A Phase Control SCR in a A-24 (K-Puk) package 1800V 1650A Phase Control SCR in a A-24 (K-Puk) package 1200V 1650A Phase Control SCR in a A-24 (K-Puk) package 2000V 1650A Phase Control SCR in a A-24 (K-Puk) package 1600V 1650A Phase Control SCR in a A-24 (K-Puk) package Silicon Controlled Rectifier, 3080 A, 1600 V, SCR, KPUK-2
|
IRF[International Rectifier] Vishay Semiconductors
|
VKO55-14IO7 VKO55-16IO7 VKO55-12IO7 VGO55-08IO7 VG |
Single Phase Rectifier Bridge 41 A, 1600 V, SCR Single Phase Rectifier Bridge 41 A, 1400 V, SCR Single Phase Rectifier Bridge 41 A, 1200 V, SCR Single Phase Rectifier Bridge 41 A, 800 V, SCR Power Modules/Rectifier Bridge Modules: Single Phase Half-control Bridges / Single Phase, Full-control Rectifier Bridges
|
IXYS, Corp. IXYS[IXYS Corporation]
|
C781PN C781 C781L C781LA C781PB C781PD C781PM |
Phase Control SCR 2500 Amperes Average 2100 Volts 4820 A, 1200 V, SCR Phase Control SCR 2500 Amperes Average 2100 Volts 相位控制晶闸管二五○○安培平100伏特 Phase Control SCR 2500 Amperes Average 1600-2100 Volts
|
Powerex, Inc. POWEREX[Powerex Power Semiconductors] Powerex Power Semicondu...
|
C390X555 C390MX555 C390NX555 C390PBX555 C390PX555 |
Phase Control SCR 590 Amperes Average 1200 Volts 925 A, 800 V, SCR KPTC 4C 4#20 PIN RECP
|
Powerex, Inc. POWEREX[Powerex Power Semiconductors]
|
111RIA80 110RIA 110RIA120 110RIA80 111RIA 111RIA12 |
Silicon Controlled Rectifier, 172 A, 800 V, SCR, TO-209AC, METAL GLASS, TO-94, 3 PIN 800V 110A Phase Control SCR in a TO-209AC (TO-94) package 1200V 110A Phase Control SCR in a TO-209AC (TO-94) package 400V 110A Phase Control SCR in a TO-209AC (TO-94) package PHASE CONTROL THYRISTORS From old datasheet system
|
Vishay Semiconductors IRF[International Rectifier]
|