PART |
Description |
Maker |
ML9228GA ML9228 |
82-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, Keyscan
|
OKI[OKI electronic componets]
|
ML9222GA ML9222 |
32-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan
|
OKI[OKI electronic componets]
|
ML9226GA ML9226 |
32-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan
|
OKI[OKI electronic componets]
|
ML9212GA ML9212 |
32-Bit Duplex/Triplex (1/2 duty / 1/3 duty) VF Controller/Driver with Digital Dimming
|
OKI[OKI electronic componets]
|
ML9211 |
56-Bit Duplex/Triplex (1/2 duty / 1/3 duty) VF Controller/Driver with Digital Dimming
|
OKI electronic components OKI[OKI electronic componets]
|
RGB-4500 |
Single Fiber Hi-Res Video, Duplex Audio & RS-232 Duplex Data
|
Opticomm Corporation
|
OTS-1VTR2ATR |
Optiva Standard, 1 Duplex Composite Video and 2 Duplex Audio
|
Opticomm Corporation
|
ADM4857 ADM4856 ADM4855 ADM4854 ADM4853 ADM4852 AD |
5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers Full Duplex RS-485/RS-22 Transceiver w/10Mbps Data Rate Full Duplex RS-485/RS-22 Transceiver w/115kbps Data Rate Full Duplex RS-485/RS-22 Transceiver w/500kbps Data Rate Half Duplex RS-485/RS-22 Transceiver w/500kbps Data Rate Half Duplex RS-485/RS-22 Transceiver w/115kbps Data Rate Half Duplex RS-485/RS-22 Transceiver w/2.5Mbps Data Rate Full Duplex RS-485/RS-22 Transceiver w/2.5Mbps Data Rate MOSFET, N, TO-92; Transistor type:MOSFET; Current, Id cont:0.47A; Resistance, Rds on:2R; Case style:TO-92; Current, Idm pulse:1A; Pins, No. of:3; Pitch, lead:2.54mm; Power dissipation:0.8W; Power, Pd:0.8W; Temperature, RoHS Compliant: Yes 5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers LINE TRANSCEIVER, DSO8 5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers 5伏摆率限制半和全双工RS-485/RS-422收发 5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDSO8
|
AD[Analog Devices] Analog Devices, Inc.
|
MAX19713ETN |
10-Bit, 45Msps, Full-Duplex Analog Front-End
|
Maxim Integrated Products, Inc.
|
5962-9061709MNA 5962-9061705MRA 5962-9061704MRA 59 |
Power Drivers for Peltier TEC Modules 10-Bit, 45Msps, Full-Duplex, Analog Front-End Dual, 180° Out-of-Phase, 1.4MHz, 750mA Step-Down Regulator with POR and RSI/PFO 6-Channel, Multi-Range, 5V, 12-Bit DAS with 12-Bit Bus Interface and Fault Protection Smallest 1A, 1.4MHz Step-Down Regulators x4 Fast Page Mode DRAM x4快速页面模式的DRAM
|
Maxwell Technologies, Inc
|
AT89C5115-SISUM AT89C5115 AT89C5115-RATUM AT89C511 |
Low Pin Count 8-bit Microcontroller with A/D Converter and 16 KBytes Flash Memory Full Duplex UART Compatible 80C51
|
ATMEL Corporation
|
MAX13181E MAX13181EELB MAX13182E MAX13182EELB MAX1 |
5.0V, ±15kV ESD-Protected, Half-Duplex/Full-Duplex, RS-485 Transceiver in uDFN 5.0V, 【15kV ESD-Protected, Half-Duplex/Full-Duplex, RS-485 Transceiver in uDFN
|
http:// Maxim Integrated Products
|