PART |
Description |
Maker |
AT49BV001A AT49BV001A-55JI AT49BV001A-55TI AT49BV0 |
128K x 8 (1M bit), 2.7-Volt Read and Write, Top or Bottom Boot Parametric Block Flash. 1-megabit (128K x 8) Single 2.7-volt Battery-Voltage⑩ Flash Memory 1-MEGABIT (128K X 8) SINGLE 2.7-VOLT BATTERY-VOLTAGE⒙ FLASH MEMORY 1-megabit (128K x 8) Single 2.7-volt Battery-Voltage Flash Memory AC 12C 12#12 SKT RECP JT 100C 100#22D SKT RECP AT49BV001A(N)(T) [Updated 9/03. 18 Pages] 128K x 8 (1M bit). 2.7-Volt Read and Write. Top or Bottom Boot Parametric Block Flash. AC 6C 3#16 3#4 SKT RECP Circular Connector; No. of Contacts:55; Series:MS27508; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:22; Circular Contact Gender:Socket; Circular Shell Style:Box Mount Receptacle RoHS Compliant: No 1-megabit (128K x 8) Single 2.7-volt Battery-VoltageFlash Memory 1兆位128K的8)单2.7伏电池电压⑩闪存 1-megabit (128K x 8) Single 2.7-volt Battery-VoltageFlash Memory 128K X 8 FLASH 2.7V PROM, 55 ns, PQCC32 1-megabit (128K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
AT49F2048A AT49F2048A-70RC AT49F2048A-70RI AT49F20 |
2M bit, 5-Volt Read and 5-Volt Write Flash, Bottom Boot From old datasheet system 2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory 128K X 16 FLASH 5V PROM, 90 ns, PDSO44 2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory 128K X 16 FLASH 5V PROM, 90 ns, PDSO48
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
AM28F010 AM28F010-200JEB AM28F010-150FIB AM28F010- |
1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 128K X 8 FLASH 12V PROM, 150 ns, PDIP32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 128K X 8 FLASH 12V PROM, 200 ns, PDSO32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 128K X 8 FLASH 12V PROM, 90 ns, PDSO32 CMOS Dual Binary Up-Counter 16-TSSOP -55 to 125 CMOS Dual Binary Up-Counter 16-SO -55 to 125 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt/ Bulk Erase Flash Memory
|
ADVANCED MICRO DEVICES INC Advanced Micro Devices, Inc.
|
W29EE011P-90 W29EE011P-15 W29EE011T-15 |
Hook-Up Wire; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Color:Black; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes KJA SERIES III 128K X 8 CMOS FLASH MEMORY 128K X 8 FLASH 5V PROM, 90 ns, PQCC32 128K X 8 CMOS FLASH MEMORY 128K的8的CMOS闪存
|
Winbond Electronics Corp Winbond Electronics, Corp.
|
E28F010-65 N28F010-65 F28F010-65 P28F010-65 E28F01 |
1024K (128K x 8) CMOS FLASH MEMORY 1024K (128K x 8) CMOS FLASH MEMORY 128K X 8 FLASH 12V PROM, 150 ns, PDSO32
|
Intel Corporation Intel, Corp. Intel Corp.
|
EN29LV010-90TC EN29LV010-70TCP EN29LV010-70SCP EN2 |
1 Megabit (128K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory 1兆位28K的8位)统一部门.0伏的CMOS只闪 1 Megabit (128K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory 1兆位28K的8位)统一部门3.0伏的CMOS只闪 1 Megabit (128K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory 1兆位128K的8位)统一部门.0伏的CMOS只闪
|
Eon Silicon Solution Inc. Electronic Theatre Controls, Inc. Eon Silicon Solution, Inc.
|
AS29F010CW-12/883C AS29F010CW-6/IT |
128K x 8 FLASH UNIFORM SECTOR 5.0V FLASH MEMORY 128K X 8 FLASH 5V PROM, 120 ns, CDIP32 128K x 8 FLASH UNIFORM SECTOR 5.0V FLASH MEMORY 128K X 8 FLASH 5V PROM, 60 ns, CDIP32
|
Austin Semiconductor, Inc
|
EN29F010 EN29F010-70JCP EN29F010-90JIP EN29F010-55 |
1 Megabit (128K x 8-bit) 5V Flash Memory
|
ETC Eon Silicon Solution Inc.
|
MX28F1000P |
1M-BIT [128K x 8] CMOS FLASH MEMORY
|
List of Unclassifed Manufacturers
|
LE25FU106B LE25FU106B11 |
1M-bit (128K×8) Serial Flash Memory
|
Sanyo Semicon Device
|
W39L010P-90 W39L010P-70 W39L010Q-90 W39L010Q-90B W |
128K X 8 CMOS FLASH MEMORY 128K X 8 FLASH 3.3V PROM, 70 ns, PQCC32
|
Winbond Electronics Corp Winbond Electronics, Corp.
|