PART |
Description |
Maker |
AB28F400BX-T90 A28F400BX-B AB28F400BX-B90 |
4-MBIT 256K x16, 512K x8 BOOT BLOCK FLASH MEMORY FAMILY 4-MBIT 256K x16/ 512K x8 BOOT BLOCK FLASH MEMORY FAMILY JT 23C 2#16 21#20 SKT RECP JT 32C 32#20 PIN RECP 4-MBIT (256K x16. 512K x8) BOOT BLOCK FLASH MEMORY FAMILY 4兆位56K x16。为512k × 8)启动块闪存系列 4-MBIT (256K x16, 512K x8) BOOT BLOCK FLASH MEMORY FAMILY
|
http:// Intel Corporation Intel Corp. Intel, Corp.
|
MBM29LV400BC-55PCV MBM29LV400BC-55PBT MBM29LV400TC |
FLASH MEMORY CMOS 4M (512K X 8/256K X 16) BIT 256K X 16 FLASH 3V PROM, 90 ns, PBGA48 FLASH MEMORY CMOS 4M (512K X 8/256K X 16) BIT 256K X 16 FLASH 3V PROM, 55 ns, PBGA48 FLASH MEMORY CMOS 4M (512K X 8/256K X 16) BIT 256K X 16 FLASH 3V PROM, 70 ns, PBGA48 FLASH MEMORY CMOS 4M (512K X 8/256K X 16) BIT 256K X 16 FLASH 3V PROM, 55 ns, PDSO48
|
Spansion Inc. Spansion, Inc.
|
MBM29F400TA MBM29F400BA |
4M (512K×8/256K ×16) Bit Flash Memory(4M V 电源电压512K×8/256K ×16位闪速存储器) 4分(12k × 8/256K × 16)位闪存分单5V的电源电压为512k × 8/256K × 16位闪速存储器
|
Fujitsu Limited
|
AM29LV800DB-70EF AM29LV800DB-90EF AM29LV800DB-70WC |
Flash Memory IC; Memory Size:8Mbit; Package/Case:48-TSOP; Supply Voltage Max:3V; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Access Time, Tacc:70nS; Series:AM29 RoHS Compliant: Yes 512K X 16 FLASH 3V PROM, 70 ns, PDSO48 512K X 16 FLASH 3V PROM, 90 ns, PDSO48 512K X 16 FLASH 3V PROM, 70 ns, PBGA48 512K X 16 FLASH 3V PROM, 90 ns, PBGA48 512K X 16 FLASH 3V PROM, 120 ns, PDSO48 512K X 16 FLASH 3V PROM, 120 ns, PDSO44 512K X 16 FLASH 3V PROM, 90 ns, PDSO44
|
Spansion, Inc. SPANSION LLC
|
BM29F400B BM29F400T 29F400T-12PC 29F400T-12PI 29F4 |
4 MEGABIT (512K x 8 ) 5 VOLT SECTOR ERASE CMOS FLASH MEMORY(5V电源4M512K x 8 )扇区可擦除CMOS闪速存储器) 4兆位(为512k × 8伏扇区擦除的CMOS闪存V的电源的4分位(为512k × 8)扇区可擦除的CMOS闪速存储器 4MEGABIT (512K x 8/ 256K x 16) 5VOLT SECTOR ERASE CMOS FLASH MEMORY
|
Winbond Electronics, Corp. List of Unclassifed Manufacturers
|
LH28F400SUT-NC60 LH28F400SUT-NC80 LH28F400SUE-NC60 |
4M (512K 8 256K 16) Flash Memory 4M (512K 】 8, 256K 】 16) Flash Memory
|
SHARP[Sharp Electrionic Components]
|
LH28F400SU-NC LH28F400SUE-NC60 LH28F400SUE-NC80 LH |
4M (512K 8, 256K 16) Flash Memory 4M (512K bb 8/ 256K bb 16) Flash Memory 4M (512K 8, 256K 16) Flash Memory
|
SHARP
|
LH28F400SUB-Z0 LH28F400SUB |
4M (512K 】 8, 256K 】 16) Flash Memory
|
SHARP[Sharp Electrionic Components]
|
E28F004BX-B80 E28F004BX-B60 E28F004BX-T120 28F400B |
4-MBIT (256K X 16. 512K X 8) BOOT BLOCK FLASH MEMORY FAMILY 4兆位56 × 16。为512k × 8)启动块闪存系列 OSC 5V SMT PLAS 14X9 CMOS LENS, ROUND, RED; Colour:Red; Diameter, external:29mm RoHS Compliant: Yes Series RR3130 round rocker switches have an ergonomic euro design and panel mounting ACTUATOR, SWITCH, ROUND, MOMENTARY; Approval Bodies:BEAB, VDE, UL, CSA; Diameter, external:29mm; IP rating:65; Operations, mechanical No. of:1000000; Temp, op. max:85(degree C); Temp, op. min:-20(degree C) RoHS Compliant: Yes Evaluation Kit for the MAX5944 Series RR3112 round rocker switches have an ergonomic feel and multiple circuit options 4-MBIT (256K X 16, 512K X 8) BOOT BLOCK FLASH MEMORY FAMILY 4-MBIT (256K X 16/ 512K X 8) BOOT BLOCK FLASH MEMORY FAMILY
|
http:// Electronic Theatre Controls, Inc. PROM Intel Corp. Intel Corporation
|
MBM29DL400BC-70 MBM29DL400BC-55 MBM29DL400TC-12 MB |
FLASH MEMORY 4M (512K x 8/256K x 16) BIT
|
Fujitsu Microelectronics
|
W28V400B W28V400T |
4M(512K x 8/256K x 16) SMARTVOLTAGE FLASH MEMORY
|
Winbond Electronics Corp
|
MX29LV400CBXBC-90G MX29LV400CTXBC-90G MX29LV400CTX |
4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
|
http://
|