PART |
Description |
Maker |
MAX5065 |
(MAX5065 / MAX5067) Average-Current-Mode Controllers
|
Maxim Integrated Products
|
GBL400 GBL404 GBL402 GBL401 GBL406 GBL408 |
Miniature single-phase silicon bridge rectifier. Max recurrent peak reverse voltage 800V. Max average forward rectified output current 4.0A(Tc=50degC), 3.0A(Tj=40degC). Miniature single-phase silicon bridge rectifier. Max recurrent peak reverse voltage 600V. Max average forward rectified output current 4.0A(Tc=50degC), 3.0A(Tj=40degC). Miniature single-phase silicon bridge rectifier. Max recurrent peak reverse voltage 100V. Max average forward rectified output current 4.0A(Tc=50degC), 3.0A(Tj=40degC). Miniature single-phase silicon bridge rectifier. Max recurrent peak reverse voltage 200V. Max average forward rectified output current 4.0A(Tc=50degC), 3.0A(Tj=40degC). Miniature single-phase silicon bridge rectifier. Max recurrent peak reverse voltage 400V. Max average forward rectified output current 4.0A(Tc=50degC), 3.0A(Tj=40degC). IN-LINE MINIATURE SINGLE PHASE SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 4.0 Amperes) Aluminum Polymer SMT Capacitor; Capacitance: 1000uF; Voltage: 4V; Case Size: 10x8 mm; Packaging: Tape & Reel
|
PANJIT[Pan Jit International Inc.] PanJit International Inc.
|
PK548 |
Average Weight: 7.8820 g
|
Xilinx, Inc
|
PK504 |
Average Weight: 2.292 g
|
Xilinx, Inc
|
ADN2830 |
Average Power Controller for Continuous Wave (CW) Laser
|
Analog Devices
|
MAX5060ATI |
0.6V to 5.5V Output, Parallelable, Average-Current-Mode DC-DC Controllers
|
Maxim Integrated Products, Inc.
|
5962-9850901NUA 5962-9850901QZC 5962-9850901NTB 59 |
Dual-Phase, Parallelable, Average Current-Mode Controllers Dual-Phase, Parallelable, Average-Current-Mode Controllers
|
|
HV9861ANG-G HV9861ALG-G |
LED Driver with Average-Mode, Constant Current Control
|
Supertex, Inc
|
MAX5041BEAI |
Dual-Phase, Parallelable, Average Current-Mode Controllers
|
Maxim Integrated Produc...
|
MAX5038AEAI18 MAX5038AEAI15 MAX5038AEAI25 |
Dual-Phase, Parallelable, Average-Current-Mode Controllers
|
Maxim Integrated Produc...
|