PART |
Description |
Maker |
MAL219826221E3 MAL219826681E3 MAL219826561E3 MAL21 |
Aluminum Capacitors Power High Ripple Current Snap-In
|
Vishay Siliconix
|
193PUR-SI |
Aluminum Capacitors Power Ultra High Ripple Current Snap-In for Solar
|
Vishay Siliconix
|
CD29DHR |
Small Size Long Useful Life High Ripple Current Industrial Power Supplies and Inverters
|
Jianghai Europe GmbH
|
MAL210129473E3 MAL210128223E3 MAL210127153E3 MAL21 |
Aluminum Capacitors Power High Ripple Current Screw Terminals Aluminum Capacitors Power High Ripple Current Screw Terminals
|
http:// Vishay Siliconix
|
L113612 |
HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
|
Unisonic Technologies
|
HBV |
low esr and high ripple current
|
Surge Components
|
T495V227K006AS T495V227K006AT T495V227K035AS T495V |
Low ESR, High Ripple Current, Solid Tantalum Chip Capacitory5|} |
Cornell Dubilier Electr... Cornell Dubilier Electronics
|
BU1ATH5WNVX-1TL |
High Ripple Rejection, Low Current Consumption, Versatile Package FULL CMOS LDO Regulator (500mA)
|
ROHM
|
ISOPAC01 ISOPAC0103 ISOPAC0104 ISOPAC0111 ISOPAC01 |
High Current High density Isolated Silicon Power Rectifier(????靛?600V锛?ぇ?垫?锛??瀵?害锛??绂诲?锛??????存??? High Current High density Isolated Silicon Power Rectifier(????靛?1000V锛?ぇ?垫?锛??瀵?害锛??绂诲?纭?????娴??) High-Current Isolated Rectifier Assemblies. 150 V-1000 V. 10 nS - 2 microseconds 大电流隔离整流器大会150 V000五,10纳秒- 2微秒 HIGH CURRENT ISOLATED RECTIFIER ASSEMBLY High Current High density Isolated Silicon Power Rectifier(????靛?1000V锛?ぇ?垫?锛??瀵?害锛??绂诲?锛??????存???
|
International Rectifier, Corp. Semtech Corporation
|
HVC |
PC SMD 105∑C Very Low ESR High Ripple Current 2.000h Lifetime(Polymer SMD)
|
南通江海电容器股份有限公司
|
MMBZ4690 MMBZ4691 MMBZ4692 MMBZ4693 MMBZ4694 MMBZ4 |
Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 50μA低电流操作,低反向漏,低噪声稳压二极管(250μA工作电流,小反向漏电流,低噪声,齐纳二极管) ZENER DIODES VOLT SUPP AVX VC120605A150
|
GE Security, Inc. GE[General Semiconductor]
|