PART |
Description |
Maker |
AD7715ACHIPS-3 AD7715ACHIPS-5 EVAL-AD7715-3EBZ EVA |
3 V/5 V, 450 μA 16-Bit, Sigma-Delta ADC 3 V/5 V, 450 muA 16-Bit, Sigma-Delta ADC 1-CH 16-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO16
|
ANALOG DEVICES INC
|
AD7714ARZ-5REEL AD7714SQ |
CMOS, 3V/5V, 500 µA, 24-Bit Sigma-Delta, Signal Conditioning ADC; Package: SOIC - Wide; No of Pins: 24; Temperature Range: Industrial 5-CH 24-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO24 6-CH 24-BIT DELTA-SIGMA ADC, SERIAL ACCESS, CDIP24
|
Analog Devices, Inc. ANALOG DEVICES INC
|
LTC2412 LTC2424 LTC2412CGN |
2-Channel Differential Input 24-Bit No Latency Delta Sigma ADC 2-Ch Differential Input 24-Bit No Latency Delta Sigma 16-Bit 2.5-V to 3.3-V/3.3-V To 5-V Level Shifting Transceiver With 3-State Outputs 48-SSOP -40 to 85 16-Bit Universal Bus Driver With 3-State Outputs 48-TVSOP -40 to 85 2-CH 24-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO16
|
Linear Technology Corporation Linear Technology, Corp.
|
AD7703BNZ AD7703 AD7703AQ |
LC2MOS 20-Bit A/D Converter 1-CH 20-BIT DELTA-SIGMA ADC, SERIAL ACCESS, CDIP20 20-Bit Sigma-Delta ADC
|
Analog Devices, Inc.
|
HI7190IB HI7190IP |
null24-Bit, High Precision, Sigma Delta A/D Converter 1-CH 22-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO20 null24-Bit, High Precision, Sigma Delta A/D Converter 1-CH 24-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDIP20
|
Intersil, Corp.
|
AD7701ARSZ AD7701ARZ-REEL |
16-Bit Sigma-Delta ADC; Package: SSOP; No of Pins: 28; Temperature Range: Commercial 1-CH 16-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO28 16-Bit Sigma-Delta ADC; Package: SOIC - Wide; No of Pins: 20; Temperature Range: Commercial
|
Analog Devices, Inc. ANALOG DEVICES INC
|
AD7706 AD7706BN AD7706BR AD7706BRU EVAL-AD7706EB A |
3V/5V, 1 mW, 2-Channel Differential, 16-Bit Sigma-Delta ADC 3V/5V, 1mW, 3-Channel Pseudo Differential, 16-Bit Sigma-Delta ADC 3 V/5 V, 1 mW 2-/3-Channel 16-Bit, Sigma-Delta ADCs
|
AD[Analog Devices]
|
AD7705BRZ AD7705BRZ-REEL7 AD7706BRU-REEL AD7705BRU |
3V/5V, 1 mW, 2-Channel Differential, 16-Bit Sigma-Delta ADC; Package: SOIC - Wide; No of Pins: 16; Temperature Range: Industrial 2-CH 16-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO16 3V/5V, 1mW, 3-Channel Pseudo Differential, 16-Bit Sigma-Delta ADC; Package: TSSOP; No of Pins: 16; Temperature Range: Industrial 3-CH 16-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO16 3V/5V, 1 mW, 2-Channel Differential, 16-Bit Sigma-Delta ADC; Package: TSSOP; No of Pins: 16; Temperature Range: Industrial 2-CH 16-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO16
|
Analog Devices, Inc.
|
TC3405 TC3405VPE TC3405VQR |
The TC3405 is a low cost, low power analog-to-digital converter based on Microchip’s Sigma-Delta technology. It performs 16-bit conversions (15-bit plus sign) at up to eight per second.Thedeviceis optimizedforuseas microcontroller pe 16-Bit, Low Cost, Low Power Sigma-Delta A/D Converter
|
MICROCHIP[Microchip Technology]
|
LTC2411-1IMSTR LTC2411IMSPBF LTC2411-1IMSPBF |
24-Bit No Latency Delta Sigma ADC with Differential Input and Reference in MSOP; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 85°C 1-CH 24-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO10
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LTC2408 LTC2404 |
4-/8-Channel 24-Bit PowerNo Latency Delta-SigmaADC 4-/8-Channel 24-Bit µPowerNo Latency Delta-Sigma ADC 4-Ch, 4ppm INL, 1.5uV Noise, No Latency Delta Sigma 8-Ch, 4ppm INL, 1.5uV Noise, No Latency Delta Sigma
|
Linear Technology
|
|