PART |
Description |
Maker |
FM1008-200DC FM1008-200SC FM1008-200PC FMX1308-200 |
1024-16384-bit nonvolatile static RAM family 1024-16384-bit nonvlatile static ram family NVRAM (Ferroelectric Based) NVRAM中(基于铁电
|
Ramtron International Corp. Ramtron International, Corp.
|
M5M2168P |
16384-Bit Static RAM
|
Mitsubishi Electric
|
S6831B |
16384 Bit Static NMOS ROM
|
AMI Semiconductor
|
TC55417J TC55417P |
(TC55417P/J) 16384 x 4-Bit CMOS Static RAM
|
Toshiba
|
CDM53128 |
CMOS 16384 x 8-Bit LSI Static ROM
|
Harris
|
M5L27128K M5L27128K-2 |
131 072-BIT(16384-WORD BY 8-BIT) ERASABLE AND ELECTRICALLY REPROGRAMMABLE ROM
|
Mitsubishi Electric Semiconductor
|
LC87F1HC8A |
CMOS IC 128K-byte FROM and 16384-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
|
Sanyo Semicon Device
|
IDT72255 IDT72255L10G IDT72255L10GB IDT72255L10PF |
CMOS SUPERSYNC FIFOO 8192 x 18 16384 x 18 CMOS SUPERSYNC FIFOO 8,192 x 18, 16,384 x 18
|
IDT[Integrated Device Technology]
|
M5M4416P M5M4416P-12 M5M4416P-15 |
65536 Bit (16384 Word by 4 Bit) Dynamic Ram 65,536-BIT (16,384-WORD BY 4-BIT) DYNAMIC RAM
|
Mitsubishi Electric Corporation Mitsubishi Electric Semiconductor
|
LA6261 LA626107 |
For Optical Disk Drive 6-Channel Driver (BTL: 4 channels, H bridge: 2 channels)
|
Sanyo Semicon Device
|
IXTH6N80 IXTM6N80 6N80 IXTM6N80A IXTH6N80A |
N-Channel Enhancement Mode 32-Bit Microcontroller IC; Controller Family/Series:(ARM9); Number of I/O Pins:24; ADC Channels:5; Number of Timers 8/12/16/32 Bits:0 / 0 / 2 / 1; Number of PWM Channels:1; Clock Speed:200MHz; Interfaces:AC97, I2S, SPI, UART, USB
|
IXYS[IXYS Corporation] ETC[ETC]
|