PART |
Description |
Maker |
IDT7203L20J IDT7203L20JB IDT7204L20J IDT7204L20JB |
CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 CMOS ASYNCHRONOUS FIFO 2048 x 9 4096 x 9 8192 x 9 and 16384 x 9 RES,SMD,100,1%,0.063W,0603 High-speed double diode - Cd max.: 1.5 pF; Configuration: dual c.c. ; IF max: 215 mA; IFSM max: 4 A; IR max: 500@VR=80V nA; IFRM: 500 mA; trr max: 4 ns; VFmax: 1@IF=50mA mV; VR max: 80 V Schottky barrier diode - Cd max.: 100@VR=4V pF; Configuration: single ; IF: 1 A; IFSM max: 25 A; IR max: 1@VR=25V mA; VFmax: 450@IF=1A mV; VR: 25 V CMOS ASYNCHRONOUS FIFO 2048 x 9/ 4096 x 9/ 8192 x 9 and 16384 x 9 Trenchmos (tm) logic level FET - Configuration: Single N-channel ; I<sub>D</sub> DC: 0.34 A; R<sub>DS(on)</sub>: 3900@10V5300@4.5V mOhm; V<sub>DS</sub>max: 60 V 异步FIFO的CMOS 2048 × 9096 × 9192 × 96384 × 9 INSERT, COAX FEMALE STRAIGHTINSERT, COAX FEMALE STRAIGHT; Impedance:50R; Coaxial cable type:RG174AU/RG188AU/RG316AU 16K X 9 OTHER FIFO, 50 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 30 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 异步FIFO的CMOS 2048 × 9096 × 9192 × 96384 × 9 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 16K X 9 OTHER FIFO, 50 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 16K X 9 OTHER FIFO, 50 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 16K X 9 OTHER FIFO, 50 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 20 ns, PQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 8K X 9 OTHER FIFO, 50 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 80 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 80 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 25 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 8K X 9 OTHER FIFO, 20 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 20 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 8K X 9 OTHER FIFO, 50 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 20 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 20 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 65 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 65 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 50 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 50 ns, PQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 25 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 50 ns, PQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 65 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 65 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 65 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 80 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 80 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 80 ns, CDIP28
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc. Air Cost Control INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Techn...
|
M5M5256DP-45LL-W M5M5256DP-45XL-W M5M5256DP-55LL-W |
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM 262144位(32768 - Word位)的CMOS静态RAM Octal D-Type Transparent Latches With 3-State Outputs 20-SOIC -40 to 85 From old datasheet system
|
Mitsubishi Electric, Corp. Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
M5M5256DFP-70VLL-W M5M5256DFP-85VXL-W M5M5256DRV-7 |
From old datasheet system Octal D-Type Edge-Triggered Flip-Flops With 3-State Outputs 20-SOIC -40 to 85 262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM 262144位(32768 - Word位)的CMOS静态RAM
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric, Corp.
|
BTS740S2 BTS740-S2 |
Smart High Side Switches - 5,0-34V, 2x30mΩ Limit(scr) 24A DSO-20-9 Smart High-Side Power Switch Two Channels: 2 x 30m Current Sense Smart High-Side Power Switch Two Channels: 2 x 30mз Current Sense
|
Infineon Technologies AG
|
CXK5T8257BM CXK5T8257BM-10LLX CXK5T8257BM-12LLX CX |
32768-word X 8-bit High Speed CMOS Static RAM
|
SONY[Sony Corporation]
|
CXK5863 CXK5863AP-20 CXK5863AP-25 CXK5863AJ-20 CXK |
8192 word x 8-bit High Speed CMOS Static RAM
|
SONY[Sony Corporation]
|
HM6264A HM6264FP-10 HM6264FP-12 HM6264FP-15 HM6264 |
8192-word x 8-bit High Speed CMOS Static RAM 8192字8位高速CMOS静态RAM
|
http:// HITACHI[Hitachi Semiconductor] Hitachi,Ltd.
|
ITS724G SP000219835 |
Smart High-Side Power Switch For Industrial Applications Four Channels: 4 x 90m?/a> Smart High-Side Power Switch For Industrial Applications Four Channels: 4 x 90mз Smart High-Side Power Switch For Industrial Applications Four Channels: 4 x 90m蟹
|
INFINEON[Infineon Technologies AG]
|
M5M5256DFP-70VLL-I M5M5256DFP-70VXL-I M5M5256DFP-8 |
32K X 8 STANDARD SRAM, 85 ns, PDSO28 8 X 13.40 MM, TSOP-28 32K X 8 STANDARD SRAM, 85 ns, PDSO28 0.450 INCH, SOP-28 262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM 262144位(32768 - Word8位)的CMOS静态RAM From old datasheet system
|
Maxim Integrated Products, Inc. Mitsubishi Electric, Corp. MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation
|
801-4 800 800-1 800-2 800-3 800-4 801-1 801-2 801- |
PROFET: Smart High Side Switches; Package: PG-TO220-5; Channels: 1.0; RON @ Tj = 25°C : 220.0 mOhm; Recommended Operating Voltage Range: 4.7 - 42.0 V; IL(SC): 12.0 A; Diagnostic: digital PROFET: Smart High Side Switches; Package: PG-DSO-8; Channels: 1.0; RON @ Tj = 25°C : 200.0 mOhm; Recommended Operating Voltage Range: 6.0 - 52.0 V; IL(SC): 6.5 A; Diagnostic: digital Voltage Range: 12.0 - 45.0 V; IL(SC): 2.1 A; Diagnostic: n.a. PROFET: Smart High Side Switches; Package: PG-SOT223-4; Channels: 1.0; RON @ Tj = 25°C : 1,500.0 mOhm; Recommended Operating Voltage Range: 4.9 - 60.0 V; IL(SC): 0.9 A; Diagnostic: n.a. RECTIFIERS ASSEMBLIES THREE PHASE BRIDGES, 20-40 AMP, STANDARD HIGH EFFICIENCY, ESP
|
MICROSEMI[Microsemi Corporation]
|
HM62256BLFP10 HM62256BLFP8 HM62256BLFP-4SLT |
32768-word x 8-bit high speed CMOS static RAM, 45ns IC-SM-256K CMOS SRAM
|
Hitachi Semiconductor
|
|