PART |
Description |
Maker |
5962-8971302MZX 5962-8971301QZX 5962-8971301MZX 59 |
High-Voltage, Low-Power Linear Regulators for Notebook Computers Field Programmable Gate Array (FPGA) CMOS, 20µs, 8-Bit, 8-Channel Data Acquisition System High-Side, N-Channel MOSFET Switch Driver CMOS, µP Compatible, 4µs, 8-Bit ADC CMOS, µP Compatible, 4µs, 8-Bit ADC 现场可编程门阵列(FPGA Digitally Controlled CCFL Backlight Power Supplies 现场可编程门阵列(FPGA
|
Maxwell Technologies, Inc Vicor, Corp.
|
PIC12CE518-04/SN PIC12CE518-04E/SM PIC12CE518-04I/ |
8-Pin/ 8-Bit CMOS Microcontroller with EEPROM Data Memory GIGABASE 350 CAT5E PATCH 6 FT, NON BOOT, PURPLE HDMI (F) TO DVI (M) 24 PIN SWIVEL ADAPTER Fuse; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No 8-Pin, 8-Bit CMOS Microcontroller with EEPROM Data Memory 8引脚8位微控制器的CMOS EEPROM数据存储 IC-SM-8-BIT MCU 集成电路位微控制
|
Microchip Technology Inc. Microchip Technology, Inc. Cinch Connectors
|
MC74VHCT50ADG MC74VHCT50ADR2 MC74VHCT50ADR2G MC74V |
Noninverting Buffer / CMOS Logic Level Shifter with LSTTL−Compatible Inputs AHCT/VHCT SERIES, HEX 1-INPUT NON-INVERT GATE, PDSO14 Noninverting Buffer / CMOS Logic Level Shifter with LSTTL−Compatible Inputs
|
ONSEMI[ON Semiconductor]
|
MAX160-MX7574 MX7574 MAX7574TD MAX7574SQ MAX7574AQ |
Microprocessor compatible 8-bit A/D converter. Fast conversion time 15microsec. Error -3/4 LSB. Hex Schmitt-trigger Inverters 14-CFP -55 to 125 μP Compatible 8 Bit A/D Converter ヌP COMPATIBLE 8 BIT A/D CONVERTER 10 AMP MINIATURE POWER RELAY レP Compatible 8 Bit A/D Converter 1-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, UUC18 ?? Compatible 8 Bit A/D Converter
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
DG301BK DG302CK DG301CWE DG301C_D DG301CK DG303BK |
Circular Connector; No. of Contacts:6; Series:JTPQ00R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:8; Circular Contact Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:8-35 High Precision, Low-Voltage, Micropower Op Amp TTL Compatible CMOS Analog Switches DUAL 2-CHANNEL, DBL POLE SGL THROW SWITCH, PDSO16 TTL Compatible CMOS Analog Switches TTL兼容CMOS模拟开
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. ITW Chemtronics
|
UT28F256 UT28F256T-45UPX 5962F9689103QXA 5962F9689 |
Radiation-hardenet 32K x 8 PROM: SMD. Class V. 45ns acces time, TTL inputs, CMOS/TTL compatible outputs. Lead finish optional. Total dose 3E5 rads(Si). Radiation-hardenet 32K x 8 PROM: SMD. Class V. 45ns acces time, TTL inputs, CMOS/TTL compatible outputs. Lead finish solder. Total dose 3E5 rads(Si). Radiation-hardenet 32K x 8 PROM: SMD. Class Q. 45ns acces time, TTL inputs, CMOS/TTL compatible outputs. Lead finish optional. Total dose 3E5 rads(Si). Radiation-hardenet 32K x 8 PROM: SMD. Class Q. 45ns acces time, TTL inputs, CMOS/TTL compatible outputs. Lead finish solder. Total dose 3E5 rads(Si). 320 x 240 pixel format, LED or CFL Backlight Recalibration Service for 2120B B&K Oscilloscope Oscilloscope; Scope Type:Analog; Scope Bandwidth:30 MHz; Scope Channels:2 Scope; Calibrated:No; Rise Time:12ns; Sensitivity:5 mV/div to 5 V/div; Accuracy: /- 3 %; Resistance:1Mohm Recalibration Service for 2125A B&K Oscilloscope Radiation-Hardened 32K x 8 PROM 辐射加固32K的8胎膜早破 Recalibration Service for 2120B B&K Oscilloscope 辐射加固32K的8胎膜早破 Radiation-hardenet 32K x 8 PROM: SMD. Class Q. 40ns acces time, TTL inputs, CMOS/TTL compatible outputs. Lead finish solder. Total dose 3E5 rads(Si). Radiation-hardenet 32K x 8 PROM: SMD. Class Q. 40ns acces time, TTL inputs, CMOS/TTL compatible outputs. Lead finish gold. Total dose 3E5 rads(Si). Radiation-hardenet 32K x 8 PROM: SMD. Class Q. 40ns acces time, TTL inputs, CMOS/TTL compatible outputs. Lead finish optional. Total dose 3E5 rads(Si). Radiation-hardenet 32K x 8 PROM: SMD. Class V. 40ns acces time, TTL inputs, CMOS/TTL compatible outputs. Lead finish solder. Total dose 3E5 rads(Si). Radiation-hardenet 32K x 8 PROM: SMD. Class V. 40ns acces time, TTL inputs, CMOS/TTL compatible outputs. Lead finish gold. Total dose 3E5 rads(Si). Radiation-hardenet 32K x 8 PROM: SMD. Class V. 40ns acces time, TTL inputs, CMOS/TTL compatible outputs. Lead finish optional. Total dose 3E5 rads(Si). Radiation-hardenet 32K x 8 PROM: SMD. Class Q. 45ns acces time, TTL inputs, CMOS/TTL compatible outputs. Lead finish gold. Total dose 3E5 rads(Si). Radiation-hardenet 32K x 8 PROM: SMD. Class V. 45ns acces time, TTL inputs, CMOS/TTL compatible outputs. Lead finish gold. Total dose 3E5 rads(Si). Radiation-Hardened 32K x 8 PROM
|
AEROFLEX[Aeroflex Circuit Technology] Aeroflex Inc. Aeroflex, Inc. NEC, Corp. Aeroflex Circuit Techno...
|
KC2520B-C2 |
CMOS/ 2.5V, 3.3V Compatible/ 2.5×2.0mm
|
Kyocera Kinseki Corpotation
|
5962-8501601YA 5962-8501602YA MR82C59A-5B CS82C59A |
Quadruple 2-Input Positive-AND Gate 14-PDIP 0 to 70 MB 55C 55#20 SKT RECP CMOS Priority Interrupt Controller 的CMOS优先中断控制 CMOS Priority Interrupt Controller 80C86; 80C88; 80C286; 8080; 8085; 8086; 8088; 80286; NSC800 COMPATIBLE, INTERRUPT CONTROLLER, PQCC28 CMOS Priority Interrupt Controller 80C86; 80C88; 80C286; 8080; 8085; 8086; 8088; 80286; NSC800 COMPATIBLE, INTERRUPT CONTROLLER, PDIP28
|
Intersil Corporation Intersil, Corp.
|
AM29F032B-75 AM29F032B-90EF |
32 Megabit (4 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory Flash Memory IC; Leaded Process Compatible:Yes; Memory Size:32Mbit; Package/Case:48-TSOP; Peak Reflow Compatible (260 C):Yes; Supply Voltage Max:5V; Access Time, Tacc:90ns; Series:AM29 RoHS Compliant: Yes 4M X 8 FLASH 5V PROM, 90 ns, PDSO40
|
Spansion, Inc.
|
DG300C_D DG300CJ DG300CK DG300CWE |
TTL Compatible CMOS Analog Switches
|
Maxim Integrated Products
|
ADC9120016P |
CMOS Microprocessor-Compatible 12-Bit A/D Converter
|
Analog Devices
|