PART |
Description |
Maker |
HD66421 HCD66421BP HD66421TB0 |
(RAM-Provided 160 Channel 4-Level Grey Scale Driver for Dot Matrix Graphics LCD)
|
HITACHI[Hitachi Semiconductor]
|
HD66420 |
(RAM-Provided 160 Channel 4-Level Grey Scale Driver for Dot Matrix Graphics LCD)
|
Hitachi,Ltd.
|
HD66420TAO |
RAM-provided 160 chahhel 4-level greyscale driver for dot matrix graphics LCD
|
Hitachi Semiconductor
|
W541C261 |
4BIT MICROCONTROLLER, 2K 6 ROM, 128 RAM 128 -DOT LCD
|
Winbond Electronics Corp
|
SMSM6794 MSM6794 |
DOT MATRIX LCD DRIVER WITH 128-CHANNEL RAM From old datasheet system
|
OKI
|
SAF-XC164CS-16F20FAD SAF-XC164CS-16F40FAD SAF-XC16 |
16-Bit Microcontrollers - 128 K Flash, 6 K RAM, -40..85C, 20MHz 16-Bit Microcontrollers - 128 K Flash, 6 K RAM, -40..85C, 40MHz 16-Bit Microcontrollers - 128 K ROM, 6 K RAM, -40..85C 16-Bit Microcontrollers - 64 K Flash, 6 K RAM, -40..85C, 20MHz 16-Bit Microcontrollers - 64 K Flash, 6 K RAM, -40..85C, 40MHz 16-Bit Microcontrollers - 128 K Flash, 6 K RAM, -40..125C, 20MHz 16-Bit Microcontrollers - 128 K Flash, 6 K RAM, -40..125C, 40MHz 16-Bit Microcontrollers - 128 K ROM, 6 K RAM, -40..125C 16-Bit Microcontrollers - 64 K Flash, 6 K RAM, -40..125C, 20MHz 16-Bit Microcontrollers - 64 K Flash, 6 K RAM, -40..125C, 40MHz New enhanced 16 Bit C166S V2 Architecture
|
Infineon
|
W541E261 W541C261 |
4BIT MICROCONTROLLER, 2K ×16 ROM, 128 ×4 RAM 128 -DOT LCD 4BIT MICROCONTROLLER, 2K 】16 ROM, 128 】4 RAM 128 -DOT LCD
|
Winbond
|
M52722SP |
3-CHANNEL VIDEO PREAMPLIFIER PROVIDED WITH OSD MIX AND RETRACE LINE BLK FOR HIGH-RESOLUTION
|
Mitsubishi Electric Sem...
|
Q67050-T0009 BSP300 Q67050-T0017 |
SIPMOS Small-Signal Transistor (N channel Enhancement mode Avalanche rated) 128 x 128 pixel format, LED or EL Backlight available
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
PUMA68S4000X-010 PUMA68S4000X-012 PUMA68S4000X-015 |
128 K x 32 Static RAM
|
MOSAIC
|
CY7C1011CV33-10BAJXE CY7C1011CV33-10BAJXET |
2-Mbit (128 K 16) Static RAM
|
Cypress
|
CY62137FV30LL-45BVXI CY62137FV30LL-45BVXIT CY62137 |
2-Mbit (128 K 16) Static RAM
|
Cypress
|