PART |
Description |
Maker |
DS3502U DS3502UTR DS3502UT DS3502UR |
High-Voltage, NV, I2C POT
|
Maxim Integrated Products
|
CAT24FC16RITE13REV-F CAT24FC16JITE13REV-F CAT24FC1 |
CAT5E PATCH CORD 100MHZ 4 FOOT BEIGE Aluminum Electrolytic SMT General Purpose Capacitor; Capacitance: 33uF; Voltage: 25V; Case Size: 6.3x5 mm; Packaging: Tape & Reel LM5100/LM5101 High Voltage High Side and Low Side Gate Driver; Package: SOIC NARROW; No of Pins: 8 16-kb I2C Serial EEPROM 16-kb, High Speed, Low Voltage I2C Serial EEPROM
|
CATALYST[Catalyst Semiconductor]
|
357B0102MXB251S22 357B2202MAB251S22 357B0502MAB251 |
Model 357 7/8" (22.2 mm) Conductive Plastic Potentiometer, Bushing Mount Type POT 5.0K OHM 20% SINGLE TURN POT 10K OHM 20% SINGLE TURN POT 1.0K OHM 20% SINGLE TURN POT 20K OHM 20% SINGLE TURN
|
Vishay Spectrol
|
LTC4151IMS-1-PBF LTC4151IMS-1-TRPBF LTC4151CDD-1-P |
High Voltage I2C Current and Voltage Monitor
|
Linear Technology
|
MAX11835EWA |
Efficient, High-Voltage, TacTouchTM, Haptic Actuator Controller with I2C Interface
|
Maxim Integrated Products
|
LTC4260 4260F LTC4260ISW LTC4260CSW LTC4260CGN LTC |
From old datasheet system Positive High Voltage Hot Swap Controller with I2C Compatible Monitoring
|
Linear Technology
|
BUT92 5252 |
RP Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 05V; Power: 1W; Pot-Core Transformer - separated FAST-SWITCHING POWER TRANSISTOR From old datasheet system
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
3309W-3-104 3309P-1-202 3309W-1-203 3309W-1-105 33 |
POT 2.0K OHM 9MM RD CERM ST RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 2000 ohm POT 20K OHM 9MM RD CERM ST SEAL RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 20000 ohm POT 1.0M OHM 9MM RD CERM ST SEAL RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 1000000 ohm POT 5.0K OHM 9MM RD CERM ST SEAL RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 5000 ohm POT 2.0K OHM 9MM RD CERM ST SEAL RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 2000 ohm POT 1.0K OHM 9MM RD CERM ST SEAL RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 1000 ohm
|
Bourns Inc. Bourns, Inc.
|
P87C552SBAA P87C552 |
80C51 8-bit microcontroller 8K/256 OTP, 8 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O, low voltage 2.7V.5.5V, low power 80C51 8-bit microcontroller 8K/256 OTP/ 8 channel 10 bit A/D/ I2C/ PWM/ capture/compare/ high I/O/ low voltage 2.7V.5.5V/ low power C, PWM, capture-compare, high IO, low voltage (2.7 V - 5.5 V), low power
|
NXP Semiconductors Philips Semiconductors
|
3296P-1-200 3296P-1-200LF 3296P-1-100LF 3296P-1-20 |
POT 20 OHM 3/8 SQ CERM SL MT RESISTOR, TRIMMER, CERMET, 25 TURN(S), 0.5 W, 20 ohm POT 10 OHM 3/8 SQ CERM SL MT RESISTOR, TRIMMER, CERMET, 25 TURN(S), 0.5 W, 10 ohm POT 2.0M OHM 3/8 SQ CERM SL MT RESISTOR, TRIMMER, CERMET, 25 TURN(S), 0.5 W, 2000000 ohm POT 250K OHM 3/8 SQ CERM SL MT RESISTOR, TRIMMER, CERMET, 25 TURN(S), 0.5 W, 250000 ohm POT 200 OHM 3/8 SQ CERM SL MT RESISTOR, TRIMMER, CERMET, 25 TURN(S), 0.5 W, 200 ohm TRIMMER - 3/8" SQ MT CERMET RESISTOR, TRIMMER, CERMET, 25 TURN(S), 0.5 W, 2000000 ohm TRIMMER, 25 TURN 50K RESISTOR, TRIMMER, CERMET, 25 TURN(S), 0.5 W, 50000 ohm TRIMMER, 25 TURN 2K RESISTOR, TRIMMER, CERMET, 25 TURN(S), 0.5 W, 2000 ohm TRIMMER, 25 TURN 200R RESISTOR, TRIMMER, CERMET, 25 TURN(S), 0.5 W, 200 ohm TRIMMER, 25 TURN 100K RESISTOR, TRIMMER, CERMET, 25 TURN(S), 0.5 W, 100000 ohm TRIMMER, 25 TURN 1K RESISTOR, TRIMMER, CERMET, 25 TURN(S), 0.5 W, 1000 ohm TRIMMER, 25 TURN 10K RESISTOR, TRIMMER, CERMET, 25 TURN(S), 0.5 W, 10000 ohm TRIMMER, 25 TURN 200K RESISTOR, TRIMMER, CERMET, 25 TURN(S), 0.5 W, 200000 ohm Multi-Turn Trimmer Potentiometers 3/8" 10ohms Sealed Horizontal Adjust RESISTOR, TRIMMER, CERMET, 25 TURN(S), 0.5 W, 10 ohm Square Trimpot Trimming Potentiometer Tape and reel packaging available 3296 - 3/8 ?Square Trimpot? Trimming Potentiometer 3296 - 3/8 Square Trimpot Trimming Potentiometer
|
Bourns, Inc. Bourns Electronic Solutions Bourns Electronic Solut...
|
|