PART |
Description |
Maker |
LC66356B LC662312A LC662316A LC66P2516 LC66516B LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM 四位单片机与4,6微控制器 KB的片上ROM Four-Bit Single-Chip Microcontrollers with 4/ 6/ 8/ 12/ and 16 KB of On-Chip ROM 4-Bit Microcontroller Microcontroller 微控制器 Four-Bit Single-Chip Microcontrollers with 4/6/and 8 Four-Bit Single-Chip Microcontrollers with 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM 12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
|
Sanyo Electric Co., Ltd. Eutech Microelectronics, Inc. SANYO[Sanyo Semicon Device] http://
|
M38023E7 M38022E3 M38021E2 M38025M2 M38025M1 M3802 |
RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer 1-Ch. 10-Bit 1.25 MSPS ADC 8-Ch., DSP/SPI, Hardware Configurable, Low Power 24-SOIC -40 to 85 TRANS PREBIASED NPN 200MW SOT-23 Screwless Socket Brdg.(50 pk) 8-BIT SINGLE-CHIP MICROCOMPUTER R1 单芯位CMOS微机 Single Output LDO, 500mA, Fixed(2.5V), Tight Output Accuracy of 2%, Thermal Overload Protection 20-TSSOP 0 to 125 单芯位CMOS微机 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Sem... http:// Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
LC66E308 LC66P308 LC66P2516 LC66P2108 LC665316A LC |
Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM 四位单芯12微控制器,和16 KB的片上ROM Advanced LinCMOS(TM) Rail-To-Rail Quad Operational Amplifier 14-TSSOP 0 to 70 Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM 4-bit Microcontroller with Built-in PROM
|
Sanyo Electric Co., Ltd. Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device] http://
|
UPD78F9222 UPD78F9222MCR-5A4 UPD78F9222MCR-5A4-E1 |
20-pin 8-bit single-chip microcontroller 78K0S/KA1 30-pin 8-bit single-chip microcontroller(78K0/KB1 ) Flash memory version ROM: 32 KB, RAM: 1 KB 52-pin 8-bit single-chip microcontroller(78K0/KD1 ) 44-pin 8-bit single-chip microcontroller(78K0/KC1 ) 80-pin 8-bit single-chip microcontroller(78K0/KF1 ) 64-pin 8-bit single-chip microcontroller(78K0/KE1 ) 8-bit single-chip microcontroller for key-less transmitter
|
NEC
|
4551GROUP E4551 M34551M8 M34551 M34551E8 M34551M4 |
4-BIT SINGLE-CHIP MICROCOMPUTER From old datasheet system SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER FOR INFRARED REMOTE CONTROL TRANSMITTER
|
MITSUBISHI[Mitsubishi Electric Semiconductor]
|
M38223M4M-145HP M38223M4-182FP M38223M4-183FP M382 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 3822 Series Microcontrollers: On-Chip Segment LCD Drivers with A-D Converters RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
TC9314F-026 EE08715 TC9314F |
From old datasheet system SINGLE CHIP DIGITAL TUNNING SYSTEM FOR CD RADIO CASSETTE
|
http:// Toshiba Semiconductor
|
E008252 TC9314F-017 |
From old datasheet system SINGLE CHIP DIGITAL TUNING SYSTEM FOR CD RADIO CASSETTE
|
Toshiba
|
TDA7273D TDA7273 1480 |
SINGLE CHIP STEREO CASSETTE PLAYBACK SYSTEM From old datasheet system
|
STMicroelectronics
|
TC9309AF-112 E005499 |
SINGLE CHIP DIGITAL TUNING SYSTEM FOR CD RADIO CASSETTE 单片数字调谐系统的CD收音 From old datasheet system
|
Toshiba, Corp. TOSHIBA[Toshiba Semiconductor]
|
MC44C40408 MC44C404EPR2 |
NICAM 728 - Stereo Encoder
|
Freescale Semiconductor, Inc
|