PART |
Description |
Maker |
AUIRF1404Z AUIRF1404ZL AUIRF1404ZS |
HEXFET垄莽 Power MOSFET HEXFET? Power MOSFET 160 A, 40 V, 0.0037 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA Low On-Resistance
|
International Rectifier List of Unclassifed Man...
|
IRF1404SPBF IRF1404LPBF IRF1404STRLPBF IRF1404SPBF |
HEXFET垄莽 Power MOSFET HEXFET? Power MOSFET 75 A, 40 V, 0.004 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA Advanced Process Technology
|
International Rectifier
|
IRFZ44NL IRFZ44NS IRFZ44NSTRR IRFZ44NLPBF IRFZ44NS |
55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package HEXFET? Power MOSFET Power MOSFET(Vdss=55V, Rds(on)=0.0175ohm, Id=49A) (IRFZ44NL / IRFZ44NS) Power MOSFET TRANSISTOR | MOSFET | N-CHANNEL | 55V V(BR)DSS | 49A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 55V的五(巴西)直| 49A条(丁)|63AB
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRFI634G ORFO634G |
POWER MOSFET 功率MOSFET Power MOSFET(Vdss=250V / Rds(on)=0.45ohm / Id=5.6A) 250V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package
|
International Rectifier, Corp. IRF[International Rectifier]
|
MTP6N60EWC MTP6P20EW MTP6P20EWC MTP3N100E16 MTP3N1 |
6 A, 600 V, 1.2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 6 A, 200 V, 1 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-220AB 3 A, 1000 V, 4 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 8 A, 200 V, 0.4 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 18 A, 200 V, 0.18 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 33 A, 100 V, 0.058 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 4 A, 800 V, 3 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 15 A, 50 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 12 A, 60 V, 0.15 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 15 A, 60 V, 0.12 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 50 A, 50 V, 0.028 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 20 A, 60 V, 0.085 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Motorola Mobility Holdings, Inc. MOTOROLA INC
|
SFW12955 SFW2955 |
Advenced Power MOSFET 9.4 A, 60 V, 0.3 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-263AB Advanced Power MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
IRFP260PBF IRF6618TRPBF IRF6618PBF |
HEXFET? Power MOSFET DirectFET?Power MOSFET ? DirectFET㈢Power MOSFET ㈢ HEXFET㈢ Power MOSFET
|
International Rectifier
|
NTD110N02R NTD110N02RG NTD110N02RT4 NTD110N02RT4G |
Power MOSFET 12.5 A, 24 V, 0.0062 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 110 Amps, 24 volts, N-channel, DPAK
|
ONSEMI[ON Semiconductor]
|
IRCZ44 |
60V Single N-Channel HEXFET Power MOSFET in a TO-220 5-Pin (HEXSense) package Hexfet? Power MOSFET Power MOSFET(Vdss=60V, Rds(on)=0.028ohm, Id=50A)
|
IRF[International Rectifier]
|
APT50M75LLL APT50M75B2LL APT50M75B2LL_04 APT50M75B |
Power MOSFET; Package: T-MAX™ [B2]; ID (A): 57; RDS(on) (Ohms): 0.075; BVDSS (V): 500; 57 A, 500 V, 0.075 ohm, N-CHANNEL, Si, POWER, MOSFET POWER MOS 7 R MOSFET
|
Microsemi, Corp. ADPOW[Advanced Power Technology]
|
IRFU120 IRFR120TR IRFU120TR |
HEXFET POWER MOSFET HEXFET功率MOSFET (IRFR120TR / IRFU120TR) HEXFET POWER MOSFET (IRFR120 / IRFU120) HEXFET POWER MOSFET HEXFET? Power MOSFET
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRFR13N20D IRFU13N20D IRFR13N20 |
(IRFR13N20D / IRFU13N20D) Power MOSFET Power MOSFET(Vdss=200V, Rds(on)max=0.235ohm, Id=13A) 功率MOSFET(减振钢板基本\u003d 200V的电压,的Rds(on)最大值\u003d 0.235ohm,身份证\u003d 13A条) HEXFET? Power MOSFET
|
International Rectifier, Corp. IRF[International Rectifier]
|
|