PART |
Description |
Maker |
MC812A4CPVE8 |
The MC68HC812A4 microcontroller unit (MCU) is a 16-bit device composed of standard on-chip
|
Freescale Semiconductor, Inc
|
MC68HC812A4PV MC68HC812A4 |
16-bit device composed of standard on-chip peripheral modules connected by an intermodule bus. Modules include
|
MOTOROLA[Motorola, Inc]
|
MC68HC812A4PV |
16-bit device composed of standard on-chip peripheral modules connected by an intermodule bus. Modules include
|
Motorola, Inc.
|
E0C6292 |
CMOS 4-Bit Single Chip Microcomputer Composed of E0C6200A 4-Bit
core CPU,SVD Circuit,R/F Converter,LCD Driver(4位CMOS单片微型计算机(位E0C6200中央处理器核芯,SVD电路,R
|
爱普生(中国)有限公
|
E0C624C |
CMOS 4-Bit Single Chip Microcomputer Composed of the 4-Bit Core CPU E0C6200, ROM, RAM,Serial Interface,Dot Matrix LCD Driver, Time Base Counter
|
爱普生(中国)有限公
|
E0C6247 |
CMOS 4-Bit Single Chip Microcomputer Composed of the 4-Bit Core CPU E0C6200A, ROM, RAM,Serial Interface,Dot Matrix LCD Driver, Time Base Counter,SVD
|
爱普生(中国)有限公
|
LPC236110 |
Single-chip 16-bit/32-bit MCU; up to 128 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC
|
NXP Semiconductors
|
PS-R50D PS-R50L |
PAPER SENSORS(PHOTO SWITCHES ARE COMPOSED OF A MODULATED INFRARED EMITTING)
|
KODENSHI CORP. KODENSHI KOREA CORP. Kondenshi Corp
|
EQ-432L |
EQ-432L is composed of an InAs Quantum Well Hall Element and a signal processing IC chip in a package
|
Asahi Kasei Microsystems
|
TSC101 TSC101CIYLT TSC101AILT TSC101AIYLT TSC101BI |
High side current sense amplifier The TSL1018 is composed of 18 1 channel buffers which are used to buffer the referencevoltage for
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics, Inc.
|
EPC2LI20 EPC1441PI8 EPC2 EPC8 |
Configuration Devices For SRAM-based Lut Devices, 440,800 1-bit Device With 5.0-V or 3.3-V Operation Configuration Device Family
|
Altera Corporation
|