PART |
Description |
Maker |
MPAT-584643-10151MS MPAT-584643-10153FS MPAT-58464 |
5845 MHz - 6430 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 7500 MHz - 8500 MHz RF/MICROWAVE FIXED ATTENUATOR, 1.8 dB INSERTION LOSS-MAX 950 MHz - 1450 MHz RF/MICROWAVE FIXED ATTENUATOR, 1.1 dB INSERTION LOSS-MAX 14000 MHz - 14500 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.5 dB INSERTION LOSS-MAX 10.95 MHz - 12200 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 13750 MHz - 14500 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.5 dB INSERTION LOSS-MAX 11700 MHz - 12200 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 3800 MHz - 4100 MHz RF/MICROWAVE FIXED ATTENUATOR, 1.3 dB INSERTION LOSS-MAX 17300 MHz - 17800 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.7 dB INSERTION LOSS-MAX 2000 MHz - 2200 MHz RF/MICROWAVE FIXED ATTENUATOR, 1.7 dB INSERTION LOSS-MAX 17700 MHz - 20200 MHz RF/MICROWAVE FIXED ATTENUATOR, 3 dB INSERTION LOSS-MAX 17300 MHz - 18100 MHz RF/MICROWAVE FIXED ATTENUATOR, 3 dB INSERTION LOSS-MAX 12750 MHz - 13250 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.5 dB INSERTION LOSS-MAX 1275 MHz - 1480 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.5 dB INSERTION LOSS-MAX 4000 MHz - 8000 MHz RF/MICROWAVE FIXED ATTENUATOR, 2 dB INSERTION LOSS-MAX 3100 MHz - 3500 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 8000 MHz - 12000 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 18800 MHz - 19600 MHz RF/MICROWAVE FIXED ATTENUATOR, 3 dB INSERTION LOSS-MAX 1500 MHz - 1800 MHz RF/MICROWAVE FIXED ATTENUATOR, 1.1 dB INSERTION LOSS-MAX 950 MHz - 1750 MHz RF/MICROWAVE FIXED ATTENUATOR, 1.1 dB INSERTION LOSS-MAX 10700 MHz - 12500 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 6400 MHz - 7200 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 10700 MHz - 11700 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 7900 MHz - 8400 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.2 dB INSERTION LOSS-MAX
|
MITEQ, Inc. MITEQ INC
|
PZTA44 PZTA44_4 PZTA44115 |
NPN high-voltage transistor - fT min: 20 MHz; hFE max:>40 ; hFE min: 40 ; I<sub>C</sub> max: 300 mA; Polarity: NPN ; Ptot max: 1350 mW; VCEO max: 400 V; Package: SOT223 (SC-73); Container: Tape reel smd From old datasheet system
|
NXP SEMICONDUCTORS PHILIPS[Philips Semiconductors]
|
BCW29235 |
PNP general purpose transistors - Complement: BCW31 ; fT min: 100 MHz; hFE max: 260 ; hFE min: 120 ; I<sub>C</sub> max: 100 mA; Polarity: PNP ; Ptot max: 250 mW; VCEO max: 32 V; Package: SOT23 (TO-236AB); Container: Tape reel smd
|
NXP SEMICONDUCTORS
|
TC74VHC4053AFK TC74VHC4051AFT |
Loop detection; Vin (V) max.: 24; Icc (mA) max.: 6.45; Fmax (kHz) max.: 400; Topr [Tjopr] (°C): -40 to 125; Remarks: Power factor collection; Package: DIP; Pin count: 16 Synchronous phase shift full-bridge control IC ; Vin (V) max.: 20; Icc (mA) max.: 10; Fmax (kHz) max.: 2 MHz; Topr [Tjopr] (°C): -40 to 125; Remarks: Switching regulator; Package: TSSOP; Pin count: 20
|
Toshiba Corporation
|
FAN1117AD285X FAN1117AT33X FAN1117AS285X |
FETs - Nch 60VFETs - Nch 150VFETs - Nch 150V2.85 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSSO2
|
FAIRCHILD SEMICONDUCTOR CORP
|
CMPZ4615 CMPZ4616 CMPZ4614 CMPZ4617 CMPZ4618 |
350mW LOW NOISE ZENER DIODE 5% TOLERANCE VARISTOR, 1206 18VDC 0.4JVARISTOR, 1206 18VDC 0.4J; Voltage, varistor at 1mA:25.5V; Voltage, clamping max:42V; Voltage, clamping 8/20us max:40V; Energy, transient 10/1000us max:0.4J; Current, peak 8/20us max:150A; Voltage rating,
|
Central Semiconductor Corp.
|
TIP812-DOC-20 TIP812-TM-21 TIP812 TIP812-10 TIP812 |
SERCOS Controller SERCOS总线控制 RES 680 OHM 1% 3W SILICONE WW SERCOS总线控制 N-Channel MOSFETs (>500V
900V); Package: PG-TO262-3; VDS (max): 500.0 V; Package: I2PAK (TO-262); RDS(ON) @ TJ=25°C VGS=10: 190.0 mOhm; ID(max) @ TC=25°C: 21.0 A; IDpuls (max): 63.0 A;
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
RQD-1.805 RQS RQS-93.3 RQD-1.809 RQD-1.81.8 RQD-1. |
0.25 Watt SMD Single & Dual Output N-Channel Small Signal MOSFETs (20V
800V); Package: PG-SOT23-3; Package: SOT-23; VDS (max): 55.0 V; RDS (on) (max) (@10V): 650.0 mOhm; RDS (on) (max) (@4.5V): 825.0 mOhm; RDS (on) (max) (@2.5V): -; 0.25 Watt SMD Single & Dual Output 0.25瓦特贴片 CAP Tantalum-Wet Miniature 6V 22.0 uF /-20% Silver can Axial , TPC - Hilton 0.25瓦特贴片
|
RECOM[Recom International Power] RECOM Power Inc. RECOM Electronic GmbH
|
T308N2000TOF |
2.0kV V[drm] Max., 308A I[T] Max. Silicon Controlled Rectifier
|
Telefunken Electronic
|
HT1260/26OG6 |
2.6kV V[drm] Max., 1260A I[T] Max. Silicon Controlled Rectifier
|
Herrmann
|
UC3845BVD1G UC2845BDR2G UC2845BD1G |
HIGH PERFORMANCE CURRENT MODE CONTROLLERS 1 A SWITCHING CONTROLLER, 275 kHz SWITCHING FREQ-MAX, PDSO14 1A, 52kHz (250kHz Max) Current Mode PWM Control Circuit with 8.4V UVLO Threshold and 48% Max Duty Cycle; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Rail; Qty per Container: 98 1 A SWITCHING CONTROLLER, 275 kHz SWITCHING FREQ-MAX, PDSO8
|
Rectron Semiconductor
|