PART |
Description |
Maker |
MM80C95 MM80C97 MM80C98 MM80C95N MM80C98N MM80C97M |
From old datasheet system 3-STATE Hex Buffers • 3-STATE Hex Inverters 3-STATE Hex Buffers 3-STATE Hex Inverters 3-STATE Hex Buffers 3-STATE Hex Inverters CMOS SERIES, 6-BIT DRIVER, TRUE OUTPUT, PDIP16 3-STATE Hex Buffers 3-STATE Hex Inverters CMOS SERIES, 6-BIT DRIVER, TRUE OUTPUT, PDSO16
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
TC74VHC367F TC74VHC367FN TC74VHC367FT |
HEX BUS BUFFER NON-INVERTED/INVERTED, 3-STATE OUTPUTS 六角总线缓冲NON-INVERTED/INVERTED,三态输 HEX BUS BUFFER NON-INVERTED/INVERTED/ 3-STATE OUTPUTS
|
Toshiba, Corp. TOSHIBA[Toshiba Semiconductor]
|
AT89C55-24PI AT89C55-16PA AT89C55-24PC AT89C55-24A |
Hex Inverter Buffers/Drivers With Open-Drain Outputs 14-SO -40 to 125 Hex Inverter Buffers/Drivers With Open-Drain Outputs 14-SOIC -40 to 125 8-Bit Microcontroller with 20K Bytes Flash Hex Inverter Buffers/Drivers With Open-Drain Outputs 14-TSSOP -40 to 125 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PQCC44
|
Atmel Corp. Atmel, Corp.
|
MC8T97 MC6887 MC6886 MC6885L MC6888L MC6886P MC688 |
HEX THREE-STATE BUFFER/INVERTERS 8T SERIES, 6-BIT DRIVER, INVERTED OUTPUT, PDIP16 HEX THREE-STATE BUFFER/INVERTERS 8T SERIES, 6-BIT DRIVER, INVERTED OUTPUT, CDIP16 (8T96 / 8T97 / 8T98) Hex 3 State Buffer Inverters
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc]
|
HD74164 HD74S10 HD74S11 HD74S112 HD74S113 HD74S114 |
TTLHD74/HD74SSeries Quadruple 2-Input Positive-OR Gates 20-LCCC -55 to 125 Bridge Rectifier; Repetitive Reverse Voltage Max, Vrrm:45V; Package/Case:TO-3P; Current Rating:15A; Forward Current:0.03A; Forward Voltage:0.76 Hex Noninverting Buffers With Open-Collector Outputs 14-CDIP -55 to 125 Hex Noninverting Buffers With Open-Collector Outputs 20-LCCC -55 to 125 Hex Noninverting Buffers With Open-Collector Outputs 14-CFP -55 to 125 VARACTOR-33.0 PF AT 4 V TTLHD74/HD74S系列 Quadruple 2-Input Positive-NAND Gates 14-CDIP -55 to 125 TTL电HD74/HD74S系列 D-AM RADIO TUNING DIODE TTL HD74/HD74S Series
|
http:// HITACHI[Hitachi Semiconductor]
HITACHI
Hitachi,Ltd.
|
HD74LV540ATELL HD74LV540A HD74LV540AFPEL |
Octal Inverted Buffers / Drivers with 3-state Outputs
|
Renesas Electronics Corporation
|
HEF4049BF |
HEX inverting buffers
|
Philips
|
HEF4049BN |
HEX inverting buffers
|
NXP SEMICONDUCTORS
|
MM74C906N MM74C906 MM74C906M MM74C906MX |
Hex Open Drain N-Channel Buffers . Hex Open Drain P-Channel Buffers
|
FAIRCHILD[Fairchild Semiconductor]
|