PART |
Description |
Maker |
ISL6292-2C ISL6292-1C ISL6292-1CR5 ISL6292-1CR3-T |
Battery Charger, Single Cell Li-ion or Li-Polymer, Vin >2.4v, Programmable Current Limit, Low Thermal Dissipation, 1% Accuracy Li-ion/Li Polymer Battery Charger
|
INTERSIL[Intersil Corporation]
|
AAT3670ISK-4.2-T1 AAT3670 |
1.6A Dynamic Battery Charger and Power Manager The AAT3670 BatteryManager is a highly integrated single-cell lithium-ion/polymer (Li-ion) battery c
|
Analogic Corporation ANALOGICTECH[Advanced Analogic Technologies]
|
ISL9203CRZ-TR5220 ISL9203CRZR5220 ISL9203R5220 |
Li-ion/Li Polymer Battery Charger Li-ion/Li Polymer Battery Charger 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO10
|
Intersil Corporation Intersil, Corp.
|
LTC4054LES5-4.2PBF LTC4054L-4.2-15 |
Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C 150mA Standalone Linear Li-Ion Battery Charger in ThinSOT
|
LINEAR TECHNOLOGY CORP
|
NCP1851 NCP1851AFCCT1G NCP1851FCCT1G |
Switching Battery Charger, 1.6 A, with Power Path Management Fully Integrated Li-Ion Switching Battery Charger
|
ON Semiconductor
|
LTC3550-1 LTC3550EDHC-1TRPBF LTC3550-1-15 |
Dual Input USB/AC Adapter Li-Ion Battery Charger with 600mA Buck Converter; Package: DFN; No of Pins: 16; Temperature Range: -40°C to 125°C 1.3 A BATTERY CHARGE CONTROLLER, 1800 kHz SWITCHING FREQ-MAX, PDSO16 Dual Input USB/AC Adapter Li-Ion Battery Charger with 600mA Buck Converter
|
http:// Linear Technology, Corp.
|
LTC4059LTC4059A LTC4059A LTC4059AEDCPBF LTC4059EDC |
900mA Linear Li-Ion Battery Chargers with Thermal Regulation in 2 x 2 DFN; Package: DFN; No of Pins: 6; Temperature Range: -40°C to 125°C 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO6 900mA Linear Li-Ion Battery Chargers with Thermal Regulation in 2 ′ 2 DFN 900mA Linear Li-Ion Battery Chargers with Thermal Regulation in 2 垄楼 2 DFN 900mA linear Li-ion battery charger with thermal regulation.
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
KB4540 |
Li-Ion Battery Charger
|
Kingbor Technology
|
ISL92050705 ISL9205IRZ |
Li-ion Battery Charger
|
Intersil Corporation
|
LX2203AILD LX2203A |
Li-Ion Battery Charger
|
MICROSEMI[Microsemi Corporation]
|
STM322 STM420 STM423 STM323 STM421 STM353 STM430 S |
TRANSISTOR | MOSFET | N-CHANNEL | 400V V(BR)DSS | 2.8A I(D) | TO-204AA USB Port Lithium-Ion/Polymer Battery Charger 2A Lithium-Ion/Polymer Battery Charger TRANSISTOR | MOSFET | N-CHANNEL | 350V V(BR)DSS | 13A I(D) | TO-204AA TRANSISTOR | MOSFET | N-CHANNEL | 500V V(BR)DSS | 4.5A I(D) | TO-204AA TRANSISTOR | MOSFET | N-CHANNEL | 350V V(BR)DSS | 3.3A I(D) | TO-204AA NanoPower Voltage Detectors TRANSISTOR | MOSFET | N-CHANNEL | 500V V(BR)DSS | 2.2A I(D) | TO-204AA 1A Linear Li-Ion Battery Charger in 2.2x2.2mm STDFN TRANSISTOR | MOSFET | N-CHANNEL | 400V V(BR)DSS | 11A I(D) | TO-3 晶体管| MOSFET的| N沟道| 400V五(巴西)直| 11A条(丁)| TRANSISTOR | MOSFET | N-CHANNEL | 350V V(BR)DSS | 2.8A I(D) | TO-204AA 晶体管| MOSFET的| N沟道| 350V五(巴西)直| 2.8AI(四)|04AA
|
Atmel, Corp.
|
STEVAL-ISB005V1 |
Low-cost Li-Ion battery charger demonstration board based on the ST7260 and L6924D Low-cost Li-Ion battery charger demonstration board based on the ST7263BK6 and L6924D
|
ST Microelectronics STMicroelectronics
|