PART |
Description |
Maker |
DN6848TE DN6848SE DN6848S DN6848 |
Hall IC(Operating Temperature Range Topr = - 40 to -100°C, Operating in Alternative Magnetic Field) Hall IC(Operating Temperature Range Topr = - 40 to -100C Operating in Alternative Magnetic Field) Hall IC(Operating Temperature Range Topr = - 40 to -100∑C, Operating in Alternative Magnetic Field)
|
http:// PANASONIC[Panasonic Semiconductor]
|
DN6852 |
Hall IC(Operating Supply Voltage Range VCC=3.6 to 16V, Operating in Alternative Magnetic Field)
|
PANASONIC[Panasonic Semiconductor]
|
AH175-WL-B-A AH175-WL-B-B AH175-PL-B-A AH175-PL-B- |
HALL EFFECT LATCH FOR HIGH TEMPERATURE MAGNETIC FIELD SENSOR-HALL EFFECT, -6-6mT, 400mV, RECTANGULAR, THROUGH HOLE MOUNT HALL EFFECT LATCH FOR HIGH TEMPERATURE 霍尔效应锁存高温
|
Diodes, Inc. 磁阻传感 DIODES[Diodes Incorporated] Diodes Inc.
|
AO4435 |
): 250 (@8MHz); Operating Frequency / Supply Voltage: 1.8 to 5.5V; Operating Ambient Temperature (°C): -20 to 85; Package Code: PLSP0020JB-A
|
Alpha
|
PS2561DL1-1Y-A PS2561DL1-1Y-V-A PS2561DL-1-F3 PS25 |
1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110隆?C DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110°C
|
NEC
|
A3121UA A3121LUA A3121EU A3123LUA 3122 3121 A3123U |
HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION Hall Effect switch For High-Temperature Operation(工作于高温的霍尔效应开 HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION 霍尔效应开关高温作 Audio CODEC IC; IC Function:Audio Codec; Package/Case:28-SSOP; Interface Type:Serial; Leaded Process Compatible:No; No. of Bits:24; Peak Reflow Compatible (260 C):No; Mounting Type:Surface Mount RoHS Compliant: No 霍尔效应开关高温作 KPT 18C 18#20 PIN PLUG 霍尔效应开关高温作
|
ALLEGRO[Allegro MicroSystems] Allegro MicroSystems, Inc.
|
AO4706 |
): 250 (@8MHz); Operating Frequency / Supply Voltage: 1.8 to 5.5V; Operating Ambient Temperature (°C): -20 to 85; Package Code: PLSP0020JB-A N-Channel Enhancement Mode Field Effect Transistor
|
Alpha & Omega Semiconductors
|
PS2761B-1Y-F3-A PS2761B-1-F3-A PS2761B-1-A PS2761B |
1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER 4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110°C 4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110隆?C
|
NEC
|
P1402CL |
(ns): 41.7 (@24MHz); Operating Frequency / Supply Voltage: 24MHz/3.0 to 5.5V, 10MHz/2.7 to 5.5V; Operating Ambient Temperature (°C): -20 to 85, -40
|
Littelfuse, Inc.
|
MHV2812S MHV2812D MHV2815D MHV2805D MHV2805S MHV28 |
Operating temperature -55掳 to 125掳C Input voltage range 16 to 50 VDC Operating temperature -55° to 125°C Input voltage range 16 to 50 VDC
|
Interpoint Corporation Company
|
A1322 A1323 A1323LUA A1321 A1321ELH A1321EUA A1321 |
Ratiometric Linear Hall Effect Sensor for High-Temperature Operation A1321/2/3 Ratiometric Linear Hall-Effect Sensors for High-Temperature Operation CONNECTOR
|
ALLEGRO[Allegro MicroSystems] Allegro MicroSystems, Inc.
|
KM68257C-12 KM68257CJ-12 KM68257CJ-20 KM68257CL-12 |
32Kx8 bit high speed static RAM (5V operating), 20ns 32Kx8 bit high speed static RAM (5V operating), 15ns 32Kx8 bit high speed static RAM (5V operating), 12ns 32Kx8 Bit High Speed Static RAM(5V Operating(, Evolutionary Pin out. Operated at Commercial Temperature Range. 32Kx8位高速静态RAM5V的工作(,进化引脚了。在商业温度范围工作
|
Samsung Electronic SAMSUNG[Samsung semiconductor] Samsung Semiconductor Co., Ltd.
|