PART |
Description |
Maker |
AM79C971 AM79C971KCW AM79C971VCW |
PCnet?FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus IC LOGIC 16211 24-BIT FET BUS SWITCH -40 85C TSSOP-56 35/TUBE PCnetFAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
|
Advanced Micro Devices, Inc.
|
AM79C978KC/W AM79C978VC/W |
Single-Chip 1/10 Mbps PCI Home Networking Controller
|
Advanced Micro Devices
|
DM9161C |
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
|
Davicom Semiconductor, Inc.
|
RTL8208 |
REALTEK SINGLE CHIP OCTAL 10/100 MBPS FAST ETHERNET TRANSCEIVER
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
DM9161 DM9161E DM916108 DM9161EP |
10/100 Mbps Fast Ethernet Physical Layer TX/FX Single Chip Transceiver
|
Davicom Semiconductor, Inc.
|
DM9010BI DM9010BIEP |
Industrial-temperature 10/100 Mbps Single Chip Ethernet Controller With General Processor Interface
|
Davicom Semiconductor, Inc.
|
DM9161CI1 |
Industrial-Temperature 10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
|
Davicom Semiconductor, Inc.
|
LC66356B LC662312A LC662316A LC66P2516 LC66516B LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM 四位单片机与4,6微控制器 KB的片上ROM Four-Bit Single-Chip Microcontrollers with 4/ 6/ 8/ 12/ and 16 KB of On-Chip ROM 4-Bit Microcontroller Microcontroller 微控制器 Four-Bit Single-Chip Microcontrollers with 4/6/and 8 Four-Bit Single-Chip Microcontrollers with 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM 12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
|
Sanyo Electric Co., Ltd. Eutech Microelectronics, Inc. SANYO[Sanyo Semicon Device] http://
|
UPD78F9222 UPD78F9222MCR-5A4 UPD78F9222MCR-5A4-E1 |
20-pin 8-bit single-chip microcontroller 78K0S/KA1 30-pin 8-bit single-chip microcontroller(78K0/KB1 ) Flash memory version ROM: 32 KB, RAM: 1 KB 52-pin 8-bit single-chip microcontroller(78K0/KD1 ) 44-pin 8-bit single-chip microcontroller(78K0/KC1 ) 80-pin 8-bit single-chip microcontroller(78K0/KF1 ) 64-pin 8-bit single-chip microcontroller(78K0/KE1 ) 8-bit single-chip microcontroller for key-less transmitter
|
NEC
|
RTL8305 RTL8305S RTL8305SB |
IC,LAN HUB CONTROLLER,QFP,128PIN 5-PORT 10/100 MBPS SINGLE CHIP SWITCH CONTROLLER DemoBoardSchematic
|
ETC[ETC] Realtek
|
BCM4328 BCM2153 BCM59001 BCM2048 |
SINGLE CHIP IEEE 802.11a/b/g MAC/BASEBAND/RADIO WITH INTEGRATED BLUETOOTH 2.1 EDR AND FM RECEIVER FOR LOW-POWER MOBILE HANDSET 7.2-MBPS HEDGE 65-nm MULTIMEDIA BASEBAND PROCESSOR
|
BOARDCOM[Broadcom Corporation.]
|