PART |
Description |
Maker |
ADG739 ADG738 |
CMOS , Low Voltage, Serially Controlled Matrix Switches(CMOS,低电串行控制四通道矩阵开 CMOS , Low Voltage, Serially Controlled Matrix Switches(CMOS,低电串行控制八通道矩阵开
|
Analog Devices, Inc.
|
ADG728BRU ADG728BRU-REEL ADG728BRU-REEL7 ADG728BRU |
CMOS, Low Voltage, 2-Wire Serially Controlled, Matrix Switches
|
Analog Devices
|
MAX350C/D MAX349C/D MAX350 MAX349-MAX350 |
Serially Controlled, Low-Voltage, 8-Channel/Dual 4-Channel Multiplexers 串行控制,低电压-Channel/Dual 4通道多路复用 Serially Controlled / Low-Voltage / 8-Channel/Dual 4-Channel Multiplexers
|
Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
ADG725 ADG725BCP ADG725BSU ADG731BCP ADG731BSU ADG |
16-/32- Channel, Serially Controlled 4 1.8 V to 5.5 V, .5 V, Analog Multiplexers 16-/32- Channel, Serially Controlled 4 ?1.8 V to 5.5 V, ±2.5 V, Analog Multiplexers 16-/32- Channel, Serially Controlled 4 1.8 V to 5.5 V, 2.5 V, Analog Multiplexers 16-/32- Channel, Serially Controlled 4 з 1.8 V to 5.5 V, 【2.5 V, Analog Multiplexers 16-/32- Channel/ Serially Controlled 4 1.8 V to 5.5 V/ 2.5 V/ Analog Multiplexers Tantalum Conformal-Coated Capacitor; Capacitance: 150uF; Voltage: 4V; Packaging: Tape & Reel 16-/32- Channel, Serially Controlled 4 з 1.8 V to 5.5 V, .5 V, Analog Multiplexers Tantalum Conformal-Coated Capacitor; Capacitance: 220uF; Voltage: 4V; Packaging: Tape & Reel
|
AD[Analog Devices] Analog Devices, Inc.
|
5962-9224704M3X 5962-9224704MLX 5962-9224701MLX 59 |
10-Bit Buffer/Driver Serially Controlled, Low-Voltage, 8-Channel Dual 4-Channel Multiplexers 3.3V Powered, 10Mbps and Slew-Rate Limited, True RS-485/RS-422 Transceivers 10位缓冲器/驱动
|
Electronic Theatre Controls, Inc.
|
NCP502SQ15T1 NCP502SQ35T1G NCP502SQ50T1 NCP502 NCP |
80 mA CMOS Low Iq Voltage Regulator in an SC70−5 1.8 V FIXED POSITIVE LDO REGULATOR, 1.7 V DROPOUT, PDSO5 80 mA CMOS Low Iq Voltage Regulator in an SC70-5 80 mA CMOS Low Iq Voltage Regulator in an SC70−5 From old datasheet system
|
ONSEMI[ON Semiconductor] http://
|
MC74LCX57405 MC74LCX74DG MC74LCX7405 MC74LCX86DR2G |
Low-Voltage CMOS Octal D-Type Flip-Flop Flow Through Pinout With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting) Low-Voltage CMOS Dual D-Type Flip-Flop With 5 V?Tolerant Inputs Low-Voltage CMOS Quad 2-Input XOR Gate With 5 V?Tolerant Inputs Low-Voltage CMOS Quad 2-Input XOR Gate With 5 V−Tolerant Inputs
|
ONSEMI[ON Semiconductor]
|
27LV256-20IL 27LV256-20IP 27LV256-20SO 27LV256 27L |
256K (32Kx8) low-voltage CMOS EPROM 256K (32K x 8) Low-Voltage CMOS EPROM 256K2K的8)低电压的CMOS存储 256K (32K x 8) Low-Voltage CMOS EPROM(3.0~5.5V,256K浣?CMOS EPROM)
|
MICROCHIP[Microchip Technology] Microchip Technology Inc. Microchip Technology, Inc.
|
KM68V1000BLE_LE-L KM68U1000BLE_LE-L KM68U1000BLG-1 |
CONNECTOR ACCESSORY 连接器附 128K X 8bit Low Power and Low Voltage CMOS Statinc RAM 128K的8位低功耗和低电压的CMOS Statinc内存 (KM68V1000B / KM68U1000B) 128K X 8bit Low Power and Low Voltage CMOS Statinc RAM
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
MC74LCX125 MC74LCX125D MC74LCX125DT MC74LCX125SD M |
LOW-VOLTAGE CMOS QUAD BUFFER LVC/LCX/Z SERIES, QUAD 1-BIT DRIVER, TRUE OUTPUT, PDSO14 LOW-VOLTAGE CMOS QUAD BUFFER 低电压CMOS四路缓冲
|
Motorola Mobility Holdings, Inc. ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc] http://
|