PART |
Description |
Maker |
W8486A |
EPM Series Power Meters E-Series and 8480 Series Power Sensors
|
Keysight Technologies
|
E9321A E9322A E9323A E9325A E9326A E9327A |
E9321A E-Series Peak and Average Power Sensor, 50 MHz to 6 GHz E9322A E-Series Peak and Average Power Sensor, 50 MHz to 6 GHz E9323A E-Series Peak and Average Power Sensor, 50 MHz to 6 GHz E9325A E-Series Peak and Average Power Sensor, 50 MHz to 18 GHz E9326A E-Series Peak and Average Power Sensor, 50 MHz to 18 GHz E9327A E-Series Peak and Average Power Sensor, 50 MHz to 18 GHz
|
Agilent (Hewlett-Packard)
|
PCMC063T PCMC104T |
Power Choke Coil PCMC series,PCMB series
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|
DT1608C-682 DT1608C-472 DT1608C-473 DT1608C-154 DT |
WIRE, 30AWG, RED, KYNAR WIRE 30 AWG BLU KYNAR TV 6C 6#8(TWINAX) SKT RECP SMT Power Inductors DT1608 Series SMT Power Inductors ? DT1608 Series SMT Power Inductors - DT1608 Series
|
List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. ETC[ETC]
|
DEP129MENP-0R77M DEP129MENP-0R43M |
1 ELEMENT, 0.43 uH, IRON-CORE, GENERAL PURPOSE INDUCTOR ROHS COMPLIANT Power Inductor Pin Type: DEP Series Power Inductor< Pin Type: DEP Series> Power Inductor , Pin Type: DEP Series
|
Sumida, Corp. Sumida Corporation
|
MAA300-1S48SXX MAA300-1K051515SBN MAA300-2K051515S |
Switching Power Supplies ??? Series Switching Power Supplies МАА Series Switching Power Supplies ??? Series Switching Power Supplies 卢庐卢隆卢隆 Series
|
http:// List of Unclassifed Manufacturers ETC
|
IPB04N03L IPP04N03L |
OptiMOS Buck converter series OptiMOS Power MOSFET, 30V, TO-220, RDSon = 4.3mOhm, 80A, LL OptiMOS Power MOSFET, 30V, D2PAK, RDSon = 3.9mOhm, 80A, LL OptiMOS Buck converter series Circular Connector; MIL SPEC:MIL-C-26482, Series I, Crimp; Body Material:Aluminum; Series:PT02; Number of Contacts:10; Connector Shell Size:12; Connecting Termination:Crimp; Circular Shell Style:Box Mount Receptacle 的OptiMOS降压转换器系
|
INFINEON[Infineon Technologies AG]
|
H3AA05V FTR-H3 H3AA005V H3AA009V H3AA012V FTR-H3AA |
SILENT POWER RELAY 1 POLE0 A LOW PROFILE TYPE FTR-H3 SERIES POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.106A (COIL), 5VDC (COIL), 530mW (COIL), 10A (CONTACT), 30VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT SILENT POWER RELAY 1 POLE0 A LOW PROFILE TYPE FTR-H3 SERIES 静音电源继电器一极?0阿薄型介绍,FTR - H3系列 SILENT POWER RELAY 1 POLE?0 A LOW PROFILE TYPE FTR-H3 SERIES
|
Fujitsu Limited Fujitsu, Ltd. FUJITSU LTD
|
CR32NP-1R5MB CR32NP-1R5MC CR32NP-1R2MB CR32NP-1R2M |
POWER INDUCTORS Type: CR Series POWER INDUCTORS POWER INDUCTORS <SMD Type: CR Series
|
Sumida Corporation
|
CR105NP-3R3MB CR105NP-3R3MC CR105NP-2R5MB CR105NP- |
POWER INDUCTORS <SMD Type: CR Series POWER INDUCTORS POWER INDUCTORS Type: CR Series
|
Sumida Corporation
|
FGB30N6S2D FGH30N6S2D FGP30N6S2D FGB30N6S2DT |
Switch Mode Power Supply; Output Power:198W; No. of Outputs:1; Output 1 VDC :3VDC; Output Current 1:60A; Power Supply Mounting:Chassis; Output Current:60A; Output Power Max:198W; Output Voltage:3VDC; Series:JWS RoHS Compliant: Yes 600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode 600V/ SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode 600V, SMPS II Series N-Channel IGBT with Anti-Parallel Stealth TM Diode 600V, SMPS II Series N-Channel IGBT with Anti-Parallel Stealth Diode
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
1DI300Z-100 |
Power transistor module for power switching, AC and DC motor controls Circular Connector; MIL SPEC:MIL-C-26482, Series I; Body Material:Aluminum Alloy; Series:MS3122; No. of Contacts:6; Connector Shell Size:10; Connecting Termination:Crimp; Circular Shell Style:Box Mount Receptacle RoHS Compliant: No
|
COLLMER SEMICONDUCTOR INC FUJI[Fuji Electric] FUJI ELECTRIC HOLDINGS CO., LTD. 功率晶体
|