PART |
Description |
Maker |
M48T212Y-85MH6 M48T212Y-85MH1TR M48T212Y-70MH1 M48 |
Shielded Multiconductor Cable; Number of Conductors:7; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape/Tinned Copper Braid RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:7; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper; Temperature Max:80 C RoHS Compliant: Yes 5V/3.3V TIMEKEEPER[ CONTROLLER 5V/3.3V计时[控制
|
意法半导 STMicroelectronics N.V.
|
BYW100200 BYW100 BYW100-200 -BYW100200 -BYW100-200 |
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODE Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:18-15; No. Strands x Strand Size:19 x 28, 19 x 30; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:2; Conductor Material:Copper; Outer Diameter:0.440" RoHS Compliant: Yes
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
Q62703-Q3278 Q62703-Q3284 LST776 LST776-NR LST776- |
SCR PHASE CONTROL 1200V 16A TO64 Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:14; No. Strands x Strand Size:42 x 30; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1; Temperature Max:105 C; Voltage Nom.:600V RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:14; No. Strands x Strand Size:42 x 30; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1; Leaded Process Compatible:Yes; Temperature Max:105 C RoHS Compliant: Yes SX Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 125 Vac, 1 A, Pin Plunger Actuator, Solder Termination Hyper TOPLED RG Hyper-Bright LED SINGLE COLOR LED, SUPER RED, 2.4 mm Hyper TOPLED RG Hyper-Bright LED SINGLE COLOR LED, ORANGE, 2.4 mm Hyper TOPLED RG Hyper-Bright LED 超TOPLED的RG超高亮LED Hyper TOPLED RG Hyper-Bright LED SINGLE COLOR LED, AMBER, 2.4 mm
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] Siemens Group SIEMENS AG
|
SFR16-XXX SFR16R-1 SFR16R-XXX SFR8R-1_5STE1 SFR10R |
0.8nn FLEX CIRCUIT/FLAT CABLE/CIC SURFLOK SFR SERIES 0.8nn柔性电扁平电缆/议会SURFLOK的SFR系列 Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Shielding Coverage:1% RoHS Compliant: Yes 0.8nn柔性电扁平电缆/议会SURFLOKSFR系列
|
http:// Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC]
|
X28LC513JI-25 X28LC512 X28LC512J-15 X28LC512J-20 X |
Shielded Multiconductor Cable; Leaded Process Compatible:Yes RoHS Compliant: Yes Paired Cable; Number of Conductors:16; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:8; Conductor Material:Copper; Conductor Plating:Tin; Jacket Color:Chrome RoHS Compliant: Yes 3.3 Volt, Byte Alterable E2PROM 3.3 Volt/ Byte Alterable E2PROM
|
XICOR[Xicor Inc.]
|
BYW95A BYW95B BYW95C |
AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES Belden Shielded Plenum Multi-Conductor Cable, Wire Size: 18 AWG, Number of Conductors: 2, Length: 1000 feet, Conductor Material: Bare Copper, Shielding: Beldfoil, Jacket: Natural Flamarrest Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:30pF/ft; Conductor Material:Copper RoHS Compliant: Yes
|
EIC discrete Semiconduc... EIC[EIC discrete Semiconductors] Electronics Industry Public Company Limited
|
BTA212X-800B BTA212X-800C BTA212X-800F BTA212X BTA |
Shielded Multiconductor Cable; Number of Conductors:20; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Temperature Max:80 C; Voltage Nom.:600V RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:40; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Temperature Max:80 C; Voltage Nom.:300V RoHS Compliant: Yes Three quadrant triacs high commutation Three quadrant triacs guaranteed commutation
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
TG1.8.682J TM1.4.332JNBSP TM1.4.332J RTH22ES682J T |
Positive - Temperature - Coefficient Silicon Thermistors From old datasheet system SENSISTORS SILICON THERMISTORS Multiconductor UTP Data Cable; Number of Conductors:8; Conductor Size AWG:24; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:4 RoHS Compliant: Yes 硅热敏电 POSITIVE TEMPERATURE COEFFICIENT SILICON THERMISTORS 硅正温度系数热敏电阻
|
List of Unclassifed Manufacturers MICROSEMI[Microsemi Corporation] ETC[ETC] Electronic Theatre Controls, Inc. Microsemi, Corp.
|
11825-808 11825-818 FS6322-05 |
Paired Cable; Number of Conductors:8; Conductor Size AWG:20; No. Strands x Strand Size:26 x 34; Jacket Material:Rubber; Features:Tinned Copper Braid; Impedance:52ohm; Temperature Max:90 C; Voltage Nom.:300V RoHS Compliant: Yes Multiconductor Dual-Channel Audio Cable; Number of Conductors:2; Conductor Size AWG:25; No. Strands x Strand Size:7 x 38; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Tinned Copper; Shielding Coverage:90% RoHS Compliant: Yes Three-PLL Clock Generator IC
|
AMI Semiconductor Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
F09B125V15A F03B125V15A F09B125V12A FM08A125V1/2A |
APOLO7 RV1.2,1.1V,105C THREE PHASE PRE-DRIVER Infrared Temperature Sensor; Sensor Output:0 - 10VDC; Field of View:14:1; Sensing Face Type:Germanium; Sensor Terminals:Solder Lug/Quick Connect; Features:Germanium Lens; Response Time:75ms Infrared Temperature Sensor; Sensor Output:0 - 10VDC; Field of View:6:1; Sensing Face Type:Enclosed Plastic; Sensor Terminals:Solder Lug/Quick Connect; Features:Enclosed Plastic Face; Response Time:75ms RoHS Compliant: NA Sound/Security Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:65pF/ft RoHS Compliant: Yes Belden Shielded Riser Multi-Conductor Cable, Wire Size: 18 AWG, Number of Conductors: 2, Length: 1000 feet, Conductor Material: Bare Copper Stranded, Shielding: Beldfoil, Jacket: PVC Sound/Security Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:38pF/ft RoHS Compliant: Yes Connector assemblies, Audio/RF/Video cables; MILITARY COMPONENTS FUSES 军用规格保险 ; Sensor Input Type:Optical; Sensing Range Max:213m; Sensor Output:NPN/PNP 军用规格保险 ; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No 军用规格保险 Sound/Security Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:33pF/ft RoHS Compliant: Yes 军用规格保险 MPC3 PC AMPLIFIER 军用规格保险
|
Littelfuse, Inc.
|