PART |
Description |
Maker |
ST7263BK2B1 ST72F63BK4M1 ST72P63BK4M1 ST72F63BK1B1 |
LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I?C 低速USB 8位微控制器闪 ROM家庭,高12字节RAM位ADC,水分散粒剂,定时器,SCI LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I?C LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C
|
STMicroelectronics N.V. 意法半导
|
ST72631K4B0 ST72632K4B0 ST72633K4B0 ST72E631K4B0 S |
LOW SPEED USB 8-BIT MCU FAMILY with up to 16K MEMORY, up to 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C 8-BIT MICROCONTROLLER (MCU) FOR LOW SPEED USB WITH UP TO 16K MEMORY,UP TO 512 BYTES RAM, ADC, WDG, TIMER, SCI & I2C, SDIP32-SO34 ST7263 - LOW SPEED USB 8-BIT MCU FAMILY WITH UP TO 16K MEMORY, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C
|
ST Microelectronics
|
ST7263BK1B1XXX ST7263BK1M1XXX ST7263BK2B1XXX ST726 |
Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I?C Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I漏梅C
|
STMicroelectronics
|
ST72P63BK6B1 |
Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I?C
|
意法半导
|
ST7263B ST7263BK1 ST7263BK1B1 ST7263BK1M1 ST7263BK |
LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I?C LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & IC
|
STMICROELECTRONICS[STMicroelectronics]
|
ST72632 |
Low Speed USB 8-Bit MCU Family with up to 16K Memory, up to 512 Bytes RAM, 8-BIT ADC, WDG, Timer, SCI &IIC(高速USB8位微控制8M)) 低速USB 8位微控制器系列高6K的内存,高达512字节RAM位ADC,水分散粒剂,定时器,SCI
|
STMicroelectronics N.V.
|
C8051F326 |
FULL SPEED USB, 16 KB FLASH MCU FAMILY
|
ETC
|
C8051F327-GM |
Full Speed USB, 16 kB Flash MCU Family
|
List of Unclassifed Manufacturers
|
C8051F321-GMR |
Full Speed USB, 16 k ISP FLASH MCU Family
|
Silicon Laboratories
|
ST7262 ST72621 ST72621J2 ST72621J2M1 ST72621J2T1 S |
LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI
|
ST Microelectronics
|
ST7265AR4T0 ST7265AR4T0E ST7265C4T0 ST7265C4T0E ST |
LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI ST7265X - LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C
|
ST Microelectronics SGS Thomson Microelectronics
|
|