PART |
Description |
Maker |
MX27C8111 MX27C8111MC-10 MX27C8111MC-12 MX27C8111M |
8M-BIT [1M x8/512K x16] CMOS OTP ROM WITH PAGE MODE 512K X 16 OTPROM, 90 ns, PDIP42
|
Macronix International Co., Ltd. MCNIX[Macronix International]
|
MBM29LV004TC-12 MBM29LV004TC-12PNS MBM29LV004TC-12 |
FLASH MEMORY 4M (512K x 8) BIT 4M (512K X 8) BIT
|
Fujitsu Microelectronics
|
S29AL008D55TFN023 S29AL008D70TFN023 S29AL008D70TFI |
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 16 FLASH 3V PROM, 70 ns, PDSO44 CONNECTOR ACCESSORY 连接器附 CONNECTOR ACCESSORY 512K X 16 FLASH 3V PROM, 90 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 16 FLASH 3V PROM, 90 ns, PDSO44 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 8兆位 M中的x 8-Bit/512x 16位).0伏的CMOS只引导扇区闪 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 16 FLASH 3V PROM, 70 ns, PBGA48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 8兆位1 M中的x 8-Bit/512亩x 16位).0伏的CMOS只引导扇区闪 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 16 FLASH 3V PROM, 55 ns, PBGA48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 8兆位 M中的x 8-Bit/512亩x 16位).0伏的CMOS只引导扇区闪 JT 16C 16#16 PIN RECP CAP 0.015UF 50V 80-20% Z5U SMD-0805 TR-7-PL SN-NIBAR SSR OCMOS FET 200MA NO 6-SOIC
|
SPANSION LLC Spansion, Inc. Spansion Inc.
|
A29040AL-55 A29040AL-70 A29400UV-70 A2918EWH A2918 |
512K X 8 Bit CMOS 5.0 Volt-only/ Uniform Sector Flash Memory 512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only/ Boot Sector Flash Memory Dual full-bridge PWM motor driver
|
AMIC Technology Allegro MicroSystems
|
CY7C1380C-200AC CY7C1380C-200BGC CY7C1380C-167AC C |
Memory : Sync SRAMs PUSHBUTTON, METAL, FLAT, 22MM 5A; Switch function type:NC/NO Mom; Voltage, contact AC max:250V; Temp, op. max:55(degree C); Temp, op. min:-20(degree C); Diameter, panel cut-out:22.2mm; Length / Height, external:32mm; Dielectric RoHS Compliant: Yes 18-Mb (512K x 36/1M x 18) Pipelined SRAM 1M X 18 CACHE SRAM, 2.8 ns, PBGA165 18-Mb (512K x 36/1M x 18) Pipelined SRAM 1M X 18 CACHE SRAM, 2.6 ns, PBGA165 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 2.8 ns, PBGA165 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 3 ns, PQFP100 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 2.8 ns, PQFP100 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 3.4 ns, PQFP100
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
MX26LV040PC-55 MX26LV040QC-55 MX26LV040TC-55G |
4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY 512K X 8 FLASH 3V PROM, 55 ns, PDIP32 4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY 512K X 8 FLASH 3V PROM, 55 ns, PQCC32 4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY 512K X 8 FLASH 3V PROM, 55 ns, PDSO32
|
Macronix International Co., Ltd.
|
MX29LV040CTC-12 MX29LV040CTC-12G |
4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY 512K X 8 FLASH 3V PROM, 120 ns, PDSO32
|
Macronix International Co., Ltd.
|
AT25DF021-MH-T AT25DF021-MH-Y AT25DF021-MHF-Y AT25 |
2-Megabit 2.3Volt or 2.7-Volt Minimum SPI Serial Falsh Memory
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|
K6F8016V3A K6F8016V3A-F K6F8016V3A-TF55 K6F8016V3A |
512K X 16 STANDARD SRAM, 55 ns, PDSO44 From old datasheet system 512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
|
SAMSUNG[Samsung semiconductor] Samsung Electronic
|
S29CD016J0JDGH114 S29CD016J1JDGH037 S29CD016J1MDGH |
16 Megabit (512k x 32-Bit) CMOS 2.6 or 3.3 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory 512K X 32 FLASH 2.7V PROM, 54 ns, UUC74
|
Spansion, Inc. SPANSION LLC
|
S29CL016J0JDGH014 S29CL016J0JDGH037 S29CL016J0MDGH |
16 Megabit (512k x 32-Bit) CMOS 2.6 or 3.3 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory 512K X 32 FLASH 3.3V PROM, 54 ns, UUC74
|
Spansion, Inc. SPANSION LLC
|