PART |
Description |
Maker |
BWR-12/125-D12 BWR-12/125-D48 BWR-5/250-D48 BWR-15 |
Rad-hard hex buffer/converter Rad-hard triple 3-input NOR gate Rad-hard quad D-type flip flop with clear Rad-hard 4 bit synchronous up/down counters 型DC - DC电压转换
|
Ohmite Mfg. Co.
|
HS-22620RH HS0-22620RH-Q HS9-22620RH HS9-22620RH/P |
Rad Hard Dual/ Wideband/ High Input Impedance Uncompensated Operational Amplifier Rad Hard Dual, Wideband, High Input Impedance Uncompensated Operational
Amplifier(抗辐射宽带、高非补偿输入阻抗运算放大器) Rad Hard Dual, Wideband, High Input Impedance Uncompensated Operational Amplifier DUAL OP-AMP, 6000 uV OFFSET-MAX, 100 MHz BAND WIDTH, UUC18
|
Intersil Corporation Intersil, Corp.
|
LS2801R5S |
Hi-Rel RAD-Hard, Single, 28V Input DC-DC Converter in LS package From old datasheet system
|
International Rectifier Corp.
|
IRHF7330SE |
N-Channel Single Event Effect (SEE) Rad Hard HEXFET Transistor(N 娌?? ???浠舵?搴?Rad Hard HEXFET????朵?绠々
|
International Rectifier
|
AM29L510PCB AM29L510/BXC AM29510LMB AM29L510DCB |
and flexible way to implement power solutions for the latest high performance CPUs and ASICs.; Same as IR3086AM with Tape and Reel Packaging Hi-Rel RAD-Hard, Single, 28V Input DC-DC Converter in LS package; Hi-Rel RAD-Hard, Single, 28V Input DC-DC Converter in LS package Universal Active ORing Controller. Controller / driver IC in an SO-8 package for implementation of Active ORing / reverse polarity protection using N-channel Power MOSFETs.; Similar to IR5001S with Lead-Free packaging. 200V Secondary Side High Speed SR Controller in a 8-Lead SOIC Package. Used to drive N-Channel power MOSFETs used as Synchronous Rectifiers in isolated Flyback converters.; Similar to IR1166SPBF with Tape and Reel Packaging. 乘法累加
|
ITT, Corp.
|
MSK591XERH MSK591XHRH MSK591XKRH MSK591XRH MSK591X |
DUAL RAD HARD /- VOLTAGE REGULATOR
|
MSK[M.S. Kennedy Corporation]
|
M54HC4072K |
RAD-HARD DUAL 4-INPUT OR GATE
|
ST Microelectronics
|
M54HC4002-04 |
RAD-HARD DUAL 4-INPUT NOR GATE
|
STMicroelectronics
|
M54HC4538D M54HC4538D1 M54HC4538K M54HC4538K1 M54H |
RAD HARD DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
|
STMicroelectronics
|
M54HC20D M54HC20D1 M54HC20K M54HC20K1 M54HC2004 |
RAD-HARD DUAL 4-INPUT NAND GATE
|
ST Microelectronics STMicroelectronics
|
M54HC10904 M54HC109D M54HC109D1 M54HC109K M54HC109 |
RAD-HARD DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
|
STMicroelectronics
|
M54HC253 M54HC25304 M54HC253K1 M54HC253D M54HC253D |
RAD-HARD DUAL 4 CHANNEL MULTIPLEXER 3 STATE OUTPUT
|
STMicroelectronics
|